Part Number Hot Search : 
P8505 DL5405 LT1270A 1S2836 DV16230 XXXXZ 5947C 2N301
Product Description
Full Text Search
 

To Download HCPL-0452 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description these dual channel optocoup lers contain a pair of light emitting diodes and integrated photo-detec tors with electrical insulation between input and output. separate connection for the photodiode bias and output transis- tor collectors increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base-collector capacitance. these dual channel optocouplers are available in an 8 pin dip and in an industry standard so-8 package. the following is a cross reference table listing the 8 pin dip part number and the electrically equivalent so-8 part number. 8 pin dip so-8 package hcpl-2530 hcpl-0530 hcpl-2531 hcpl-0531 hcpl-4534 hcpl-0534 functional diagram hcpl-2530, hcpl-2531, hcpl-4534 hcpl-0530, hcpl-0531, hcpl-0534 dual channel, high speed optocouplers data sheet features  15 kv/  s minimum common mode transient immunity at v cm = 1500 v (hcpl-4534/0534)  ttl compatible  available in 8 pin dip, so-8, and 8 pin dip C gull wing surface mount (option 020) packages  high density packaging  3 mhz bandwidth  open collector outputs  safety approval ul recognized C 3750 v rms for 1 minute (5000 v rms for 1 minute for option 020) per ul1577 csa approved iec/en/din en 60747-5-2 C v iorm = 630 vpeak for hcpl-2530/2531/4534 0ption 060 C v iorm = 560 vpeak for hcpl-0530/0531/0534 0ption 060  single channel version available (4502/3, 0452/3)  mil-prf-38534 hermetic version available (55xx/65xx/4n55) applications  line receivers C high common mode transient immu- nity (>1000 v/  s) and low input-output capacitance (0.6 pf)  high speed logic ground isolation C ttl/ttl, ttl/lttl, ttl/cmos, ttl/lsttl  replace pulse transformers C save board space and weight  analog signal ground isolation C integrated photon detector provides improved linearity over phototran- sistor type  polarity sensing  isolated analog amplifier C dual channel packaging enhances thermal tracking caution: it is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by esd. a 0.1  f bypass capacitor between pins 5 and 8 is recommended. 7 1 2 3 4 5 6 8 anode 1 cathode 1 cathode 2 anode 2 v cc v o1 v o2 gnd truth table (positive logic) led on off v o low high lead (pb) free rohs 6 fully compliant rohs 6 fully compliant options available; -xxxe denotes a lead-free product
2 the so-8 does not require through holes in a pcb. this package occupies approximately one-third the footprint area of the standard dual-in-line package. the lead profile is designed to be compatible with standard surface mount processes. the hcpl-2530/0530 is for use in ttl/cmos, ttl/lsttl or wide bandwidth analog applications. current transfer ratio (ctr) for the hcpl-2530/0530 is 7% minimum at i f = 16 ma. selection guide widebody minimum cmr 8-pin dip (300 mil) small-outline so-8 (400 mil) hermetic current dual single dual single single single and dv/dt v cm transfer channel channel channel channel channel dual channel (v/s) (v) ratio (%) package package* package package* package* packages* 1,000 10 7 hcpl-2530 6n135 hcpl-0530 hcpl-0500 hcnw135 19 hcpl-2531 6n136 hcpl-0531 hcpl-0501 hcnw136 hcpl-4502 HCPL-0452 hcnw4502 15,000 1500 19 hcpl-4534 hcpl-4503 hcpl-0534 hcpl-0453 hcnw4503 1,000 10 9 hcpl-55xx hcpl-65xx 4n55 * technical data for these products are on separate avago publications. the hcpl-2531/0531 is designed for high speed ttl/ttl applications. a standard 16 ma ttl sink current through the input led will provide enough output current for 1 ttl load and a 5.6 k  pull-up resistor. ctr of the hcpl- 2531/0531 is 19% minimum at i f = 16 ma. the hcpl-4534/0534 is an hcpl-2531/0531 with increased common mode transient immunity of 15,000 v/s minimum at v cm = 1500 v guaranteed.
3 ordering information hcpl-2530, hcpl-2531, hcpl-4534, hcpl-0530, hcpl-0531 and hcpl-0534 are ul recognized with 3750 vrms for 1 minute per ul1577 and are approved under csa component acceptance notice #5, file ca 88324. part number option package surface mount gull wing tape & reel ul 5000 vrms/ 1 minute rating iec/en/din en 60747-5-2 quantity rohs compliant non rohs compliant hcpl-2530 hcpl-2531 hcpl-4534 -000e no option 300mil dip-x 50 per tube -300e -300 x x 50 per tube -500e -500 x x x 1000 per reel -020e -020 x 50 per tube -320e -320 x x x 50 per tube -520e -520 x x x x 1000 per reel -060e -060 x 50 per tube -360e -360 x x x 50 per tube -560e -560 x x x x 1000 per reel hcpl-0530 hcpl-0531 hcpl-0534 -000e no option so-8 100 per tube -500e -500 x x x 1500 per reel to order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. example 1: hcpl-2530-560e to order product of 300mil dip gull wing surface mount package in tape and reel packaging with iec/en/din en 60747-5-2 safety approval in rohs compliant. example 2: hcpl-2530 to order product of 300mil dip package in tube packaging and non rohs compliant. option datasheets are available. contact your avago sales representative or authorized distributor for information. remarks: the notation #xxx is used for existing products, while (new) products launched since 15th july 2001 and rohs compliant option will use -xxxe.
4 schematic package outline drawings 8-pin dip package (hcpl-2530/2531/4534) 1.080 0.320 (0.043 0.013) 2.54 0.25 (0.100 0.010) 0.51 (0.020) min. 0.65 (0.025) max. 4.70 (0.185) max. 2.92 (0.115) min. dimensions in millimeters and (inches). *marking code letter for option numbers. "v" = option 060 option numbers 300 and 500 not marked. note: floating lead protrusion is 0.25 mm (10 mils) max. 5 typ. 0.254 + 0.076 - 0.051 (0.010 + 0.003) - 0.002) 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010) 9.65 0.25 (0.380 0.010) 1.78 (0.070) max. 1.19 (0.047) max. a xxxxz yyww date code 5 6 7 8 4 3 2 1 option code* ul recognition ur type number 3.56 0.13 (0.140 0.005) i f1 hcpl-4534/0534 shield 8 7 v cc + 2 v o1 i cc v f1 i o1 1 C i f2 6 5 gnd C 4 v o2 v f2 i o2 3 + use of a 0.1 f bypass capacitor connected between pins 5 and 8 is recommended.
5 small outline so-8 package (hcpl-0530/0531/0534) xxx yww 8765 4 3 2 1 5.994 0.203 (0.236 0.008) 3.937 0.127 (0.155 0.005) 0.406 0.076 (0.016 0.003) 1.270 (0.050) bsc * 5.080 0.127 (0.200 0.005) 3.175 0.127 (0.125 0.005) 1.524 (0.060) 45 x 0.432 (0.017) 0.228 0.025 (0.009 0.001) type number (last 3 digits) date code 0.305 (0.012) min. * total package length (inclusive of mold flash) 5.207 0.254 (0.205 0.010) dimensions in millimeters (inches). lead coplanarity = 0.10 mm (0.004 inches) max. 0.203 0.102 (0.008 0.004) 7 note: floating lead protrusion is 0.15 mm (6 mils) max. 7.49 (0.295) 1.9 (0.075) 0.64 (0.025) land pattern recommendation package outline drawings, continued 8-pin dip package with gull wing surface mount option 300 (hcpl-2530/2531/4534) 0.635 0.25 (0.025 0.010) 12 nom. 9.65 0.25 (0.380 0.010) 0.635 0.130 (0.025 0.005) 7.62 0.25 (0.300 0.010) 5 6 7 8 4 3 2 1 9.65 0.25 (0.380 0.010) 6.350 0.25 (0.250 0.010) 1.016 (0.040) 1.27 (0.050) 10.9 (0.430) 2.0 (0.080) land pattern recommendation 1.080 0.320 (0.043 0.013) 3.56 0.13 (0.140 0.005) 1.780 (0.070) max. 1.19 (0.047) max. 2.54 (0.100) bsc dimensions in millimeters (inches). lead coplanarity = 0.10 mm (0.004 inches). note: floating lead protrusion is 0.25 mm (10 mils) max. 0.254 + 0.076 - 0.051 (0.010 + 0.003) - 0.002)
6 regulatory information the devices contained in this data sheet have been approved by the following organizations: solder reflow thermal profile recommended pb-free ir profile ul recognized under ul 1577, component recognition program, file e55361. csa approved under csa component acceptance notice #5, file ca 88324. iec/en/din en 60747-5-2 approved under: iec 60747-5-2:1997 + a1:2002 en 60747-5-2:2001 + a1:2002 din en 60747-5-2 (vde 0884 teil 2):2003-01. (option 060 only) 0 ti me (seconds) t empera t ure ( c) 200 1 00 50 1 50 1 00 200 250 300 0 30 sec . 50 sec . 30 sec . 1 60 c 1 40 c 1 50 c pea k t emp . 245 c pea k t emp . 240 c pea k t emp . 230 c solder i ng ti me 200 c pre h ea ti ng ti me 1 50 c , 9 0 + 30 sec . 2 . 5 c 0 . 5 c/sec . 3 c + 1 c/ C 0 . 5 c ti g ht ty p i cal loose room t empera t ure pre h ea ti ng ra t e 3 c + 1 c/ C 0 . 5 c/sec . re f low h ea ti ng ra t e 2 . 5 c 0 . 5 c/sec . no t e : non -h al i de f lu x s h ould b e used . 2 1 7 c ramp - down 6 c/sec . ma x. ramp - up 3 c/sec . ma x. 1 50 - 200 c * 260 + 0/ - 5 c t 25 c t o pea k 60 t o 1 50 sec . 1 5 sec . ti me w ithi n 5 c of ac t ual pea k t empera t ure t p t s pre h ea t 60 t o 1 80 sec . t l t l t sma x t smin 25 t p ti me t empera t ure no t es : th e ti me f rom 25 c t o pea k t empera t ure = 8 m i nu t es ma x. t sma x = 200 c , t smin = 1 50 c no t e : non -h al i de f lu x s h ould b e used . * recommended pea k t empera t ure f or w i de b od y 400mi l s pac k age i s 245 c
7 insulation and safety related specifications 8-pin dip (300 mil) so-8 parameter symbol value value units conditions minimum external l(101) 7.1 4.9 mm measured from input terminals to output to air gap (external to output terminals, shortest distance through air. clearance) minimum external l(102) 7.4 4.8 mm measured from input terminals to output tracking (external terminals, shortest distance path along body. creepage) minimum internal 0.08 0.08 mm through insulation distance, conductor to plastic gap conductor, usually the direct distance (internal clearance) between the photoemitter and photodetector inside the optocoupler cavity. minimum internal na na mm measured from input terminals to output tracking (internal terminals, along internal cavity. creepage) tracking resistance cti 200 200 volts din iec 112/vde 0303 part 1 (comparative tracking index) isolation group iiia iiia material group (din vde 0110, 1/89, table 1) option 300 C surface mount classification is class a in accordance with cecc 00802.
8 iec/en/din en 60747-5-2 insulation characteristics (option 060) characteristic hcpl- hcpl- description symbol 2530/2531/4534 0530/0531/0534 unit installation classification per din vde 0110/1.89, table 1 for rated mains voltage 150 v rms i-iv for rated mains voltage 300 v rms i-iv i-iii for rated mains voltage 600 v rms i-iii i-ii climatic classification 55/100/21 55/100/21 pollution degree (din vde 0110/1.89) 2 2 maximum working insulation voltage v iorm 630 567 v peak input to output test voltage, method b* v iorm x 1.875 = v pr , 100% production test v pr 1181 1050 v peak with t m = 1 sec, partial discharge < 5 pc input to output test voltage, method a* v iorm x 1.5 = v pr , type and sample test, v pr 945 840 v peak t m = 60 sec, partial discharge < 5 pc highest allowable overvoltage v iotm 6000 4000 v peak (transient overvoltage, t ini = 10 sec) safety limiting values (maximum values allowed in the event of a failure.) case temperature t s 175 150 ?c input current** i s,input 230 230 ma output power** p s,output 600 600 mw insulation resistance at t s , v io = 500 v r s > 10 9 > 10 9  * refer to the optocoupler section of the isolation and control components designer's catalog, under product safety regulations section, iec/en/din en 60747-5-2, for a detailed description of method a and method b partial discharge test profiles. ** refer to the following figure for dependence of p s and i s on ambient temperature. note : isolation characteristics are guaranteed only within the safet y maximum ratings, which must be ensured by protective circuits in application. output power C p s , input current C i s 0 0 t s C case temperature C c 200 700 400 25 800 50 75 100 200 150 175 p s (mw) i s (ma) 125 100 300 600 500
9 absolute ma x imum ratings parameter symbol device min . ma x. units note storage temperature t s -55 125 c operating temperature t a -55 100 c average forward input current i f(avg) 25 ma (each channel) peak forward input current (each channel) i f(peak) 50 ma (50% duty cycle, 1 ms pulse width) peak transient input current (each channel) i f(trans) 1 a ( 1 s pulse width, 300 pps) reverse led input voltage (each channel) v r 5 v input power dissipation (each channel) p in 45 mw average output current (each channel) i o(avg) 8 ma peak output current i o(peak) 16 ma supply voltage (pin 8-5) v cc -0.5 30 v output voltage (pins 7-5, 6-5) v o -0.5 20 v output power dissipation (each channel) p o 35 mw 13 lead solder temperature t ls 8 pin dip 260 c (through-hole parts only) 1.6 mm below seating plane, 10 seconds reflow temperature profile t rp so-8 and see package outline drawings option 300 section
10 electrical specifications (dc) over recommended temperature (t a = 0c to 70c) unless otherwise specified. see note 9. parameter sym . device min . typ . * ma x. units test conditions fig . note current ctr hcpl-2530/ 7 18 50 % t a = 25c i f = 16 ma, 1, 2 1, 2 transfer 0530 v cc = 4.5 v 4 ratio 5 v o = 0.5 v hcpl-2531/ 19 24 50 % t a = 25c 0531 hcpl-4534/ 15 0534 logic low v ol hcpl-2530/ 0.1 0.5 v t a = 25c i o = 1.1 ma i f = 16 ma, 1 1 output 0530 v cc = 4.5 v voltage 0.5 i o = 0.8 ma hcpl-2531/ 0.1 0.5 v t a = 25c i o = 3.0 ma 0531 hcpl-4534/ 0.5 i o = 2.4 ma 0534 logic high i oh 0.003 0.5 a t a = 25c v cc = v o = 5.5v, i f = 0 ma 6 1 output i f = 0 ma current 50 t a = 25c v cc = v o = 15v, i f = 0 ma logic low i ccl 100 400 a i f = 16 ma, v o = open, supply v cc = 15 v current logic high i cch 0.05 4 a i f = 0 ma, v o = open, supply v cc = 15 v current input v f 1.5 1.7 v t a = 25c 3 1 forward i f = 16 ma voltage 1.8 input bv r 5 v i r =10 a 1 reverse breakdown voltage temperature v f -1.6 mv/ i f = 16 ma coefficient t a c of forward voltage input c in 60 pf f = 1 mhz, v f = 0 v 1 capacitance *all typicals at t a = 25c.
11 package characteristics parameter sym . device min . typ . * ma x. units test conditions fig . note input-output v iso 3750 v rms rh < 50%, 3, 10 momentary with- t = 1 min., stand voltage** resistance r i-o 10 12  rh 45% 3 (input-output) v i-o = 500 vdc, t = 5 s capacitance c i-o 0.6 pf f = 1 mhz, 12 (input-output) t a = 25c input-input i i-i 0.005  a rh 45%, 4 insulation t = 5 s, leakage current v i-i = 500 vdc resistance r i-i 10 11  4 (input-input) capacitance c i-i hcpl-2530/ 0.03 pf f = 1 mhz 4 (input-input) 2531/4534 hcpl-0530/ 0.25 0531/0534 *all typicals at t a = 25c. **the input-output momentary withstand voltage is a dielectric v oltage rating that should not be interpreted as an input-output continuous voltage rating. for the continuous voltage rating refer to the iec/en/din en 60747-5-2 insulation characteristics table (if applicable) , your equipment level safety specification or avago application note 1074 entitled opt ocoupler input-output endurance voltage, publication number 59 63-2203e. hcpl-2530/2531 /4534 option 020 3, 11 5000 switching specifications (ac) over recommended temperature (t a = 0c to 70c), v cc = 5 v, i f = 16 ma unless otherwise specified. device parameter sym . hcpl- min . typ . * ma x. units test conditions fig . note propagation t phl 2530/0530 0.2 1.5  s t a = 25c r l = 4.1 k  5, 9, 6, 7 delay time 2.0 11 to logic low 2531/0531/ 0.2 0.8 t a = 25c r l = 1.9 k  at output 4534/0534 1.0 propagation t plh 2530/0530 1.3 1.5  s t a = 25c r l = 4.1 k  5, 9, 6, 7 delay time 2.0 11 high to logic 2531/0531/ 0.6 0.8 t a = 25c r l = 1.9 k  at output 4534/0534 1.0 common |cm h | 2530/0530 1 10 kv/  s r l = 4.1 k  i f = 0 ma, 10 5, 6, mode transient 2531/0531 1 10 r l = 1.9 k  t a = 25c, 7 immunity at 4534/0534 15 30 r l = 1.9 k  v cm = 10 v p-p logic high level output common |cm l | 2530/0530 1 10 kv/  s r l = 4.1 k  i f = 0 ma, 10 5, 6, mode transient 2531/0531 1 10 r l = 1.9 k  t a = 25c, 7 immunity at 4534/0534 15 30 r l = 1.9 k  v cm = 10 v p-p logic low level output bandwidth bw 3 mhz r l = 100 k  7, 8 *all typicals at t a = 25c.
12 notes : 1. each channel. 2. current transfer ratio is defined as the ratio of output collector current, i o , to the forward led input current, i f , times 100%. 3. device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together. 4. measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together. 5. common mode transient immunity in a logic high level is the maximum tolerable (positive) dv cm /dt on the rising edge of the common mode pulse, v cm , to assure that the output will remain in a logic high state (i.e., v o > 2.0 v). common mode transient immunity in a logic low level is the maximum tolerable (negative) dv cm /dt on the falling edge of the common mode pulse signal, v cm , to assure that the output will remain in a logic low state (i.e., v o < 0.8 v). 6. the 1.9 k  load represents 1 ttl unit load of 1.6 ma and the 5.6 k pull-up resistor. 7. the 4.1 k  load represents 1 lsttl unit load of 0.36 ma and the 6.1 k pull-up resistor. 8. the frequency at which the ac output voltage is 3 db below the low frequency asymptote. 9. use of a 0.1  f bypass capacitor connected between pins 5 and 8 is recommended. 10. in accordance with ul 1577, each optocoupler is proof tested by applying an insulation test voltage 4500 v rms for 1 seco nd (leakage detec- tion current limit, i i-o 5  a). 11. in accordance with ul 1577, each optocoupler is proof tested by applying an insulation test voltage 6000 v rms for 1 seco nd (leakage detec- tion current limit, i i-o 5  a). 12. measured between the led anode and cathode shorted together and pins 5 through 8 shorted together. 13. derate linearly above 90c free-air temperature at a rate of 3.0 mw/ c for the soic-8 package. figure 1 . dc and pulsed transfer characteristics . figure 2 . current transfer ratio vs . input current . figure 3 . input current vs . forward voltage . 0 10 20 v o C output voltage C v i o C output current C ma 10 5 0 t = 25c v = 5.0 v a cc 40 ma 35 ma 30 ma 25 ma 20 ma 15 ma 10 ma i = 5 ma f normalized i = 16 ma v = 0.5 v v = 5 v t = 25c f o cc a hcpl-2530/0530 hcpl-2531/0531/4534/0534 1.5 1.0 0.5 0.1 0 1 10 100 normalized current transfer ratio i f C input current C ma v f C forward voltage C volts 100 10 0.1 0.01 1.1 1.2 1.3 1.4 i f C forward current C ma 1.6 1.5 1.0 0.001 1000 i f v f + t = 25c a C figure 4 . current transfer ratio vs . temperature . figure 5 . propagation delay vs . temperature . figure 6 . logic high output current vs . tempera- ture . -50 +50 t a C temperature C c i oh C logic high output current C na 10 -2 -25 0 +25 +75 +100 10 -1 10 0 10 +1 10 +2 10 +3 10 +4 v o = v cc = 5.0 v i f = 0 1.1 1.0 0.9 0.8 0.7 0.6 -60 -20 0 80 normalized current transfer ratio t a C temperature C c f cc a -40 20 40 60 100 o normalized i = 16 ma v = 0.5 v v = 5 v t = 25c hcpl-2530/0530 hcpl-2531/0531/4534/0534 2000 1500 1000 500 0 -60 -20 20 60 100 t a C temperature C c t p C propagation delay C ns t phl t plh i f = 16 ma, v cc = 5.0 v hcpl-2530/0530 (r l = 4.1 k ) hcpl-2531/0531/4534/0534 (r l = 1.9 k )
13 figure 8 . frequency response . figure 7 . small-signal current transfer ratio vs . quiescent input current . i f i o C small signal current transfer ratio 0 0.10 0.20 0.30 0 i f C quiescent input current C ma 24 16 4 8 12 20 t a = 25c, r l = 100 , v cc = 5 v figure 9. switching test circuit . v o pulse gen. z = 50 t = 5 ns o r i monitor f i f 0.1f l r c l = 1.5 pf r m 0 t phl t plh o v i f ol v 1.5 v +5 v 1.5 v 5 v 10% duty cycle 1/f < 100 s 7 1 2 3 4 5 6 8 f C frequency C mhz 0 -20 0 . 01 0 . 1 normalized response Cdb 1 . 0 -25 10 -30 t a = 25 c i f = 16 ma -15 -10 -5 r l = 100 r l = 220 r l = 470 r l = 1 k 1 2 3 4 8 7 6 5 20 k set i f +5 v ac input 0 . 1 f 560 100 2n3053 1 . 6 v dc 0 . 25 vp-p ac 0 . 1 f +5 v v o r l
for product information and a complete list of distributors, please go to our website: www . avagotech . com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2011 avago technologies. all rights reserved. obsoletes av01-0370en av02-2333en - february 21, 2011 3.0 2.0 1.0 0.1 4 0.6 0.4 3 2 1 0.2 8 7 6 5910 0.8 r l C load resistance C k t plh t phl v = 5.0 v t = 25 c cc i = 10 ma i = 16 ma f t p C propagation delay C s f a figure 11 . propagation delay time vs . load resistance figure 10 . test circuit for transient immunity and typical waveforms o v 5 v ol v o v 0 v 10% 90% 90% 10% switch at a: i = 0 ma f switch at b: i = 16 ma f cm v t r t f v o i f 0.1 f l r +5 v a b pulse gen. v cm + C v ff 7 1 2 3 4 5 6 8


▲Up To Search▲   

 
Price & Availability of HCPL-0452

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X