Part Number Hot Search : 
PA1137 EM92547B SP254 MLL5930 40200 MC68HC7 2N4401SC TS128MCF
Product Description
Full Text Search
 

To Download H2105A01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  168 www.harwin.com www.harwin.com 168 all dimensions in mm. order c ode h 2174-01 h 2175-01 h 2173-01 h 2176-01 h 2170-01 a 4.32mm 4.90mm 8.13mm 9.53mm 13.21mm b 0.51mm 0.35mm 0.51mm 0.51mm 0.51mm pa nel thickness 1.6mm 1.6mm 1.6mm 1.6mm 1.6mm m ounting hole ? ?1.04-1.14mm ?1.04-1.14mm ?1.04-1.14mm ?1.04-1.14mm ?1.04-1.14mm o rder c ode h 2101a01 h 2105a01 h 2106a01 h 3108 -01 h 2101b01 h 210 5b01 a 6.53mm 4.11mm 4.11mm 5.70mm 8.39mm 6.30mm b 0.51mm 0.51mm 0.51mm 0.38mm ?0.93mm ?0.81mm pa nel thickness 1.6mm 1.6mm 2.4mm 1.0mm 1.6mm 1.6mm m ounting hole ? ?1.79-1.87mm ?1.33-1.41mm ?1.33-1.41mm ?0.50-0.55mm ?1.79-1.87mm ?1.33-1.41mm order c ode h 2157-01 h 3150-01 h 3151-01 h 2101-01 h 2105-01 a 11.40mm 7.00mm 5.59mm 8.23mm 5.05mm b 1.00mm 0.50mm 4.41mm 6.07mm 4.48mm c ?1.21mm ?0.97mm ?0.97mm ?0.91mm ?0.81mm d ?2.00mm ?1.59mm ?1.59mm ?2.39mm ?2.39mm pa nel thickness 1.6mm 1.6mm 1.6mm 1.6mm 1.6mm m ounting hole ? ?1.40-1.50mm ?0.99-1.04mm ?0.99-1.04mm ?1.79-1.87mm ?1.33-1.41mm material: brass with tin plating. for swaging tool change order code to prefx z and suffx 00 (example z2174-00). contact technical@harwin.com for alternative fnishes and custom designs. p c b terminals turned terminals a ?1.00 ?1.78 b a ?0.89 b ?2.39 ?0.81 b a ?2.39 a b ?0.50 ?1.00 a ?b ?2.39 0.51 ?d b a ?c ?d b a ?c a b ?c ?d a b ?c ?d pcb terminals


▲Up To Search▲   

 
Price & Availability of H2105A01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X