Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download GBLC03I12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05242.r6 9/12 page 1 05242 gblc03i - gblc24ci u l t r a low c a p a ci ta nce t vs a rr a y d escrip t ion the gblcxxi and gblcxxci series are ultra low capacitance transient voltage suppressor arrays, designed to protect applicatons such as portable electronics and smart phones. this series is available in both unidirectonal and bidi - rectonal confguratons and is rated at 250 wats for an 8/20s waveshape. the gblcxxi and gblcxxci series meets iec 61000-4-2 (esd) and iec 61000-4-4 (eft) requirements. at higher operat - ing frequencies or faster edge rates, inserton loss and signal integrity are a major concern. this series ofers a ultra low capacitance and low leakage current in a miniature sod-323 package. f e atu res ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv exceeds level 4: handles 10kv contact & 25kv air discharge ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? 250 wats peak pulse power per line (tp = 8/20s) ? replacement for mlv (0805) ? unidirectonal & bidirectonal confguratons ? protects one power or i/o port ? esd protecton > 25kv ? low clamping voltage ? available in multple voltages ranging from 3v to 24v ? ultra low capacitance: 0.6pf (typical) ? rohs compliant ? reach compliant m ec ha nic a l c ha r a c t eris t ics ? molded jedec sod-323 package ? approximate weight: 5 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 8mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 ? patent pending a pplic at ions ? ethernet 10/100/1000 base t ? smart phones ? handheld - wireless systems ? usb interface sod-323 p a c ka ge pin config u r at ion s 1 2 1 2 unidirectional bidirectional
only one name means protektion? www.protekdevices.com 05242.r6 9/12 page 2 05242 gblc03i - gblc24ci t ypic a l device c ha r a c t eris t ics m a xim u m r at ings @ 25c u nless otherwise specifed p a r a me t er symbol v a l u e u ni t s peak pulse power (tp = 8/20s) - see figure 1 p pp 250 wats operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c elec t ric a l c ha r a c t eris t ics per line @ 25c u nless otherwise specifed p a r t n u mber ( n ote 1 -2) device m a r k ing r at ed s ta nd-off vol ta ge v wm vol t s minim u m bre ak down vol ta ge @ 1 m a v (br) vol t s m a xim u m cl a mping vol ta ge (f ig. 2) @ ip = 1 a v c vol t s m a xim u m le aka ge c u rren t @v wm i d a t ypic a l c a p a ci ta nce @0v, 1m h z c p f gblc03i c 3.0 4.0 7.0 5 0.6 gblc03ci cc 3.0 4.0 7.0 5 0.6 gblc05i a 5.0 6.0 9.8 5 0.6 gblc05ci ac 5.0 6.0 9.8 5 0.6 gblc08i b 8.0 8.5 13.4 2 0.6 gblc08ci bc 8.0 8.5 13.4 2 0.6 gblc12i d 12.0 13.3 19.0 1 0.6 gblc12ci dc 12.0 13.3 19.0 1 0.6 gblc15i e 15.0 16.7 24.0 1 0.6 gblc15ci ec 15.0 16.7 24.0 1 0.6 gblc18i f 18.0 20.0 29.0 1 0.6 gblc18ci fc 18.0 20.0 29.0 1 0.6 gblc24i h 24.0 26.7 43.0 1 0.6 gblc24ci hc 24.0 26.7 43.0 1 0.6 n o t es 1. part numbers with an additonal c sufx are bidirectonal devices, i.e., gblc05 ci. 2. unidirectonal only: positve potental is applied from pin 1 to 2.
only one name means protektion? www.protekdevices.com 05242.r6 9/12 page 3 05242 gblc03i - gblc24ci t ypic a l device c ha r a c t eris t ics fig u re 1 pe ak p u lse power vs p u lse t ime t d - pulse duraton - s 250w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) fig u re 2 p u lse w a ve form t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05242.r6 9/12 page 4 05242 gblc03i - gblc24ci spice model fig u re 1 spice model abd - avalanche breakdown diode (tvs) lcrd: low capacitance rectfer diode lg - lead inductance abd lg 0.6nh unidirectional bidirectional lcrd lcrd i/o abd lg 0.6nh lcrd lcrd i/o abd ta ble 1 - spice p a r a me t ers p a r a me t er u ni t a bd (t vs ) lcrd bv v see table 2 100 ibv a 1 0.5 c jo pf see table 2 0.3 i s a see table 2 1e-11 vj v 0.6 0.6 m - 0.33 0.33 n - 1 1 r s ohms see table 2 0.75 tt s 1e-8 1e-9 eg ev 1.11 1.11 ta ble 2 - a bd specific spice p a r a me t ers p a r t n u mber b v ( vol t s ) c jo ( p f) i s (a mps ) r s ( o h ms ) gblc03i 4.0 200 1e-11 0.22 gblc05i 6.0 140 1e-11 0.18 gblc08i 8.5 67 1e-11 0.12 gblc12i 13.3 55 1e-13 1.10 gblc15i 16.7 47 1e-13 1.43 gblc24i 26.7 28 1e-13 4.24 gblc03ci 4.0 200 1e-11 0.22 gblc05ci 6.0 140 1e-11 0.18 gblc08ci 8.5 67 1e-11 0.12 gblc12ci 13.3 55 1e-13 1.10 gblc15ci 16.7 47 1e-13 1.43 gblc24ci 26.7 28 1e-13 4.24
only one name means protektion? www.protekdevices.com 05242.r6 9/12 page 5 05242 gblc03i - gblc24ci sod-323 p a c ka ge inform at ion o ut line dimensions dim millime t ers inc h es min m a x min m a x a 1.60 1.90 0.063 0.075 b 1.15 1.45 0.045 0.057 c 2.39 2.70 0.094 0.106 d 0.80 1.10 0.031 0.043 e 0.25 0.40 0.010 0.016 f 0.10 0.20 0.004 0.008 h - 0.10 - 0.004 l 0.20 - 0.008 - no t es 1. controlling dimension: millimeters. 2. dimensioning and tolerances per ansi y14.5m, 1985. 3. dimensions are exclusive of mold fash and metal burrs. p a d l a yo ut dimensions dim millime t ers inc h es min m a x min m a x a 2.87 3.12 0.113 0.123 b 0.66 0.91 0.026 0.036 c 0.66 0.91 0.026 0.036 no t es 1. controlling dimension: millimeters. a c e b f l d h a b c
only one name means protektion? www.protekdevices.com 05242.r6 9/12 page 6 05242 gblc03i - gblc24ci ta pe a nd reel 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape pin 1 indicated by band specific at ions r eel d i a. t a pe w id th a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 1.55 0.10 2.90 0.10 1.35 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.25 n o t es 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 3,000 pieces per 8mm tape. 4. marking on part - marking code (see page 2), polarity band (unidirectonal only). package outline, pad layout and tape specifcatons per document number 06010.r4 9/10. ordering inform at ion b a se p a r t n u mber ( xx = v oltage ) le a dfree s u ffix ta pe s u ffix q t y/reel reel size tu be q t y gblcxxi/gblcxxci -lf -t7 3,000 7 n/a this device is only available in a lead-free confguraton.
only one name means protektion? www.protekdevices.com 05242.r6 9/12 page 7 05242 gblc03i - gblc24ci comp a ny inform at ion copyright ? protek devices 2003 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. comp a ny profile in business more than 20 years, protek devices? is a privately-held company located in tempe, arizona, that ofers a product line of tran - sient voltage suppressors (tvs); avalanche breakdown diodes; steering diode tvs arrays and other surge suppressor component products. these tvs devices protect electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulses (nemp), inductve switching and emi / rfi. protek devices also ofers high performance interface and linear products that include analog switches; multplexers; led drivers; audio control ics; rf and related high frequency products. the analog devices work in a host of con - sumer; industrial; automotve and other applicatons. con ta c t us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com pro t ek devices ( a sia pacifc) pte. ltd. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 web www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of GBLC03I12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X