Part Number Hot Search : 
ISL22329 0015474 SPKC845F 74HC593 100AE 1781BST U06C50 11024
Product Description
Full Text Search
 

To Download FDD6635 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2005 ? 2005 fairchild semiconductor corporation FDD6635 rev. c(w) www.fairchildsemi.com FDD6635 35v n-channel powertrench ? mosfet general description this n-channel mosfet has been produced using fairchild semiconductor?s proprietary powertrench technology to deliver low rdson and optimized bvdss capability to offer superior performance benefit in the applications. applications ? inverter ? power supplies features ? 59 a, 35 v r ds(on) = 10 m @ v gs = 10 v r ds(on) = 13 m @ v gs = 4.5 v ? fast switching ? rohs compliant g s d to-252 d-pak (to-252) s g d absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage 35 v v ds(avalanche) drain-source avalanche voltage (maximum) (note 4) 40 v v gss gate-source voltage 20 v i d continuous drain current @t c =25c (note 3) 59 a @t a =25c (note 1a) 15 pulsed (note 1a) 100 power dissipation @t c =25c (note 3) 55 @t a =25c (note 1a) 3.8 p d @t a =25c (note 1b) 1.6 w t j , t stg operating and storage junction temperature range ?55 to +150 c thermal characteristics r jc thermal resistance, junction-to-case (note 1) 2.7 c/w r ja thermal resistance, junction-to-ambient (note 1a) 40 c/w r ja thermal resistance, junction-to-ambient (note 1b) 96 c/w package marking and ordering information device marking device package reel size tape width quantity FDD6635 FDD6635 d-pak (to-252) 13?? 12mm 2500 units FDD6635 35v n-channel powertrench ? mosfet
FDD6635 rev. c(w) www.fairchildsemi.com electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units drain-source avalanche ratings e as drain-source avalanche energy (single pulse) v dd = 35 v, i d = 15 a, l=1mh 113 mj i as drain-source avalanche current 15 a off characteristics (note 2) bv dss drain?source breakdown voltage v gs = 0 v, i d = 250 a 35 v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c 32 mv/ c i dss zero gate voltage drain current v ds = 28 v, v gs = 0 v 1 a i gss gate?body leakage v gs = 20 v, v ds = 0 v 100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 1 1.9 3 v v gs(th) t j gate threshold voltage temperature coefficient i d = 250 a, referenced to 25 c ?5 mv/ c r ds(on) static drain?source on?resistance v gs = 10 v, i d = 15 a v gs = 4.5 v, i d = 13 a v gs = 10 v, i d = 15 a, t j =125 c 8.2 10.2 12.4 10 13 16 m g fs forward transconductance v ds = 5 v, i d = 15 a 53 s dynamic characteristics c iss input capacitance 1400 pf c oss output capacitance 317 pf c rss reverse transfer capacitance v ds = 20 v, v gs = 0 v, f = 1.0 mhz 137 pf r g gate resistance v gs = 15 mv, f = 1.0 mhz 1.4 switching characteristics (note 2) t d(on) turn?on delay time 11 20 ns t r turn?on rise time 6 12 ns t d(off) turn?off delay time 28 45 ns t f turn?off fall time v dd = 20 v, i d = 1 a, v gs = 10 v, r gen = 6 14 25 ns q g (tot) total gate charge, v gs = 10v 26 36 nc q g total gate charge, v gs = 5v 13 18 nc q gs gate?source charge 3.9 nc q gd gate?drain charge v ds = 20 v, i d = 15 a 5.3 nc FDD6635 35v n-channel powertrench ? mosfet
FDD6635 rev. c(w) www.fairchildsemi.com d r p ds(on) electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units drain?source diode characteristics v sd drain?source diode forward voltage v gs = 0 v, i s = 15 a (note 2) 0.8 1.2 v trr diode reverse recovery time 26 ns qrr diode reverse recovery charge if = 15 a, dif/dt = 100 a/s 16 nc notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. a) r ja = 40c/w when mounted on a 1in 2 pad of 2 oz copper b) r ja = 96c/w when mounted on a minimum pad. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 s, duty cycle < 2.0% 3. maximum current is calculated as: where p d is maximum power dissipation at t c = 25c and r ds(on) is at t j(max) and v gs = 10v. package current limitation is 21a 4. bv(avalanche) rating is guaranteed if device is operated within the uis soa boundary of the device. FDD6635 35v n-channel powertrench ? mosfet
FDD6635 rev. c(w) www.fairchildsemi.com typical characteristics 0 10 20 30 40 50 60 70 80 00.511.522.53 v ds , drain-source voltage (v) i d , drain current (a) 3.5v v gs =10v 4.0v 3.0v 4.5v 6.0v 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 0 1020304050607080 i d , drain current (a) r ds(on) , normalized drain-source on-resistance v gs = 3.5v 4.0v 6.0v 4.5v 5.0v 10v figure 1. on-region characteristics fi gure 2. on-resistance variation with drain current and gate voltage 0.6 0.8 1 1.2 1.4 1.6 1.8 -50 -25 0 25 50 75 100 125 150 t j , junction temperature ( o c) r ds(on) , normalized drain-source on-resistance i d = 15a v gs = 10v 0.005 0.009 0.013 0.017 0.021 0.025 0.029 246810 v gs , gate to source voltage (v) r ds(on) , on-resistance (ohm) i d = 7.5a t a = 125 o c t a = 25 o c figure 3. on-resistance variation with temperature figure 4. on-resistance variation with gate-to-source voltage 0 10 20 30 40 50 60 70 80 1.522.533.544.5 v gs , gate to source voltage (v) i d , drain current (a) t a =-55 o c 25 o c v ds = 5v 125 o c 0.0001 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 v sd , body diode forward voltage (v) i s , reverse drain current (a) t a = 125 o c 25 o c -55 o c v gs = 0v figure 5. transfer characteristics figure 6. body diode forward voltage variation with source current and temperature fdd 6635 35 v n- c h a nn e l p o w e rtr e n c h ? m os fet
FDD6635 rev. c(w) www.fairchildsemi.com typical characteristics 0 2 4 6 8 10 0 5 10 15 20 25 30 q g , gate charge (nc) v gs , gate-source voltage (v) i d = 15a v ds = 10v 15v 20v 0 400 800 1200 1600 2000 0 5 10 15 20 25 30 v ds , drain to source voltage (v) capacitance (pf) c iss c rss c oss f = 1mhz v gs = 0 v figure 7. gate charge characteristics figure 8. capacitance characteristics 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 v ds , drain-source voltage (v) i d , drain current (a) dc 1s 100ms r ds(on) limit v gs = 10v single pulse r ja = 96 o c/w t a = 25 o c 10ms 1ms 100s 10s 0 20 40 60 80 100 0.01 0.1 1 10 100 1000 t 1 , time (sec) p(pk), peak transient power (w) single pulse r ja = 96c/w t a = 25c figure 9. maximum safe operating ar ea figure 10. single pulse maximum power dissipation 0 20 40 60 80 100 0.1 1 10 100 1000 t 1 , time (sec) i(pk), peak transient current (a) single pulse r ja = 96c/w t a = 25c 1 10 100 1000 1 10 100 1000 10000 t av , time in avanche(ms) i (as) , avalanche current t j = 25 o c figure 11. single pulse maximum peak current figure 12. unclamped inductive switching capability fdd 6635 35 v n- c h a nn e l p o w e rtr e n c h ? m os fet
FDD6635 rev. c(w) www.fairchildsemi.com typical characteristics 0.001 0.01 0.1 1 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) r(t), normalized effective transien t thermal resistance r ja (t) = r(t) * r ja r ja = 96 c/w t j - t a = p * r ja (t) duty cycle, d = t 1 / t 2 p(pk) t 1 t 2 single pulse 0.0 0.02 0.05 0.1 0.2 d = 0.5 figure 13. transient thermal response curve thermal characterization performed using the conditions described in note 1b. transient thermal response will change depending on the circuit board design. fdd 6635 35 v n- c h a nn e l p o w e rtr e n c h ? m os fet
FDD6635 rev. c(w) www.fairchildsemi.com test circuits and waveforms v ds l r gen dut v gs i as 0.01 v dd + - tp 0v vary t p to obtain required peak i as v gs v ds l r gen dut v gs i as 0.01 v dd + - tp 0v vary t p to obtain required peak i as v gs t av t p i as v ds v dd bv dss t av t p i as v ds v dd bv dss figure 14. unclamped inductive load test circuit figure 15. unclamped inductive waveforms dut v dd v gs i g(ref) + - + - same type as dut drain current regulator 1 f 10 f 10v 50k dut v dd v gs i g(ref) + - + - same type as dut drain current regulator 1 f 10 f 10v 50k v gs q gs q gd q g 10v charge, (nc) v gs q gs q gd q g 10v charge, (nc) figure 16. gate charge test circuit figure 17. gate charge waveform v ds r l r gen dut v dd v gs pulse width 1 s duty cycle 0.1 % v gs + - v ds r l r gen dut v dd v gs pulse width 1 s duty cycle 0.1 % v gs + - t r t f t d(on) t d(off) t on t off pulse width 10% 10% 90% 10% 90% 50% 90% 50% 0v 0v v gs v ds t r t f t d(on) t d(off) t on t off pulse width 10% 10% 90% 10% 90% 50% 90% 50% 0v 0v v gs v ds figure 18. switching time test circuit figure 19. switching time waveforms fdd 6635 35 v n- c h a nn e l p o w e rtr e n c h ? m os fet
disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? pop? power247? poweredge? fast ? fastr? fps? frfet? globaloptoisolator? gto? hisec? i 2 c? i-lo ? implieddisconnect? intellimax? rev. i16 acex? activearray? bottomless? build it now? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? fact quiet series? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? serdes? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic ? tinyopto? trutranslation? uhc? ultrafet ? unifet? vcx? wire? across the board. around the world.? the power franchise ? programmable active droop?


▲Up To Search▲   

 
Price & Availability of FDD6635

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X