Part Number Hot Search : 
BUL1280 153PPA YD2025D 74HCU04 YD2025 IN5404 D8LC40 IN5404
Product Description
Full Text Search
 

To Download FCR0860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameters symbol device number rat ing units repetitive peak off-state voltage and repetitive peak reverse voltage * v drm * v rrm fcr0840 FCR0860 400 600 volt rms on-state current at ta=57 and conduction angle of 180o i t (rms) 0.8 amp peak surge (non-repetitive)on-state current, ? cycle ,at 50hz or 60hz i tsm 8 amp peak gate-trigger current for 3 sec , max i gtm 0.8 amp peak gate-power dissipation at igt Qigtm p gm 0.1 w att average gate-power dissipation p g (av) 0.01 w att peak gate reverse voltage v rgm 10 v peak off-state current, ta=25 (1) vdrm & vrrm=max. rating ta=125 (2) * i drm * i rrm (1) 10 (2) 100 a max maximum on-state voltage. (peak) at tc=25 and it =rated amps v tm 1.7 volt max dc holding current * i h 5 ma max critical rate-of-rise of off-state voltage gate open,ta=110 * critical dv/dt 5 v/ sec dc gate ? trigger current for anode voltage=7vdc, rl=100 i gt 100 a max dc gate ? trigger voltage for anode voltage=7vdc, rl=100 v gt 0.8 volt max gate-controlled turn-on tim e td+tr igt=10ma tgt 2.2 sec thermal resistance , junction-to-case r j-c 75 /watt typ storage temperature range tstg -40 to + 150 operating temperature ra nge , tj toper -40 to + 110 driven directly with ic a nd mos device. feature proprietary, void-free glass passivate chips. available in voltage ratings from 400 to 600 volts. (vdrm and vrrm) maximum ratings and electrical characteristics (ta=25 ) sensitive gate trigger current. designed for high volume, line-powered control application in relay lamp drivers, small motor controls, gate drivers for large thyristors. rgk=1k 1 2 3 to-92 1. cathode 2. gate 3. anode description mechanical dimensions fcr0840~60


▲Up To Search▲   

 
Price & Availability of FCR0860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X