Part Number Hot Search : 
K3451 BAV10 AMS2818C 60PZ750 BTLRGR2 08852 HEF4071 25201
Product Description
Full Text Search
 

To Download DTC123YE12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente dtc123ye / dtc123yua / dtc123yca npn digital transistors (built-in resistors) 19-dec-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? built-in bias resistors en able the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). ? the bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. equivalent circuit absolute maximum ratings (t a = 25 c unless otherwise noted) limits (dtc123y ) parameter symbol e ua ca unit supply voltage v cc 50 v input voltage v in -5~12 v i o 100 output current i c(max) 100 ma power dissipation p d 150 200 mw junction & storage temperature t j , t stg -55~150 c electrical characteristics (t a = 25 c unless otherwise noted) parameter symbol min. typ. max. unit test conditions v i(off) - - 0.3 v cc =5v, i o =100 a input voltage v i(on) 3 - - v v o =0.3v, i o =20ma output voltage v o(on) - 0.1 0.3 v i o /i i =10ma / 0.5ma input current i i - - 3.8 ma v i = 5v output current i o(off) - - 0.5 a v cc =50v, v i =0 dc current gain g i 33 - - v o =5v, i o =10ma input resistance r 1 1.54 2.2 2.86 k ? resistance ratio r 2 / r 1 3.6 4.5 5.5 transition frequency f t - 250 - mhz v o =10v, i o =5ma, f= 100mhz dtc123ye (sot-523) addreviated symbol 62 dtc123yua (sot-323) ? addreviated symbol 62 dtc123yca (sot-23) addreviated symbol 62
elektronische bauelemente dtc123ye / dtc123yua / dtc123yca npn digital transistors (built-in resistors) 19-dec-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of DTC123YE12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X