? all specifications are subject to change without notice. conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. issue date: july 2011 mid-high voltage ceramic capacitors ck45 series disk type with lead general use
(1/3) 003-02 / 20110711 / e413_ck45.fm all specifications are subject to change without notice. mid-high voltage ceramic capacitors(disk with lead) general use ck45 series features high voltage ceramic capacitors series higher reliability has been achieved through the use of tdk original dielectric and copper for electrode material due to nice matching of the ceramic dielectrics material for copper for electrode. these products shall conform to rohs directive due to lead(pb) free of lead wire and internal solder material. this product is compatible with halogen-free external resin coating (we recommend halogen-free products as standard). operating temperature range: ?25 to +105c (the maximum operating temperature of 105c includes capacitor self-generated heat of up to 20c.) product identification (1) type (2) shape (3) capacitance temperature characteristics (4) rated voltage (5) nominal capacitance (6) capacitance tolerance (7) class (8) lead type (9) general use (10) halogen-free compatible product capacitance temperature characteristics and tolerance capacitance and dimensions temperature characteristics: b(10%) rated voltage edc: 1kv ? ? : lead shape symbol 1kv and 2kv are e6 series standard products in temperature characteristics b. rated voltage edc: 2kv ? ? : lead shape symbol 1kv and 2kv are e6 series standard products in temperature characteristics b. conformity to rohs directive ck 45 -b 3ad 102 k y n n a (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) temperature characteristics test temperature range capacitance tolerance b(10%) ?25 to +85c k(10%) e(+20, ?55%) ?25 to +85c z(+80, ?20%) part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d ck45-b3ad101ky ? ? na ck45-b3ad101ky ? ? n 100 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3ad151ky ? na ck45-b3ad151ky ? n 150 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3ad221ky ? na ck45-b3ad221ky ? n 220 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3ad331ky ? na ck45-b3ad331ky ? n 330 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3ad471ky ? na ck45-b3ad471ky ? n 470 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3ad681ky ? na ck45-b3ad681ky ? n 680 5.5 5.0 7.51.5 0.60.05 v2 ck45-b3ad102ky ? na ck45-b3ad102ky ? n 1,000 6.0 5.0 5.01.5 0.60.05 v1 ck45-b3ad152ky ? na ck45-b3ad152ky ? n 1,500 7.0 5.0 5.01.5 0.60.05 v1 ck45-b3ad222ky ? na ck45-b3ad222ky ? n 2,200 8.5 5.0 5.01.5 0.60.05 v1 ck45-b3ad332ky ? na ck45-b3ad332ky ? n 3,300 9.5 5.0 5.01.5 0.60.05 v1 ck45-b3ad472ky ? na ck45-b3ad472ky ? n 4,700 11.0 5.0 5.01.5 0.60.05 v1 ck45-b3ad682ky ? na ck45-b3ad682ky ? n 6,800 13.0 5.0 7.51.5 0.60.05 v2 ck45-b3ad103ky ? na ck45-b3ad103ky ? n 10,000 15.0 5.0 7.51.5 0.60.05 v3 part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d ck45-b3dd101ky ? ? na ck45-b3dd101ky ? ? n 100 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3dd151ky ? na ck45-b3dd151ky ? n 150 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3dd221ky ? na ck45-b3dd221ky ? n 220 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3dd331ky ? na ck45-b3dd331ky ? n 330 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3dd471ky ? na ck45-b3dd471ky ? n 470 5.5 5.0 5.01.5 0.60.05 v1 ck45-b3dd681ky ? na ck45-b3dd681ky ? n 680 6.5 5.0 5.01.5 0.60.05 v1 ck45-b3dd102ky ? na ck45-b3dd102ky ? n 1,000 7.5 5.0 5.01.5 0.60.05 v1 ck45-b3dd152ky ? na ck45-b3dd152ky ? n 1,500 8.5 5.0 5.01.5 0.60.05 v1 ck45-b3dd222ky ? na ck45-b3dd222ky ? n 2,200 10.0 5.0 5.01.5 0.60.05 v1 ck45-b3dd332ky ? na ck45-b3dd332ky ? n 3,300 11.5 5.0 7.51.5 0.60.05 v2 ck45-b3dd472ky ? na ck45-b3dd472ky ? n 4,700 14.0 5.0 7.51.5 0.60.05 v2 conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/3) 003-02 / 20110711 / e413_ck45.fm all specifications are subject to change without notice. capacitance and dimensions temperature characteristics: b(10%) rated voltage edc: 3kv ? ? : lead shape symbol temperature characteristics: e(+20, ?55%) rated voltage edc: 1kv ? ? : lead shape symbol 1kv and 2kv are e3 series standard products in temperature characteristics e. rated voltage edc: 2kv ? ? : lead shape symbol 1kv and 2kv are e3 series standard products in temperature characteristics e. rated voltage edc: 3kv ? ? : lead shape symbol list of standard lead shapes the lead type is indicated by the letter which is the 15th character of the product name. dimensions in mm we recommend using a vertical kink type. for bulk products, we recommend a short lead type with the symbol n. part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d ck45-b3fd101ky ? ? na ck45-b3fd101ky ? ? n 100 5.5 6.0 7.51.5 0.60.05 v2 ck45-b3fd151ky ? na ck45-b3fd151ky ? n 150 5.5 6.0 7.51.5 0.60.05 v2 ck45-b3fd221ky ? na ck45-b3fd221ky ? n 220 5.5 6.0 7.51.5 0.60.05 v2 ck45-b3fd331ky ? na ck45-b3fd331ky ? n 330 6.5 6.0 7.51.5 0.60.05 v2 ck45-b3fd471ky ? na ck45-b3fd471ky ? n 470 7.0 6.0 7.51.5 0.60.05 v2 ck45-b3fd681ky ? na ck45-b3fd681ky ? n 680 8.0 6.0 7.51.5 0.60.05 v2 ck45-b3fd102ky ? na ck45-b3fd102ky ? n 1,000 9.0 6.0 7.51.5 0.60.05 v2 ck45-b3fd152ky ? na ck45-b3fd152ky ? n 1,500 10.5 6.0 7.51.5 0.60.05 v2 ck45-b3fd222ky ? na ck45-b3fd222ky ? n 2,200 12.5 6.0 7.51.5 0.60.05 v2 ck45-b3fd332ky ? na ck45-b3fd332ky ? n 3,300 14.5 6.0 7.51.5 0.60.05 v3 part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d ck45-e3ad471zy ? ? na ck45-e3ad471zy ? ? n 470 5.5 6.0 5.01.5 0.60.05 v1 ck45-e3ad102zy ? na ck45-e3ad102zy ? n 1,000 5.5 6.0 5.01.5 0.60.05 v1 ck45-e3ad222zy ? na ck45-e3ad222zy ? n 2,200 6.5 6.0 5.01.5 0.60.05 v1 ck45-e3ad472zy ? na ck45-e3ad472zy ? n 4,700 8.5 6.0 5.01.5 0.60.05 v1 ck45-e3ad103zy ? na ck45-e3ad103zy ? n 10,000 11.5 6.0 7.51.5 0.60.05 v2 part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d ck45-e3dd471zy ? ? na ck45-e3dd471zy ? ? n 470 5.5 5.0 5.01.5 0.60.05 v1 ck45-e3dd102zy ? na ck45-e3dd102zy ? n 1,000 6.0 5.0 5.01.5 0.60.05 v1 ck45-e3dd222zy ? na ck45-e3dd222zy ? n 2,200 8.0 5.0 5.01.5 0.60.05 v1 ck45-e3dd472zy ? na ck45-e3dd472zy ? n 4,700 10.5 5.0 5.01.5 0.60.05 v1 ck45-e3dd103zy ? na ck45-e3dd103zy ? n 10,000 14.5 5.0 7.51.5 0.60.05 v3 part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d ck45-e3fd471zy ? ? na ck45-e3fd471zy ? ? n 470 6.0 6.0 7.51.5 0.60.05 v2 ck45-e3fd102zy ? na ck45-e3fd102zy ? n 1,000 7.5 6.0 7.51.5 0.60.05 v2 ck45-e3fd222zy ? na ck45-e3fd222zy ? n 2,200 9.5 6.0 7.51.5 0.60.05 v2 ck45-e3fd472zy ? na ck45-e3fd472zy ? n 4,700 12.5 6.0 7.51.5 0.60.05 v2 ck45-e3fd103zy ? na ck45-e3fd103zy ? n 10,000 17.5 6.0 10.02 0.60.05 ? long lead short lead taping vertical kink symbol g symbol n symbol v example) tdk product name: ck45-b3ad102kynna n: lead type (vertical kink, short) 25min. 4max. d f d t 5 1 4max. d t f d 16 +1.5 ?0.5 4max. d t
(3/3) 003-02 / 20110711 / e413_ck45.fm all specifications are subject to change without notice. taping dimemsions vertical kink lead type item symbol dimensions (mm) remarks v1 v2 v3 body diameter d depends on the s pecification of each product. body thickness t depends on the specification of each product. lead-wire diameter ?d 0.60.05 0.60.05 0.60.05 pitch of component p 12.71.0 15.01.0 30.01.0 including the slant of body feed hole pitch p 0 12.70.3 15.00.3 15.00.3 excepting the tape splicing part feed hole center to lead p 1 3.850.7 3.750.7 3.750.7 feed hole center to component center p 2 6.351.3 7.51.3 7.51.3 lead-to lead distance f 5+0.8, ?0.2 7.50.8 7.50.8 measuring point is bottom kink component alignment ? h 02.0 02.0 02.0 including the slanting body due to bending lead-wire tape width w 18.0+1.0, ?0.5 18.0+1.0, ?0.5 18.0+1.0, ?0.5 adhesive tape width w 0 11.5min. 11.5min. 11.5min. hole position w 1 9.00.5 9.00.5 9.00.5 adhesive tape position w 2 3.0max. 3.0max. 3.0max. adhesive tape do not stick out the tape bottom of kink from tape center h 0 16.0+1.5, ?0.5 16.0+1.5, ?0.5 16.0+1.5, ?0.5 height of body from tape center h 1 46.0max. 46.0max. 46.0max. lead-wire protrusion 1.0max. 1.0max. 1.0max. feed hole diameter d 0 4.00.2 4.00.2 4.00.2 total tape thickness t 0.60.3 0.60.3 0.60.3 do not including adhesive tape length of snipped lead l 11.0max. 11.0max. 11.0max. coating on lead c 4.0max. 4.0max. 4.0max. height of kink a 4.0max. 4.0max. 4.0max. measuring point is bottom kink spring action s 2.0max. 2.0max. 2.0max. p p 2 d p 0 d 0 ?d a h 0 w h 1 w 1 t ? h ? h s h 0 c l t w 0 w 2 f p 1 v1, v2 p p 2 d p 0 ?d a h 0 w h 1 w 1 t ? h ? h s h 0 c l t w 0 w 2 f p 1 d 0 v3 for more information about products with other capacitance or other data, please contact us.
|