Part Number Hot Search : 
KC74125C 2SB920L LZ802 232ACBZ 6LT1G SK153 11080 W83601R
Product Description
Full Text Search
 

To Download B1020WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www .weitron.com.tw weitron B1020WS schottky diode 1.0 amperes 20 volts * ultra high-speed switching * very low forward voltage * voltage clampingprotection circuits. surface mount schottky barrie r diode features: 1/3 06-feb-09 le a d( p b)- f r ee p b d i m m i n m a x a b c d e h j k 1.60 1 . 8 0 1.15 1 . 3 5 0.80 1 . 0 0 0.25 0 . 4 0 0.15 r e f 0.00 0 . 1 0 0.089 0. 1 7 7 2.30 2 . 7 0 p i n 1 . c a t h o d e 2 . a n o d e millmeters sod-323 outline demensions * case: sod-323 4v-o * leads: solderable per mil-std-202, method 208 * polarity: cathode band * weight: 0.004 grams(approx.) mechanical data: unit:mm sod-323
weitron http://ww w .weitron.com.tw maximum ratings (t a =25c unless otherwise noted) characteristic thermal resistance junction to ambient symbol i fsm i o unit a a c/w operating temperature range t j -65 to +150 c c r ja 180 2 c/w 220 1 non-repetitve peak forward surge current 1.0 5.0 characteristic symbol continuous reverse voltage v r unit f o r w a r d v oltage i f =10ma i f =100ma i f =1000ma v - - - f mv v c apacitan c e be t w een t e r minals v r =5 v , f=1.0m h z c pf r e v erse c u r r e n t v r =5v v r =8v v r =15v i r a 270 350 550 10 20 25 electrical characteristics (t a =25?c unless otherwise noted) 240 300 480 5 7 50 10 19 20 d device marking item marking eqivalent ci r cuit diagram B1020WS v2 2 1 2/3 B1020WS 06-feb-09 value min typ max storage temperature range 1. device mounted on an fr4 printed-circuit board with cu clad 10x10mm. 2. device mounted on an fr4 printed-circuit board with cu clad 40x40mm t stg +125 operating ambient temperature range t amb c -65 to +125
weitron http://ww w .weitron.com.tw electrical characteristic curves(t a =25?c) 3/3 B1020WS 06-feb-09 0.6 0.2 4 . 0 0 v f (v) i f (ma) 10 3 10 2 10 1 10 - 1 fig.1 forward current as a function of forward t amb = 125 c t amb = 85 c t amb = 25 c 25 0 5 1 0 15 i r ( a) 20 v r (v) 10 5 10 4 10 3 10 2 10 1 fig.2 reverse current as a function of reverse t amb = 125 c t amb = 85 c t amb = 25 c 0 5 c d (pf) 0 2 0 1 80 60 20 0 40 15 v r (v) fig.3 diode capacitance as a function of reverse t amb = 25 c; f = 1 mhz.


▲Up To Search▲   

 
Price & Availability of B1020WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X