Part Number Hot Search : 
S2801 STZ8082 MAX4020 M3087BFK MAX96701 PEMX1 GA128A T493X337
Product Description
Full Text Search
 

To Download AP4426GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 30v fast switching characteristic r ds(on) 6.5m low on-resistance i d 16a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 50 /w data and specifications subject to change without notice 201011182 rohs-compliant product thermal data parameter total power dissipation 2.5 -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.02 storage temperature range continuous drain current 3 12.8 pulsed drain current 1 80 parameter drain-source voltage gate-source voltage continuous drain current 3 1 AP4426GM rating 30 + 20 16 advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the so-8 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. s s s g d d d d so-8 g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v bv dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.02 - v/ r ds(on) static drain-source on-resistance 2 v gs =10v, i d =16a - - 6.5 m v gs =4.5v, i d =12a - - 10 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 0.8 - 2.5 v g fs forward transconductance v ds =10v, i d =16a - 30 - s i dss drain-source leakage current v ds =30v, v gs =0v - - 1 ua drain-source leakage current (t j =70 o c) v ds =24v, v gs =0v - - 25 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =16a - 28 45 nc q gs gate-source charge v ds =25v - 5 - nc q gd gate-drain ("miller") charge v gs =4.5v - 16 - nc t d(on) turn-on delay time 2 v ds =15v - 12 - ns t r rise time i d =1a - 8 - ns t d(off) turn-off delay time r g =3.3 ,v gs =10v - 44 - ns t f fall time r d =15 -17- ns c iss input capacitance v gs =0v - 2000 3200 pf c oss output capacitance v ds =25v - 500 - pf c rss reverse transfer capacitance f=1.0mhz - 370 - pf r g gate resistance f=1.0mhz - 1.1 1.7 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =1.9a, v gs =0v - - 1.3 v t rr reverse recovery time 2 i s =16a, v gs =0 v , - 30 - ns q rr reverse recovery charge di/dt=100a/s - 25 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP4426GM 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10sec ; 125 /w when mounted on min. copper pad.
AP4426GM fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 5 10 15 20 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =12a t a =25 0 20 40 60 80 100 0246 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c 10v 7.0v 5.0v 4.5v v g =3.0v 0 20 40 60 80 100 0246 v ds , drain-to-source voltage (v) i d , drain current (a) t a = 150 o c 10v 7.0v 5.0v 4.5v v g =3.0v 0.4 0.9 1.4 1.9 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =16a v g =10v 0.0 0.5 1.0 1.5 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 3 6 9 12 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c
AP4426GM fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. gate charge waveform 4 q v g 4.5v q gs q gd q g charge 0 4 8 12 16 0204060 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =15v v ds =20v v ds =25v i d =16a 100 1000 10000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =125 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0 20 40 60 80 100 012345 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP4426GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X