Part Number Hot Search : 
MC7815A 2SK23 2SB926 DTZ100 015C2 HER205G AX168 SG6506
Product Description
Full Text Search
 

To Download AP3106M-G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 1 general description the ap3106 is a high voltage start-up, current mode pwm controller with green-mode power-saving operation. the pwm switching frequency at normal operation is externally programmable and trimmed to a narrow range. the ap3106 integrates a proprietary internal frequency dithering function that helps to reduce emi emission of a power supply with minimum line filters used. to minimize the standby power consumption, a proprietary adaptive green-mode function is available to implement frequency modulation under light-load conditions. to avoid acoustic noise problems, the minimum pwm frequency is set at about 26khz. the ap3106 integrates a lot of functions such as the lead-edge blanking (leb) of the current sensing, internal slope compensatio n, line compensation, and several protection features that include cycle-by-cycle current limit (ocp), over voltage protection, otp, olp and brownout protection. the ap3106 is available in soic-7 package to realize a compact size. features ? high-voltage start-up circuit ? low start-up current: 15 a (max.) ? current mode control ? programmable pwm switching frequency ? non-audible-noise green mode control ? leb (leading-edge blanking) on sense pin ? fast ocp for abnormal short circuit ? frequency linearly decreasing at light load ? soft driving ? internal slope compensation ? built-in brownout protection ? useful pin fault protection cs pin floating ri pin short to ground ri pin floating ? comprehensive system protection vcc over voltage pr otection (vovp) over temperature protection (otp) constant over load protection (colp) short circuit protection (scp) ? compact size soic-7 package applications ? switching ac/dc adaptor ? lcd monitor/tv power ? open frame switching power supply figure 1. package type of ap3106 soic-7
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 2 pin configuration m package (soic-7) figure 2. pin configuration of ap3106 (top view) pin description pin number pin name function 1 ri set the bias current to determ ine the normal switching frequency 2 fb voltage feedback pin. by connecting an opto-coupler to close the control loop, it can achieve the system regulation 3 sense current sense pin. connect it to sense the mosfet current 4 gnd ground 5 gate gate drive output to drive the external mosfet 6 vcc supply voltage pin 7 hv connect this pin to positive terminal of bulk capacitor to provide the startup current for the controll er. when vcc voltage reachs uvlo (on), this hv loop will be turned off to save the power loss of the startup circuit
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 3 functional block diagram soft driver 18v qb d clk rb dff osc with frequency dithering 2r2 ocp 0.85v burst mode pwm olp olp olp otp vcc ovp 28v vcc ovp ovp uvlo uvlo 16v internal bias 0.3v pg 25 s filter 4ms soft start otp 140 & vref focp fb uvlo relative blocks 35v protection o/s 35 ms timer olp scp 8.6v r2 1.1v vcc 6 fb 2 gnd 4 sense 3 gate 5 ri 1 hv 7 250ns leb r3 r1 vcc line sense line sense line sense figure 3. functional block diagram of ap3106
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 4 ordering information ap3106 - circuit type g1: green package blank: tube m: soic-7 tr: tape & reel package temperature range part number marking id packing type AP3106M-G1 3106m-g1 tube soic-7 -40 to 85 c ap3106mtr-g1 3106m-g1 tape & reel bcd semiconductor's pb-free products, as designated with "g1" suffix in the part number, are rohs compliant and green.
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 5 absolute maximum ratings (note 1) parameter symbol value unit power supply voltage v cc 30 v input voltage to high voltage pin (hv) v hv 600 v gate output current i gate 500 ma input voltage to fb, sense v fb , v sense -0.3 to 7 v thermal resistance (junction to ambient) ja 186 c/w power dissipation at t a <25 o c p d 550 mw operating junction temperature t j -40 to 150 c storage temperature t stg 150 c esd (human body model) 3000 v esd (machine model) 300 v note 1: stresses greater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under ?recommended operating co nditions? is not implied. exposure to ?absolute maximum ratings? for extended periods may affect device reliability. recommended operating conditions parameter symbol min max unit supply voltage v cc 10 25 v ambient temperature t a -40 85 c
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 6 electrical characteristics v in =16v, t a =25c, unless otherwise specified. parameter conditions min typ max unit high-voltage supply (hv pin) high-voltage current source v cc uvlo (off), v hv =100v 2.5 off-state leakage current v cc >uvlo (off), v hv =400v 10 18 a supply voltage (vcc pin) start-up current v cc =14.8v 5 15 a v fb =0v, c l =1nf 0.2 0.6 1 operating supply current v fb =3v, c l =1nf 1.5 2.5 3.5 ma uvlo (on) 15 16 17 v uvlo (off) 7.6 8.6 9.6 v vcc ovp 27 28 30 v vcc clamp i cc =5ma 35 v de-latch vcc 3.8 5.7 7 v oscillator section maximum duty cycle 70 75 80 minimum duty cycle 0 % oscillation frequency r i =100k ? 60 65 70 khz green mode frequency r i =100k ? 28 khz frequency temperature stability -40 to 85c 5 % frequency voltage stability v cc =12v to 30v 5 % frequency dithering ? f/center frequency 6 % current sense section (sense pin) maximum sense voltage v hv =100v 0.8 0.85 0.9 v the ratio of input voltage to current sense voltage 2.5 3 3.5 v/v leb time of sense r i =100k ? 150 250 350 ns delay to output 100 ns soft start time r i =100k ? 3 4 5 ms feedback input section (fb pin) short circuit current v fb =0v -0.6 -0.3 ma green mode threshold vfb 2.1 v burst mode threshold vfb 0.89 1.15 1.41 v open loop voltage fb pin open 4.8 5.4 6 v input impendence 10 16 22 k ?
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 7 electrical characteristics (continued) v in =16v, t a =25c, unless otherwise specified. parameter conditions min typ max unit output low level i gate =50ma, v cc =12v 1 v output high level i gate =50ma, v cc =12v 8 v output clamping 15.5 17.5 19.5 v rising time c l =1nf 150 250 350 ns falling time c l =1nf 30 50 90 ns brownout protection turn-on dc input (hv), v on r=0k 97 105 113 v turn-off dc input (hv), v off r=0k v on -5 v de-bounce time of enable 25 s de-bounce time of turn off v fb =3v, r i =100k ? 25 35 45 ms over-temperature protection section shutdown temperature 140 c temperature hysteresis 20 c delay time section delay 1 short circuit, olp, r i =100k ? 25 35 45 ms delay 2 vcc ovp, brown out, r i =100k ? 25 s typical performance characteristics figure 4. start-up voltage vs. ambient temperature figure 5. shutdown voltage vs. ambient temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 15.5 15.6 15.7 15.8 15.9 16.0 16.1 16.2 16.3 start-up voltage (v) ambient temperature ( o c) -60 -40 -20 0 20 40 60 80 100 120 140 160 8.20 8.25 8.30 8.35 8.40 8.45 8.50 8.55 8.60 shutdown voltage (v) ambient temperature ( o c)
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 8 typical performance characteristics (continued) figure 6. start-up current vs. ambient temperature figure 7. operating current vs. ambient temperature figure 8. ocp voltage vs. ambient temperature figure 9. switching frequency vs. ambient temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 start-up current ( a) ambient temperature ( o c) -60 -40 -20 0 20 40 60 80 100 120 140 160 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 operating current (ma) ambient temperature ( o c) -60 -40 -20 0 20 40 60 80 100 120 140 160 0.80 0.81 0.82 0.83 0.84 0.85 0.86 0.87 0.88 0.89 0.90 ocp voltage (v) ambient temperature ( o c) -60 -40 -20 0 20 40 60 80 100 120 140 160 62.0 62.5 63.0 63.5 64.0 64.5 65.0 switching frequency (khz) ambient temperature ( o c)
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 9 typical application figure 10. typical application of ap3106
preliminary datasheet high voltage green mode pwm controller ap3106 sep. 2011 rev. 1. 0 bcd semiconductor manufacturing limited 10 mechanical dimensions soic-7 unit: mm(inch)
important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing co., ltd. 800 yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd., shenzhen office unit a room 1203, skyworth bldg., gaoxin ave.1.s., nanshan district, shenzhen, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corp. 30920 huntwood ave. hayward, ca 94544, usa tel : +1-510-324-2988 fax: +1-510-324-2788 - headquarters bcd semiconductor manufacturing limited no. 1600, zi xing road, shanghai zizhu sc ience-based industrial park, 200241, china tel: +86-21-24162266, fax: +86-21-24162277 bcd semiconductor manufacturing limited important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing limited 800, yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 bcd semiconductor manufacturing limited main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd. shenzhen office advanced analog circuits (shanghai) corporation shenzhen office room e, 5f, noble center, no.1006, 3rd fuzhong road, futian district, shenzhen 518026, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corporation 30920 huntwood ave. hayward, ca 94544, u.s.a tel : +1-510-324-2988 fax: +1-510-324-2788 - ic design group advanced analog circuits (shanghai) corporation 8f, zone b, 900, yi shan road, shanghai 200233, china tel: +86-21-6495 9539, fax: +86-21-6485 9673 bcd semiconductor manufacturing limited http://www.bcdsemi.com bcd semiconductor manufacturing limited


▲Up To Search▲   

 
Price & Availability of AP3106M-G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X