Part Number Hot Search : 
TC6930CD 1620C 12W2828 BU4348 2SK2376 CS101 PE7620DV LB1943
Product Description
Full Text Search
 

To Download AOT1100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AOT1100L/aob1100l 100v n-channel rugged planar mosfet general description product summary v ds i d (at v gs =10v) 130a r ds(on) (at v gs =10v) < 12m w 100% uis tested 100% r g tested symbol maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 100v the AOT1100L/aob1100l uses a robust technology that is designed to provide efficient and reliable power conversion even in the most demanding applications, including motor control. with low r ds(on) and excellent thermal capability this device is appropriate for h igh current switching and can endure adverse operating conditions.this device is ideal for boost converter s and synchronous rectifiers for consumer, telecom, indus trial power supplies and led backlighting. g ds to220 top view bottom view g g s d d s d d aot1100 to-263 d 2 pak top view bottom view d d s g g s aob1100 v ds v gs i dm i as e as t j , t stg symbol t 10s steady-state steady-state r q jc t c =100c 15 208 pulsed drain current c continuous drain current g parameter typ max t c =25c 2.1 250 maximum junction-to-ambient a avalanche current c 6 continuous drain current 8 units junction and storage temperature range -55 to 175 c thermal characteristics c/w r q ja 12 48 avalanche energy l=0.1mh c mj 744 p d w 500 power dissipation a p dsm w t a =70c 1.3 t a =25c v drain-source voltage 100 20 gate-source voltage t c =25c t c =100c a t a =70c i d 130 92 maximum junction-to-case c/w c/w maximum junction-to-ambient a d 0.22 60 0.3 power dissipation b a 122 a t a =25c i dsm v rev0: dec 2011 www.aosmd.com page 1 of 6
AOT1100L/aob1100l symbol min typ max units bv dss 100 v v ds =100v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 2.6 3.2 3.8 v i d(on) 208 a 10 12 t j =125c 19 22 9.7 11.7 m w g fs 53 s v sd 0.69 1 v i s 130 a c iss 4833 pf c oss 721 pf c rss 35 pf r g 0.5 1.1 1.7 w q g (10v) 82 100 nc q gs 23 nc q gd 19 nc t d(on) 21 ns t 22 ns maximum body-diode continuous current g input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time v =10v, v =50v, r =2.5 w , gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge v gs =10v, v ds =50v, i d =20a electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions reverse transfer capacitance m a v ds =v gs , i d =250 ma v ds =0v, v gs = 20v zero gate voltage drain current gate-body leakage current r ds(on) static drain-source on-resistance i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =20a drain-source breakdown voltage v gs =0v, v ds =25v, f=1mhz switching parameters i dss on state drain current gate source charge gate drain charge m w to220 i s =1a,v gs =0v v ds =5v, i d =20a v gs =10v, i d =20a to263 forward transconductance diode forward voltage t r 22 ns t d(off) 50 ns t f 4.5 ns t rr 64 ns q rr 880 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery charge i f =20a, di/dt=500a/ m s turn-on rise time turn-off delaytime v gs =10v, v ds =50v, r l =2.5 w , r gen =3 w turn-off fall time i f =20a, di/dt=500a/ m s body diode reverse recovery time a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the power dissipation p dsm is based on r q ja and the maximum allowed junction temperature of 150 c. the value in any given application depends on the user's specific board design, and the maximu m temperature of 175 c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =175 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =175 c. ratings are based on low frequency and duty cycl es to keep initial t j =25 c. maximum uis current limited by test equipment. d. the r q ja is the sum of the thermal impedance from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =175 c. the soa curve provides a single pulse rating. g. the maximum current limited by package. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. rev0: dec 2011 www.aosmd.com page 2 of 6
AOT1100L/aob1100l typical electrical and thermal characteristics 17 52 10 0 18 0 20 40 60 80 100 0 1 2 3 4 5 6 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 6 8 10 12 14 0 8 16 24 32 40 r ds(on) (m w ww w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1.2 1.6 2.0 2.4 2.8 0 25 50 75 100 125 150 175 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =10v i d =20a 25 c 125 c v ds =5v v gs =10v 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =4.5v 6v 10v 5v 40 voltage (note e) 1e-05 1e-04 1e-03 1e-02 1e-01 1e+00 1e+01 1e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c (note e) 4 8 12 16 20 24 2.0 4.0 6.0 8.0 10.0 r ds(on) (m w ww w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) i d =20a 25 c 125 c rev0: dec 2011 www.aosmd.com page 3 of 6
AOT1100L/aob1100l typical electrical and thermal characteristics 17 52 10 0 18 0 2 4 6 8 10 0 15 30 45 60 75 90 v gs (volts) q g (nc) figure 7: gate-charge characteristics 1 10 100 1000 10000 100000 0 10 20 30 40 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =50v i d =20a t j(max) =175 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 1000 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =175 c t c =25 c 100 m s 0 1500 3000 4500 6000 7500 9000 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to- case (note f) 40 0.01 0.1 1 10 1e-05 0.0001 0.001 0.01 0.1 1 10 z q qq q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse area (note f) r q jc =0.3 c/w case (note f) rev0: dec 2011 www.aosmd.com page 4 of 6
AOT1100L/aob1100l typical electrical and thermal characteristics 17 52 10 0 18 0 100 200 300 400 500 600 0 25 50 75 100 125 150 175 power dissipation (w) t case ( c) figure 13: power de-rating (note f) 0 30 60 90 120 150 0 25 50 75 100 125 150 175 current rating i d (a) t case ( c) figure 14: current de - rating (note f) 1 10 100 1000 10000 0.0001 0.01 1 100 10000 power (w) pulse width (s) figure 15: single pulse power rating junction - to - t a =25 c 0 40 80 120 160 1 10 100 1000 10000 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (note c) t a =25 c t a =150 c t a =100 c t a =125 c 40 0.001 0.01 0.1 1 10 0.01 0.1 1 10 100 1000 z q qq q ja normalized transient thermal resistance pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse figure 14: current de - rating (note f) figure 15: single pulse power rating junction - to - ambient (note h) r q ja =60 c/w rev0: dec 2011 www.aosmd.com page 5 of 6
AOT1100L/aob1100l - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar vdd vgs vgs rg dut - + vdc vgs id vgs i ig vgs - + vdc dut l vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar di/dt i rm rr vdd vdd q = - idt t rr rev0: dec 2011 www.aosmd.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of AOT1100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X