Part Number Hot Search : 
P1000B 4VHC1G 2NK90Z B1300 1N5386 D13AN KBPC2514 KBPC2514
Product Description
Full Text Search
 

To Download AEC-6523-A1M-1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  11-51 11 aec-6523 intel? atom? n2600 processor intel? nm10 express chipset intel? gma 3600 integrated graphic engine com x 4, usb2.0 x 4 wide dc power input fanless operating system dual gigabit ethernet lan wide operating temperature range: -40c ~ 75c memory, cfast? card, hdd must be industrial grade cpu intel? atom? n2600 1.6ghz chipset intel? nm10 system memory 204-pin ddr3 800/1066 sodimm x 1, max. 2gb display interface vga db-15 x 1 dvi others storage device ssd cfast? slot x 1 (w/cover protection) hdd 2.5 sata hdd bay x 1 others network lan gigabit ethernet, rj-45 x 2 wireless front i/o usb port lan serial port dio audio kb/ms others cfast? slot x 1 rear i/o usb port usb2.0 x 4 lan rj-45 x 2 serial port rs-232 x 3, rs-232/422/485 x 1 dio audio kb/ms others expansion pcie [x1] pci mini card 1 mini pci others indicator front rear power led x 1, hard disk drive active led x 1 power requirement dc 9 ~ 30v with 3-pin terminal block power consumption system cooling passive mounting wallmount operating temperature ambient with airflow -40f ~ 167f (-40c ~ 75c) storage temperature -40f ~ 176f (-40c ~ 80c) anti-vibration 5g rms/ 5 ~ 500hz/ operation C cfast? card 1g rms/ 5~ 500hz/ operation C hdd anti-shock 50 g peak acceleration (11 msec. duration) Ccfast? card 20 g peak acceleration (11 msec. duration) C hdd mtbf certification emc ce /fcc class a safety dimension (w x h x d) gross weight 4.85 lb (2.2 kg) note windows? xp pro, windows? embedded standard, windows? 7, linux fedora embedded controller with intel? atom? n2600 processor launching in q2 features specifications boxer s series - fanless embedded controller solutions
11-52 aec-6523 packing list optional accessories wallmount bracket x 2 ? screw package x 1 ? ram thermal pad (60mm x 25mm x 3mm) x 1 ? cd-rom for manual (in pdf format) and drivers ? aec-6523 ? 1757904002 ? power adapter (40w), output: dc 12v 1702031802 ? power cord (us type) 1702031803 ? power cord (european type) 170203180e ? power cord (japanese type) 9741662505 ? vesa mount kit 9741681003 ? din rail mount kit ordering information part number cpu ram lan usb rs-232 rs-232/422/485 audio storage accessory cables display expansion mounting power temp. AEC-6523-A1M-1010 intel? atom? n2600 1.6ghz processor _ 2 4 3 1 _ cfast? kit x 1 hdd kit x 1 _ vga x 1 mini card x 1 wall mount din rail mount kit (option) vesa mount kit (option) dc 9-30v -30 c~70 c (w/o air) aec-6523 cfast dimension unit: mm


▲Up To Search▲   

 
Price & Availability of AEC-6523-A1M-1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X