description and features 7016x series smt leds 1208 package size electro-optical characteristics and ratings all dimensions in mm. 16.0 16.0 6.3 6.3 75 -30 to +85 -25 to +80 75 110 660 2.1 5.6 2.5 1.75 20 clear red 7016x11 75 -30 to +85 -25 to +80 75 110 563 2.2 5.6 2.8 2.2 20 clear green 7016X5 75 -30 to +85 -25 to +80 75 110 585 2.1 2.2 2.8 2.1 20 clear y ellow 7016x3 75 -30 to +85 -25 to +80 75 110 650 2.2 2.2 2.8 2.0 20 clear red 7016x 1 7016x13 non-diffus e d part number output color p ackage c olor test current (ma) forward voltage typ. (v) forward voltage max. (v) luminous intens ity min. (mcd) luminous intens ity t yp. (mcd) peak wavelength (nm) storage temperature ( c) p eak f orward c urrent max. (1 s @ 10% duty cycle) (ma) diffus ion v iewing angle 20 1/2 (degrees ) amber clear 20 2.0 2.8 2.2 6.3 1.7 610 110 75 -25 to +80 -30 to +85 75 non-diffus ed non-diffus ed non-diffus ed non-diffus e d luminous intens ity max. (mcd) power dissipation (mw) operating temperature ( c) 1 2 0.30 0.50 1.30+0.20/-0.10 termination 1.60 r0. 30 typ . 1.70 cathode mark 2.00 1.60 2.30 3.00 surface mount technology ? tape and reel packaged for high-speed autoinsertion. ? convection and vapor-phase reflow compatible. ? compact form enables high density placement. ? packaged 2500 pieces per reel. leading edge led optoelectronic performance ? consistent high brightness. exceptional reliability ? stringent process controls assure quality. ? extensive qualification testing to meet strictest requirements. ? designed to permit easy post-reflow solder joint inspection. ? solder pad geometry on page 1-x1. america: cml innovative technologies,inc. 147 central avenue hackensack -nj 07601 -usa tel:1-201-489 -8989 fax:1-201-489 -6911 e-mail:americas@cml-it.com europe: cml technologies gmbh &co.kg robert-bunsen-str.1 67098 bad d?rkheim -germany tel:+49 (0)6322 9567-0 fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com asia: cml innovative technologies,inc. 61 aida street singapore 459975 tel:(65)9630 -5003 e-mail:asia@cml-it.com cml-it reserves the right to make specification revisions that enhance the design and/or performance of the product 7016x series smt leds 1208 package size
|