Part Number Hot Search : 
CX22490 1N5234 B3034 ALH80K48 BZX84 EMH2601 XFTPR CS4804
Product Description
Full Text Search
 

To Download 558-0501-007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits long life - typically 100k hours high brightness for daylight viewing non-tinted/non-diffused or tinted/non-diffused led low power consumption - uses up to 90% less energy than an incandescent indicator front panel snap-in mounting requires no additional hardware no heat generated resistant to shock and vibration termination - straight terminals for wire wrapping or lead wire for soldering or optional terminals colors include - red, green, yellow. blue and white 558 series - daylight viewable snap-in led panel mount indicators dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel558dv001_a applications dialight's 558 series led panel mount indicator is available with a variety of leds including alingap and ingan technology for high brightness applications, bicolor and integral resistors. these indicators are designed for a variety of applications such as: ? main and remote power indication ? maintenance and warning indication ? status indication ? instrumentation ..and many more! specifications voltage requirements: operating temperature: -55c to +100c 2.1 - 3.5 vdc typical (current limiting resistor required) storage temperature: -55c to +100c mounting hole size: 0.155 -0.158" (3.94 - 4.01 mm) electrical connection panel thickness: 0.031-0.062" (.787 - 1.57 mm) straight terminals for wire wrapping or either housing: black housing material meets 6 or 14 inch 26 awg lead wire ul94v-0 and enhances led contrast please see back of page for part numbers and additional specifications. straight terminals - termination option 1 dialight reserves the right to make changes at any time in order to supply the best product possible. *26 awg 6 wire leads - termination option 3 26 awg 14 wire leads - termination option 7 note: wire lead color red (anode) and black (cathode) dimensions in mm [inches] *
558 series - daylight viewable snap-in led panel mount indicators dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel558dv001_a led panel mount indicator selection dialights line of led panel mount indicators are available in a variety of sizes and options. please visit our website for more information. www.dialight.com .156 (3.96mm) 5 5 5 5 8 8 s s e e r r i i e e s s 8mm 6 6 0 0 8 8 s s e e r r i i e e s s .250 (6.35mm) 5 5 5 5 9 9 s s e e r r i i e e s s 9mm 6 6 0 0 9 9 s s e e r r i i e e s s 5mm 6 6 0 0 5 5 s s e e r r i i e e s s 10mm 6 6 1 1 0 0 s s e e r r i i e e s s 6mm 6 6 0 0 6 6 s s e e r r i i e e s s 11/16 watertight 5 5 5 5 7 7 s s e e r r i i e e s s 7mm 6 6 0 0 7 7 s s e e r r i i e e s s 1 watertight 5 5 5 5 6 6 s s e e r r i i e e s s tinted/non-diffused part number color peak wavelength (nm) intensity typ. (mcd) lf typ. (ma) vf typ. (v) viewing angle 2o 1/2 max. forward current (ma) termination 558-1501-001 green 565 40 10 2.1 45 30 straight terminals 558-1601-001 yellow 585 70 20 2.1 45 20 straight terminals 558-1701-001 red 660 80 10 1.8 45 40 straight terminals 558-1501-003 green 565 40 10 2.1 45 30 6 inch wire leads 558-1601-003 yellow 585 70 20 2.1 45 20 6 inch wire leads 558-1701-003 red 660 80 20 1.8 45 40 6 inch wire leads 558-1501-007 green 565 40 10 2.1 45 30 14 inch wire leads 558-1601-007 yellow 585 70 20 2.1 45 20 14 inch wire leads 558-1701-007 red 660 80 20 1.8 45 40 14 inch wire leads typical operating characteristics (ta=25 o c) non-tinted/non-diffused typical operating characteristics (ta=25 o c) xy coordinates: x = .31, y = .32 part number color peak wavelength (nm) intensity typ. (mcd) lf typ. (ma) vf typ. (v) viewing angle 2o 1/2 max. forward current (ma) termination 558-0501-001 green 565 70 20 2.1 45 30 straight terminals 558-0601-001 yellow 592 200 20 1.9 45 50 straight terminals 558-0701-001 red 660 170 20 1.8 45 40 straight terminals 558-6003-001 blue 464 290 20 3.5 50 30 straight terminals 558-6403-001 white * 880 20 3.6 45 30 straight terminals 558-0501-003 green 565 70 20 2.1 45 30 6 inch wire leads 558-0601-003 yellow 592 200 20 1.9 45 50 6 inch wire leads 558-0701-003 red 660 170 20 1.8 45 40 6 inch wire leads 558-6003-003 blue 464 290 20 3.6 45 30 6 inch wire leads 558-6403-003 white * 880 20 2.0 45 30 6 inch wire leads 558-0501-007 green 565 70 20 2.1 45 30 14 inch wire leads 558-0601-007 yellow 592 200 20 1.9 45 50 14 inch wire leads 558-0701-007 red 660 170 20 1.8 45 40 14 inch wire leads 558-6003-007 blue 464 290 20 3.5 50 30 14 inch wire leads 558-6403-007 white * 850 20 3.6 45 30 14 inch wire leads


▲Up To Search▲   

 
Price & Availability of 558-0501-007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X