Part Number Hot Search : 
LTC3851 AN7C31BH Q0370RNA BC857B DL6NF TA79L09F LM190 D1929
Product Description
Full Text Search
 

To Download 4816P-R2R-103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features resistance range: 100 ohms to 1 megohm sip and dip packages surface mount and through-hole available rohs compliant* (see how to order ?ermination?option) for information on r/2r thick film networks, download bourns?r/2r application note. r/2r series thick film networks *rohs directive 2002/95/ec jan 27, 2003 including annex. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. product characteristics resistance range models 4100, 4300, 4400 & 4800 .................... 100 ohms to 100k ohms model 4600 ...100 ohms to 1 megohm standard tolerance ....................... 2 % see applicable model data sheet for complete list of product characteristics. environmental characteristics see applicable model data sheet for complete list of environmental characteristics. physical characteristics see applicable model data sheet for complete list of physical characteristics. resistor schematic how to order 4116r - r2r - 501 __ model (see ?available models?) electrical con? guration r2r = standard r/2r** 121 = reversed r/2r*** resistance code (for value of r)  first 2 digits are signi? cant; third digit represents the number of zeros to follow.  2r is double the value of r in circuit. terminations lf = tin-coated (rohs compliant version) (model 4416p is only available in the rohs compliant version.) blank = tin/lead (model 4416p is not available with tin/lead terminations.) **standard r2r electrical con? guration not available for model 4600h series. ***reversed r/2r electrical con? guration not available for model 4600h, 4600m or 4600x series. product dimensions typical part marking represents total content. layout may vary. for standard values used in capacitors, inductors, and resistors, click here . part number 4114r-r2r- 501 yyww circuit resistance code pin one indicator manufacturer's trademark date code 16 1 9 8 2r r 2r 15 2 2r r 14 3 2r r 13 4 2r r 12 5 2r r 11 6 2r r 10 7 2r r 2r out rt 16-pin 8-bit dip pin bit 18 234567 msb lsb 2 2r r 3 2r r 4 2r r 5 2r r 6 2r r 7 2r r 8 2r r 9 2r 1 bit out 18 234567 msb lsb pin 10 2r rt 10-pin 8-bit sip 16 1 9 8 2r r 15 2 2r r 14 3 2r r 13 4 2r r 12 5 2r r 11 6 2r r 10 7 2r r 2r 2r out rt 16-pin 8-bit dip pin bit 81 765432 msb lsb 2 2r r 3 2r r 4 2r r 5 2r r 6 2r r 7 2r r 8 2r r 9 2r 1 bit rt 81 765432 lsb msb pin 10 2r out 10-pin 8-bit sip see applicable model data sheet for complete product dimensions. r2r circuit 121 circuit power derating curve 100 50 0 0 25 70 125 ambient temperature ( c) percentage of rated power power rating per resistor power per resistor model (watts) 4100r, 4300r, 4400p, 4600x***, 4800p .................................................................. 0.125 4300m, 4600m*** .................................................................................................... 0.170 4300h ...................................................................................................................... 0.2 00 *rohs compliant versions available


▲Up To Search▲   

 
Price & Availability of 4816P-R2R-103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X