Part Number Hot Search : 
MP111 SB310 40020 A180C MAX96 E103K 78DL06 1N518
Product Description
Full Text Search
 

To Download 46500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 16 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard ordering information the varistors are available in a number of packaging options: ? bulk ? on tape on reel ? on tape in ammopack the basic ordering code for each option is given in tables mutitled varistors on tape on reel, varistors on tape in ammopack and varistors in bulk. to complete the catalog number and to determine the required operating parameters, see electrical data and ordering information table. features ? zinc oxide disc, epoxy coated ? straight leads ? straight leads with flange (2381 592 and 593 series only) ? kinked leads ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? certified according to ul 1449 edition 3, vde/iec 61051-1/2 and csa application ? overvoltage and transient voltage protection description the varistors consist of a disc of low-? ceramic material with two tinned solid copper leads or tinned copper clad steel wire. they are coated with a layer of ochre coloured epoxy, which provides electrical, mechanical and climatic protection. the encapsulation is resistant to all cleaning solvents in accordance with iec 60068-2-45. mounting the varistors are suitable for processing on automatic insertion and cutting and bending equipment. varistors with flanged leads provide better positioning on printed-circuit boards (pcb) and more accurate control over component height. this is im portant for hand mounting and automatic insertion techniques; see outlines of flanged leads drawing. typical soldering 235 c, duration: 5 s (pb-bearing) 245 c, duration : 5 s (lead (pb)-free) resistance to soldering heat 260 c, duration: 10 s max. marking the varistors are marked with the following information: ? maximum continuous rms voltage ? series number (592, 593, 594, 595 or 596) ? manufacturers logo ? date of manufacture (yyww) inflammability the varistors are non-flammable. the encapsulation is made of flammable resistant epoxy in accordance with ul 94 v-0. quick reference data parameter value unit maximum continuous voltage in operating temperature range: rms 14 to 680 v dc 18 to 895 v maximum non-repetitive transient current i nrp (8 x 20 s) 100 to 6500 a detailed specification based on iec 61051-1 iec 61051-2 iec 61051-2-2 storage temperature - 40 to + 125 c operating temperature - 40 to + 85 c electrical data and ordering information maximum continuous voltage voltage (3) at 1 ma maximum voltage at stated current maximum energy (4) (10 x 1000 s) maximum non-rep. transient current (5) i nrp (8 x 20 s) typical cap. at 1 khz t (max.) e ul 1449 ed3 spd type (8) catalog numbers (1) rms (2) (v) dc (v) (v) v (v) i (a) (j) (a) (pf) (mm) (mm) sap (7) 12nc (6) 2381- 14 18 22 48 1.0 0.5 100 1300 4.1 0.7 0.3 4 vdrs05a014xye 592 x140y 43 2.5 1.7 250 2800 4.1 0.7 0.3 4 vdrs07b014xye 593 x140y 43 5.0 4.3 500 6000 4.4 0.9 0.3 4 vdrs10d014xye 594 x140y 43 10.0 5.4 1000 15 000 4.4 0.9 0.3 4 vdrs14g014xye 595 x140y 43 20.0 8.0 2000 30 000 4.6 1.1 0.3 4 vdrs20m014bye 596 x140y
document number: 29081 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 07-jun-10 17 vdrs........e/2381 59. ..... vdr metal oxide va ristors standard vishay bccomponents 17 22 27 60 1.0 0.7 100 1050 4.1 0.8 0.3 4 vdrs05a017xye 592 x170y 53 2.5 2.0 250 2000 4.1 0.8 0.3 4 vdrs07b017xye 593 x170y 53 5.0 5.3 500 4000 4.4 1.0 0.3 4 vdrs10d017xye 594 x170y 53 10.0 6.9 1000 10 000 4.4 1.0 0.3 4 vdrs14g017xye 595 x170y 53 20.0 10.0 2000 20 000 4.6 1.2 0.3 4 vdrs20m017bye 596 x170y 20 26 33 73 1.0 0.8 100 900 4.1 1.0 0.3 4 vdrs05a020xye 592 x200y 65 2.5 2.5 250 1500 4.1 1.0 0.3 4 vdrs07b020xye 593 x200y 65 5.0 6.5 500 3000 4.4 1.2 0.3 4 vdrs10d020xye 594 x200y 65 10.0 8.8 1000 7500 4.4 1.2 0.3 4 vdrs14g020xye 595 x200y 65 20.0 12.0 2000 15 000 4.8 1.4 0.3 4 vdrs20m020bye 596 x200y 25 31 39 86 1.0 0.9 100 500 4.2 1.2 0.3 4 vdrs05a025xye 592 x250y 77 2.5 3.0 250 1350 4.2 1.2 0.3 4 vdrs07b025xye 593 x250y 77 5.0 7.7 500 2600 4.6 1.4 0.3 4 vdrs10d025xye 594 x250y 77 10.0 9.4 1000 6500 4.6 1.4 0.3 4 vdrs14g025xye 595 x250y 77 20.0 14.0 2000 13 000 5.0 1.6 0.3 4 vdrs20m025bye 596 x250y 30 38 47 96 1.0 1.1 100 700 4.4 1.4 0.5 4 vdrs05a030xye 592 x300y 93 2.5 3.6 250 1600 4.4 1.4 0.5 4 vdrs07b030xye 593 x300y 93 5.0 9.2 500 2700 4.8 1.6 0.5 4 vdrs10d030xye 594 x300y 90 10.0 12.0 1000 6000 4.8 1.6 0.5 4 vdrs14g030xye 595 x300y 93 20.0 17.0 2000 12 000 5.2 1.8 0.5 4 vdrs20m030bye 596 x300y 35 45 56 123 1.0 1.4 100 560 4.8 1.7 0.5 4 vdrs05a035xye 592 x350y 115 2.5 4.4 250 1300 4.8 1.7 0.5 4 vdrs07b035xye 593 x350y 110 5.0 11.0 500 2200 5.2 1.9 0.5 4 vdrs10d035xye 594 x350y 105 10.0 14.0 1000 4800 5.2 1.9 0.5 4 vdrs14g035xye 595 x350y 110 20.0 20.0 2000 9600 5.6 2.1 0.5 4 vdrs20m035bye 596 x350y 40 56 68 145 1.0 1.6 100 460 5.1 2.1 0.5 4 vdrs05a040xye 592 x400y 135 2.5 5.2 250 1000 5.1 2.1 0.5 4 vdrs07b040xye 593 x400y 130 5.0 13.0 500 1800 5.5 2.3 0.5 4 vdrs10d040xye 594 x400y 130 10.0 17.0 1000 3800 5.5 2.3 0.5 4 vdrs14g040xye 595 x400y 135 20.0 24.0 2000 7600 5.9 2.5 0.5 4 vdrs20m040bye 596 x400y 50 65 82 145 5.0 2.6 400 370 4.1 0.6 0.3 4 vdrs05c050xye 592 x500y 140 10.0 7.0 1200 900 4.1 0.6 0.3 4 vdrs07h050xye 593 x500y 140 25.0 12.0 2500 1500 4.4 0.8 0.3 4 vdrs10p050xye 594 x500y 140 50.0 21.0 4500 3100 4.4 0.8 0.3 4 vdrs14t050xye 595 x500y 60 85 100 165 5.0 2.9 400 290 4.1 0.7 0.3 4 vdrs05c060xye 592 x600y 165 10.0 8.3 1200 700 4.1 0.7 0.3 4 vdrs07h060xye 593 x600y 165 25.0 15.0 2500 1200 4.4 0.9 0.3 4 vdrs10p060xye 594 x600y 165 50.0 24.0 4500 2300 4.4 0.9 0.3 3 vdrs14t060xye 595 x600y 165 100.0 56.0 6500 4700 4.5 1.1 0.3 2 vdrs20w060bye 596 x600y 75 100 120 190 5.0 3.4 400 240 4.1 0.9 0.3 4 vdrs05c075xye 592 x750y 200 10.0 10.0 1200 530 4.1 0.9 0.3 4 vdrs07h075xye 593 x750y 200 25.0 18.0 2500 1000 4.4 1.1 0.3 4 vdrs10p075xye 594 x750y 200 50.0 29.0 4500 1900 4.4 1.1 0.3 3 vdrs14t075xye 595 x750y 200 100.0 64.0 6500 3900 4.8 1.3 0.3 2 vdrs20w075bye 596 x750y 95 125 150 230 5.0 4.1 400 180 4.2 1.1 0.3 4 vdrs05c095xye 592 x950y 250 10.0 13.0 1200 450 4.2 1.1 0.3 4 vdrs07h095xye 593 x950y 250 25.0 22.0 2500 800 4.6 1.3 0.3 4 vdrs10p095xye 594 x950y 250 50.0 37.0 4500 1500 4.6 1.3 0.3 3 vdrs14t095xye 595 x950y 250 100.0 88.0 6500 3000 5.2 1.5 0.3 2 vdrs20w095bye 596 x950y electrical data and ordering information maximum continuous voltage voltage (3) at 1 ma maximum voltage at stated current maximum energy (4) (10 x 1000 s) maximum non-rep. transient current (5) i nrp (8 x 20 s) typical cap. at 1 khz t (max.) e ul 1449 ed3 spd type (8) catalog numbers (1) rms (2) (v) dc (v) (v) v (v) i (a) (j) (a) (pf) (mm) (mm) sap (7) 12nc (6) 2381-
www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 18 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard 130 170 205 310 5.0 5.5 400 130 4.2 1.0 0.3 4 vdrs05c130xye 592 x131y 340 10.0 17.0 1200 320 4.2 1.0 0.3 4 vdrs07h130xye 593 x131y 340 25.0 30.0 2500 580 4.6 1.2 0.3 4 vdrs10p130xye 594 x131y 340 50.0 56.0 4500 1050 4.6 1.2 0.3 3 vdrs14t130xye 595 x131y 340 100.0 114.0 6500 2100 5.3 1.4 0.3 2 vdrs20w130bye 596 x131y 140 180 220 350 5.0 6.3 400 120 4.4 1.0 0.3 4 vdrs05c140xye 592 x141y 370 10.0 21.0 1200 290 4.4 1.0 0.3 4 vdrs07h140xye 593 x141y 370 25.0 33.0 2500 540 4.8 1.2 0.3 4 vdrs10p140xye 594 x141y 370 50.0 57.0 4500 950 4.8 1.2 0.3 3 vdrs14t140xye 595 x141y 360 100.0 124.0 6500 1900 5.4 1.5 0.3 2 vdrs20w140bye 596 x141y 150 200 240 395 5.0 7.1 400 110 4.4 1.1 0.3 4 vdrs05c150xye 592 x151y 400 10.0 20.0 1200 270 4.4 1.1 0.3 4 vdrs07h150xye 593 x151y 400 25.0 36.0 2500 490 4.8 1.3 0.3 4 vdrs10p150xye 594 x151y 400 50.0 59.0 4500 850 4.8 1.3 0.3 3 vdrs14t150xye 595 x151y 395 100.0 134.0 6500 1700 5.5 1.6 0.3 2 vdrs20w150bye 596 x151y 175 225 275 410 5.0 7.3 400 90 4.6 1.3 0.3 4 vdrs05c175xye 592 x171y 455 10.0 23.0 1200 230 4.6 1.3 0.3 4 vdrs07h175xye 593 x171y 455 25.0 41.0 2500 430 5.0 1.5 0.3 4 vdrs10p175xye 594 x171y 455 50.0 67.0 4500 750 5.0 1.5 0.3 3 vdrs14t175xye 595 x171y 455 100.0 158.0 6500 1500 5.7 1.7 0.3 2 vdrs20w175bye 596 x171y 230 300 360 560 5.0 10.0 400 70 4.9 1.7 0.8 4 vdrs05c230xye 592 x231y 600 10.0 30.0 1200 170 4.9 1.7 0.8 4 vdrs07h230xye 593 x231y 600 25.0 54.0 2500 320 5.4 1.9 0.8 4 vdrs10p230xye 594 x231y 600 50.0 88.0 4500 540 5.4 1.9 0.8 3 vdrs14t230xye 595 x231y 595 100.0 208.0 6500 1100 6.2 2.2 0.8 2 vdrs20w230bye 596 x231y 250 320 390 600 5.0 11.0 400 60 4.9 1.9 0.8 4 vdrs05c250xye 592 x251y 650 10.0 33.0 1200 160 4.9 1.9 0.8 4 vdrs07h250xye 593 x251y 650 25.0 58.0 2500 300 5.4 2.1 0.8 4 vdrs10p250xye 594 x251y 650 50.0 96.0 4500 480 5.4 2.1 0.8 3 vdrs14t250xye 595 x251y 650 100.0 240.0 6500 960 6.4 2.3 0.8 2 vdrs20w250bye 596 x251y 275 350 430 695 5.0 12.0 400 55 4.9 2.0 0.8 4 vdrs05c275xye 592 x271y 710 10.0 36.0 1200 140 4.9 2.0 0.8 4 vdrs07h275xye 593 x271y 710 25.0 63.0 2500 270 5.4 2.2 0.8 4 vdrs10p275xye 594 x271y 710 50.0 104.0 4500 440 5.4 2.2 0.8 3 vdrs14t275xye 595 x271y 710 100.0 264.0 6500 900 6.6 2.5 0.8 2 vdrs20w275bye 596 x271y 300 385 470 750 5.0 13.0 400 50 5.3 2.2 0.8 4 vdrs05c300xye 592 x301y 800 10.0 40.0 1200 130 5.3 2.2 0.8 4 vdrs07h300xye 593 x301y 800 25.0 71.0 2500 240 5.9 2.4 0.8 4 vdrs10p300xye 594 x301y 800 50.0 117.0 4500 400 5.9 2.4 0.8 3 vdrs14t300xye 595 x301y 775 100.0 280.0 6500 810 6.9 2.7 0.8 2 vdrs20w300bye 596 x301y 320 420 510 800 5.0 15.0 400 45 5.5 2.4 0.8 4 vdrs05c320xye 592 x321y 850 10.0 44.0 1200 120 5.5 2.4 0.8 4 vdrs07h320xye 593 x321y 850 25.0 77.0 2500 220 6.2 2.6 0.8 4 vdrs10p320xye 594 x321y 850 50.0 120.0 4500 370 6.2 2.6 0.8 3 vdrs14t320xye 595 x321y 842 100.0 296.0 6500 750 7.1 2.9 0.8 2 vdrs20w320bye 596 x321y 350 460 560 940 5.0 19.5 400 42 5.8 2.7 0.8 4 vdrs05c350xye 592 x351y 920 10.0 39.0 1200 110 5.8 2.7 0.8 4 vdrs07h350xye 593 x351y 920 25.0 78.0 2500 200 6.6 2.9 0.8 4 vdrs10p350xye 594 x351y 920 50.0 156.0 4500 325 6.6 2.9 0.8 3 vdrs14t350xye 595 x351y 920 100.0 312.0 6500 660 7.4 3.2 0.8 2 vdrs20w350bye 596 x351y electrical data and ordering information maximum continuous voltage voltage (3) at 1 ma maximum voltage at stated current maximum energy (4) (10 x 1000 s) maximum non-rep. transient current (5) i nrp (8 x 20 s) typical cap. at 1 khz t (max.) e ul 1449 ed3 spd type (8) catalog numbers (1) rms (2) (v) dc (v) (v) v (v) i (a) (j) (a) (pf) (mm) (mm) sap (7) 12nc (6) 2381-
document number: 29081 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 07-jun-10 19 vdrs........e/2381 59. ..... vdr metal oxide va ristors standard vishay bccomponents notes (1) the products are certified according to (c)ul (e332800), vde (40002622) and csa (219883) (2) the sinusoidal voltage is assumed as the normal operating condition. if a non-sinusoi dal voltage is present, type selection sho uld be based on multiplying the peak voltage by a factor of 0.707. (3) the voltage measured at 1 ma meets the requirements of iec 61051. the tolerance on the voltage at 1 ma is 10 %. (4) high energy surges are generally of longer du ration. the maximum energy for one pulse of 10 x 1000 s is given as a reference fo r longer duration pulses. this pulse can be characterised by peak current (i p ) and pulse width t 2 (virtual time of half i p value, following iec 60060-2, section 6 ). if v p is the clamping voltage corresponding to i p , the energy absorbed in the varist or is determined by the formula: where: a) k is dependent on the value of t 2 when the value of t 1 is between 8 s and 10 s; see peak current as a function of pulse width drawing. (5) a current wave of 8 x 20 s is used as a standard for pulse current and clamping voltage ratings . the maximum non-repetitive tra nsient current is given for one pulse applied during the life of the component. (6) for composition of the 12nc part num ber replace ?x? and ?y? by figures from the secti ons ?varistors in bulk?, ?varistors on tap e in ammopack? and ?varistors on tape on reel?. (7) for composition of the sap part number: replace ?x? by b for bulk type repl ace ?y? by s for straight leads t for tape and reel f for strai ght leads with flange (bulk only) a for tape and ammopack g for straight leads with flange and h 0 = 16 mm (tape and reel/ammo) h for straight leads with flange and h 0 = 18.25 mm (tape and reel/ammo) k for kinked leads (bulk only) l for kinked leads with h 0 = 16 mm (tape and reel/ammo) m for kinked leads with h 0 = 18.25 mm (tape and reel/ammo) (8) all varistors are recognized under vzac2 sur ge protective devices, components type 4 as specified in ul 1449 edition 3. the par ts with indication type 2 or 3 spd's, are tested and certified to be used in type 2 or 3 spd applications . the final acceptance of the component is dependent upon its installation and use in complete equi pment submitted to underwriters laboratories inc. 385 505 620 1000 5.0 18.0 400 40 6.0 3.0 0.8 4 vdrs05c385xye 592 x381y 1025 10.0 51.0 1200 95 6.0 3.0 0.8 4 vdrs07h385xye 593 x381y 1025 25.0 67.0 2500 180 6.6 3.2 0.8 4 vdrs10p385xye 594 x381y 1025 50.0 110.0 4500 280 6.6 3.2 0.8 3 vdrs14t385xye 595 x381y 1025 100.0 328.0 6500 570 7.7 3.5 0.8 2 vdrs20w385bye 596 x381y 420 560 680 1100 5.0 20.0 400 35 6.1 3.2 0.8 4 vdrs05c420xye 592 x421y 1120 10.0 56.0 1200 85 6.1 3.2 0.8 4 vdrs07h420xye 593 x421y 1120 25.0 73.0 2500 165 6.6 3.4 0.8 4 vdrs10p420xye 594 x421y 1120 50.0 120.0 4500 250 6.6 3.4 0.8 3 vdrs14t420xye 595 x421y 1120 100.0 344.0 6500 510 8.1 3.7 0.8 2 vdrs20w420bye 596 x421y 460 615 750 1200 5.0 21.0 400 30 6.4 3.6 0.8 4 vdrs05c460xye 592 x461y 1240 10.0 63.0 1200 75 6.4 3.6 0.8 4 vdrs07h460xye 593 x461y 1240 25.0 82.0 2500 150 6.8 3.8 0.8 4 vdrs10p460xye 594 x461y 1240 50.0 135.0 4500 225 6.8 3.8 0.8 3 vdrs14t460xye 595 x461y 1240 100.0 360.0 6500 460 8.5 4.1 0.8 2 vdrs20w460bye 596 x461y 510 670 820 1355 25.0 89.0 2500 135 7.2 4.1 0.8 4 vdrs10p510xye 594 x511y 1355 50.0 145.0 4500 220 7.2 4.1 0.8 3 vdrs14t510xye 595 x511y 1355 100.0 376.0 6500 450 8.9 4.4 0.8 2 vdrs20w510bye 596 x511y 550 745 910 1500 25.0 98.0 2500 120 7.9 4.5 0.8 4 vdrs10p550xye 594 x551y 1500 50.0 160.0 4500 180 7.9 4.5 0.8 3 vdrs14t550xye 595 x551y 1500 100.0 408.0 6500 370 9.5 4.9 0.8 2 vdrs20w550bye 596 x551y 625 825 1000 1650 100.0 448.0 6500 320 10.1 5.3 0.8 2 vdrs20w625bye 596 x621y 680 895 1100 1815 100.0 496.0 6500 270 10.6 5.8 0.8 2 vdrs20w680bye 596 x681y electrical data and ordering information maximum continuous voltage voltage (3) at 1 ma maximum voltage at stated current maximum energy (4) (10 x 1000 s) maximum non-rep. transient current (5) i nrp (8 x 20 s) typical cap. at 1 khz t (max.) e ul 1449 ed3 spd type (8) catalog numbers (1) rms (2) (v) dc (v) (v) v (v) i (a) (j) (a) (pf) (mm) (mm) sap (7) 12nc (6) 2381- ek x v p x i p x t 2 =
www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 20 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard electrical characteristics derating curve peak current as a function of pulse width note (1) t max. and e values per size and voltage level can be found back in the electrical data table electrical data parameter value unit maximum continuous voltage: rms 14 to 680 v dc 18 to 895 v maximum non-repetitive transient current (i nrp ) (8 x 20 s): vdrs05......e/2381 592 .... 100 or 400 a vdrs07......e/2381 593 .... 250 or 1200 a vdrs10......e/2381 594 .... 500 or 2500 a vdrs14......e/2381 595 .... 1000 or 4500 a vdrs20......e/2381 596 .... 2000 or 6500 a thermal resistance: vdrs05......e/2381 592 .... 80 k/w vdrs07......e/2381 593 .... 70 k/w vdrs10......e/2381 594 .... 60 k/w vdrs14......e/2381 595 .... 50 k/w vdrs20......e/2381 596 .... 40 k/w maximum dissipation: vdrs05......e/2381 592 .... 100 mw vdrs07......e/2381 593 .... 250 mw vdrs10......e/2381 594 .... 400 mw vdrs14......e/2381 595 .... 600 mw vdrs20......e/2381 596 .... 1000 mw temperature coefficient of voltage at 1 ma maximum 0.05 %/k voltage proof between interconnected leads and case 2500 v storage temperature - 40 to + 125 c operating temperature - 40 to + 85 c 100 % 0 - 40 8 5 t amb (c) maximum dissipation maximum ener g y maximum transient current 125 t (s) t 2 t 1 i p (%) 100 0 10 50 90 t 2 (s) 20 50 100 1000 k 1 1.2 1.3 1.4 component dimensions (bulk type) in millimeters and catalog numbers d max. a max. a 0 max. l min. t (1) max. e (1) d f catalog number 7.0 9.0 11.0 24.0 6.5 0.7 to 3.6 0.6 0.05 5 1.0 vdrs05......e/2381 592 .... 9.0 11.0 13.0 24.0 6.5 0.7 to 3.6 0.6 0.05 5 1.0 vdrs07......e/2381 593 .... 13.5 15.5 18.0 17.0 8 0.9 to 4.5 0.8 0.05 7.5 1.0 vdrs10......e/2381 594 .... 17.0 19.0 23.0 16.0 8 0.9 to 4.5 0.8 0.05 7.5 1.0 vdrs14......e/2381 595 .... 23.0 25.0 28.0 24.0 10 1.1 to 5.8 1.0 0.05 10 1.0 vdrs20......e/2381 596 ....
document number: 29081 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 07-jun-10 21 vdrs........e/2381 59. ..... vdr metal oxide va ristors standard vishay bccomponents note (1) outline of the ? 20 mm differs from the other dimensions dimensions in millimeters: see comp onent dimensions and el ectrical data table varistors in bulk type vdrs05... 2381 592 ... ? 5 mm 14 v to 460 v vdrs07... 2381 593 ..... ? 7 mm 14 v to 460 v vdrs10... 2381 594 ..... ? 10 mm 14 v to 550 v vdrs14... 2381 595 ..... ? 14 mm 14 v to 550 v vdrs20... 2381 596 ..... ? 20 mm 14 v to 680 v straight leads; see outline of components with straight leads drawing (1) bse 5...6 bse 5...6 bse 5...6 bse 5...6 bse 5...6 straight leads with flange; see outline of components with flanged leads drawing bfe 7...6 bfe 7...6 --- kinked leads; see outline of components with kinked leads drawing bke 6...6 bke 6...6 bke 6...6 bke 6...6 bke 6...6 packaging quantities 14 v to 95 v 250 250 250 100 50 130 v to 385 v 250 250 250 100 50 420 v to 460 v 250 250 200 100 50 485 v to max. v - 250 150 100 50 d d a t l e f d a 0 l dt f outline of component with straight leads outline of component with kinked leads f d d a 0 t l 1.4 to 1.6 0.3 e outline of component with flanged leads
www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 22 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard note (1) except for 35 v and 40 v = 1000 pieces dimensions of ammopack in millimeters varistors on tape in ammopack type vdrs05... 2381 592 ... ? 5 mm 14 v to 460 v vdrs07... 2381 593 ... ? 7 mm 14 v to 460 v vdrs10... 2381 594 ... ? 10 mm 14 v to 550 v vdrs14... 2381 595 ... ? 14 mm 14 v to 550 v straight leads h = 18 mm - - ase 0...7 ase 0...7 h = 20 mm ase 0...7 ase 0...7 -- see drawing: taped version with straight leads straight leads with flange h 0 = 16 mm age 1...7 age 1...7 -- h 0 = 18.25 mm ahe 2...7 ahe 2...7 -- see drawing: taped version with flanged leads kinked leads h 0 = 18.25 mm ame 3...7 ame 3...7 ame 3...7 ame 3...7 h 0 = 16 mm ale 8...7 ale 8...7 ale 8...7 ale 8...7 see drawing: taped version with kinked leads packaging quantities 14 v to 210 v 1500 (1) 1500 (1) 500 500 230 v to max. v 1000 1000 500 500 340 max. 52 or 55 max. 250 max.
document number: 29081 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 07-jun-10 23 vdrs........e/2381 59. ..... vdr metal oxide va ristors standard vishay bccomponents packaging varistors on tape and reel type vdrs05... 2381 592 ... ? 5 mm 14 v to 460 v vdrs07... 2381 593 ... ? 7 mm 14 v to 460 v vdrs10... 2381 594 ... ? 10 mm 14 v to 550 v vdrs14... 2381 595 ... ? 14 mm 14 v to 550 v straight leads h = 18 mm - - tse 0...6 tse 0...6 h = 20 mm tse 0...6 tse 0...6 -- see drawing: taped version with straight leads straight leads with flange h 0 = 16 mm tge 1...6 tge 1...6 -- h 0 = 18.25 mm the 2...6 the 2...6 -- see drawing: taped version with flanged leads kinked leads h 0 = 18.25 mm tme 3...6 tme 3...6 tme 3...6 tme 3...6 h 0 = 16 mm tle 8...6 tle 8...6 tle 8...6 tle 8...6 see drawing: taped version with kinked leads packaging quantities 14 v to 250 v 1500 1500 1000 750 275 v to 300 v 1500 1500 750 750 320 v to 350 v 1000 1000 500 500 385 v to max. v 1000 1000 500 500 t h h a t 1 t l p 0 p 1 d 0 f d d p p p w 0 w 2 w 1 h w taped version with straight leads (only for vdrs05......e/2381 592 .... and vdrs07......e/2381 593....) taped version with straight leads (only for vdrs10......e/2381 594 .... and vdrs14......e/2381 595 .... ) t h h a t 1 t p 0 p 1 d 0 f d d p p p w 0 w 2 w 1 h w
www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 24 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard notes (1) guaranteed between component and tape (2) for 2381 595 0511y and 2381 595 0551y: h = 20 mm 1 mm t 1 t t h h a 0 p 0 p 1 d 0 l w 0 w 2 w 1 h 0 w f d d p p p taped version with kinked leads (only for vdrs05......e/2381 592 .... and vdrs07......e/2381 593 ....) l p 0 p 1 d 0 w 0 w 2 w 1 t 1 t h 0 f d d p p p t h h a 0 w taped version with flanged leads (only for vdrs05......e/2381 592 .... and vdrs07......e/2381 593 ....) taping data (based on iec 60286-2) symbol parameter dimensions/tolerance vdrs05 592 vdrs07 593 vdrs10 594 vdrs14 595 a mounting height 9.0 max. 11.0 max. 15.5 max. 19.0 max. a 0 mounting height 11.0 max. 13.0 max. 18.0 max. 23.0 max. d body diameter 7.0 max. 9.0 max. 13.5 max. 17.0 max. d lead wire diameter 0.6 0.05 0.8 0.05 f lead to lead distance (1) 5.0 + 0.8/- 0.2 7.5 0.8 h distance component to tape center (2) 20.0 + 2.0/- 0.0 18.0 + 2.0/- 0.0 h 0 lead wire clinch height 16.0 or 18.25 0.5 p pitch of components on tape 12.7 1.0 25.4 1.0 t total thickness see electrical data table t h h a 0 t 1 t p 0 p 1 d 0 f w 0 w 2 w 1 h 0 w d d p p p taped version with kinked leads (only for vdrs10......e/2381 594 .... and vdrs14......e/2381 595.....)
document number: 29081 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 07-jun-10 25 vdrs........e/2381 59. ..... vdr metal oxide va ristors standard vishay bccomponents v/i characteristics 14 v rms to 40 v rms ; vdrs05.....e/2381 592 .... 50 v rms to 460 v rms ; vdrs05......e/2381 592 .... 14 v rms to 40 v rms ; vdrs07......e/2381 593 .... .3506 .3006 .2506 .2006 .1706 .1406 .4006 10 -5 10 2 10 1 10 -1 10 -2 10 -3 10 -4 10 3 current (a) 10 200 100 8 0 60 50 40 30 20 300 400 voltage (v) max. leaka g e current max. clampin g volta g e 10 -5 10 3 10 1 10 -1 10 -2 10 -3 10 -4 10 4 40 2000 1000 8 00 600 100 8 0 60 50 3000 max. leaka g e current max. clampin g volta g e 10 2 500 400 300 200 current (a) voltage (v) .3216 .3016 .2716 .2516 .2316 .1716 .3 8 16 .1416 .1316 .9506 .7506 .6006 .5006 .1516 .4616 .4216 .3506 .3006 .2506 .2006 .1706 .1406 .4006 10 -5 10 2 10 1 10 -1 10 -2 10 -3 10 -4 10 3 10 200 100 8 0 60 50 40 30 20 300 400 max. leaka g e current max. clampin g volta g e current (a) voltage (v)
www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 26 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard 50 v rms to 460 v rms ; vdrs07......e/2381 593 .... 14 v rms to 40 v rms ; vdrs10......e/2381 594 .... 50 v rms to 550 v rms ; vdrs10......e/2381 594 .... 10 -5 10 3 10 1 10 -1 10 -2 10 -3 10 -4 10 4 40 2000 1000 8 00 600 100 8 0 60 50 3000 max. leaka g e current max. clampin g volta g e 10 2 500 400 300 200 current (a) voltage (v) .3216 .3016 .2716 .2516 .2316 .1716 .3 8 16 .1416 .1316 .9506 .7506 .6006 .5006 .1516 .4616 .4216 10 -5 10 2 10 1 10 -1 10 -2 10 -3 10 -4 10 3 10 200 100 8 0 60 50 40 30 20 300 400 max. leaka g e current max. clampin g volta g e .3506 .3006 .2506 .2006 .1706 .1406 .4006 current (a) voltage (v) 10 -5 10 3 10 1 10 -1 10 -2 10 -3 10 -4 10 4 40 2000 1000 8 00 600 100 8 0 60 50 3000 max. leaka g e current max. clampin g volta g e 10 2 500 400 300 200 current (a) voltage (v) .3216 .3016 .2716 .2516 .2316 .1716 .3 8 16 .1416 .1316 .9506 .7506 .6006 .5006 .1516 .4616 .4216 .5116 .5516
document number: 29081 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 07-jun-10 27 vdrs........e/2381 59. ..... vdr metal oxide va ristors standard vishay bccomponents 14 v rms to 40 v rms ; vdrs14......e/2381 595 .... 50 v rms to 550 v rms ; vdrs14......e/2381 595 .... 14 v rms to 40 v rms ; vdrs20......e/2381 596 .... .3506 .3006 .2506 .2006 .1706 .1406 .4006 10 -5 10 2 10 1 10 -1 10 -2 10 -3 10 -4 10 3 10 200 100 8 0 60 50 40 30 20 300 400 max. leaka g e current max. clampin g volta g e current (a) voltage (v) 10 -5 10 3 10 1 10 -1 10 -2 10 -3 10 -4 10 4 40 2000 1000 8 00 600 100 8 0 60 50 3000 max. leaka g e current max. clampin g volta g e 10 2 500 400 300 200 current (a) voltage (v) .3216 .3016 .2716 .2516 .2316 .3 8 16 .1416 .9506 .7506 .6006 .5006 .1516 .4616 .4216 .5116 .5516 .1716 .1316 .350. .300. .250. .200. .170. .140. .400. 10 -5 10 2 10 1 10 -1 10 -2 10 -3 10 -4 10 3 10 200 100 8 0 60 50 40 30 20 300 400 max. leaka g e current max. clampin g volta g e current (a) voltage (v)
www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 28 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard 50 v rms to 680 v rms ; vdrs20......e/2381 596 .... maximum applicable transient current as a function of pulse duration 14 v rms to 40 v rms ; vdrs05......e/2381 592 .... 50 v rms to 460 v rms ; vdrs05......e/2381 592 .... 10 -5 10 3 10 1 10 -1 10 -2 10 -3 10 -4 10 4 40 2000 1000 8 00 600 100 8 0 60 50 3000 max. leaka g e current max. clampin g volta g e 10 2 500 400 300 200 current (a) voltage (v) .500. .321. .301. .271. .251. .231. .171. .3 8 1. .141. .131. .950. .750. .600. .151. .461. .421. .511. .551. .6 8 1. .621. 10 10 4 10 3 10 2 10 5 10 -1 10 2 10 1 10 3 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a) 10 10 4 10 3 10 2 10 5 10 -1 10 2 10 1 10 3 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a)
document number: 29081 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 07-jun-10 29 vdrs........e/2381 59. ..... vdr metal oxide va ristors standard vishay bccomponents 14 v rms to 40 v rms ; vdrs07......e/2381 593 .... 50 v rms to 460 v rms ; vdrs07......e/2381 593 .... 14 v rms to 40 v rms ; vdrs10......e/2381 594 .... 10 10 4 10 3 10 2 10 5 10 -1 10 2 10 1 10 3 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a) 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a) 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a)
www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 30 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard 50 v rms to 320 v rms ; vdrs10......e/2381 594 .... 385 v rms to 550 v rms ; vdrs10......e/2381 594 .... 14 v rms to 40 v rms ; vdrs14......e/2381 595 .... 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a) 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a) 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a)
document number: 29081 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 07-jun-10 31 vdrs........e/2381 59. ..... vdr metal oxide va ristors standard vishay bccomponents 50 v rms to 320 v rms ; vdrs14......e/2381 595 .... 385 v rms to 550 v rms ; vdrs14......e/2381 595 .... 14 v rms to 40 v rms ; vdrs20......e/2381 596 .... 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a) 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a) 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a)
www.vishay.com for technical questions, contact: nlr@vishay.com document number: 29081 32 revision: 07-jun-10 vdrs........e/2381 59. ..... vishay bccomponents vdr metal oxide varistors standard 60 v rms to 300 v rms ; vdrs20......e/2381 596 .... 320 v rms to 680 v rms ; vdrs20......e/2381 596 .... 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a) 10 10 4 10 3 10 2 10 5 1 10 3 10 2 10 10 4 10 2 10 1 10 3 10 4 10 5 10 6 t p (s) maximum peak current (a)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 46500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X