Part Number Hot Search : 
ADM5170 MMSZ20 DUC842BC SP764805 10001 AT5654 TF70722L SBR10
Product Description
Full Text Search
 

To Download 3QL50AK-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 3QL50AK-30 thru 3ql50as-30 1. ?? feature & dimension features l package with screw terminals l isolation voltage 3000 v~ l glass passivated chips l blocking voltage up to 1600 v l low forward voltage drop l ul registered e231047 applications l supplies for dc power equipment l input rectifiers for pwm inverter l battery dc power supplies l field supply for dc motors advantages l easy to mount with two screws l space and weight savings l improved temperature and power cycling 2. ? product characteristic 3. electrical and thermal characteristics tc=25 c unless otherwise specified item symbol 3ql50ak 3ql50ao 3ql50aq 3ql50as unit maximum repetitive voltage vrm 800 1200 1400 1600 v maximum rms voltage vrms 560 840 980 1120 v maximum dc blocking voltage vdc 800 1200 1400 1600 v 10 ua peak reverse current (per leg) @tj = 25 c at rated dc blocking voltage @tj = 150 c ir 8 ma average recified forward current 60hz sine wave,r-load with heatsink tc=100 io 50 a tj=45 vr=0 t=10ms (50hz),sine t=8.3ms(60hz),sine tj=150 vr=0 t=10ms (50hz),sine t=8.3ms(60hz),sine i fsm 600 650 490 420 a
3 3QL50AK-30 thru 3ql50as-30 tj=45 vr=0 t=10ms (50hz),sine t=8.3ms(60hz),sine tj=150 vr=0 t=10ms (50hz),sine t=8.3ms(60hz),sine i 2 t 1800 2000 1270 1410 a 2 s storage temperature tstg -40 to +150 50/60hz rms t=1 min iisol 1ma t=1 s visol 2500 3000 v~ mounting torque(m5) terminal connection torque(m5) md recommended value 1.5~2.5 5 15% n m typical weight 160 g i f =50a t j =25 v f 1.3 v for power-loss calculations only v t0 0.8 v per diode dc current per module r thjc 1.57 0.26 k/w k/w per diode dc current(typ.) per module(typ.) r thcs 2.22 0.37 k/w k/w creeping distance on surface ds 10 mm creeping distance in air da 9.4 mm max. allowable acceleration a 50 m/s 2
4 3QL50AK-30 thru 3ql50as-30 4. characteristic curve fig.1. output current vs. allowable case temp fig.2.output current vs. power dissipa on fig.3.surge overload characteris cs vs. me fig.4.forward characteris cs of a diode arm fig.5.transient thermal impedance vs. me
5 3QL50AK-30 thru 3ql50as-30 5. ??Z marking identification note ?? 3 ql 50 as -30 highly size =30mm bridge reverse voltage=1600v average rectified forward current=50a mean ql series bridge mean three phase bridge


▲Up To Search▲   

 
Price & Availability of 3QL50AK-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X