Part Number Hot Search : 
TPS54560 ADC0809 1N5277B SI550 DTA123JE BZV55C62 A3010Q MCBC2450
Product Description
Full Text Search
 

To Download 2SD2083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon npn darlington power transistor 2SD2083 description high dc current gain : h fe = 2000(min.)@ i c = 12a, v ce = 4v high collector-emitter breakdown voltage- : v (br)ceo = 120v(min) complement to type 2sb1383 applications designed for driver of solenoid, motor and general purpose applications. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage 120 v v ceo collector-emitter voltage 120 v v ebo emitter-base voltage 6 v i c collector current-continuous 25 a i cm collector current-peak 40 a i b b base current- continuous 2 a p c collector power dissipation @t c =25 120 w t j junction temperature 150 t stg storage temperature range -55~150 isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon npn darlington power transistor 2SD2083 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c = 25ma ,i b = 0 b 120 v v ce (sat) collector-emitter saturation voltage i c = 12a ,i b = 24ma 1.8 v v be (sat) base-emitter saturation voltage i c = 12a ,i b = 24ma 2.5 v i cbo collector cutoff current v cb = 120v, i e = 0 10 a i ebo emitter cutoff current v eb = 6v, i c = 0 10 ma h fe dc current gain i c = 12a ; v ce = 4v 2000 c ob output capacitance i e = 0; v cb = 10v; f test = 1mhz 340 pf f t current-gain?bandwidth product i e = -1a ; v ce = 12v 20 mhz switching times t on turn-on time 1.0 s t stg storage time 6.0 s t f fall time i c = 12a,i b1 = -i b2 = 24ma; v cc = 24v, r l = 2 1.0 s isc website www.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SD2083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X