Part Number Hot Search : 
8HC05 NJU6318 MBRF201 AP1075 A7800 14100 SL431AM RF200
Product Description
Full Text Search
 

To Download 2SD1893 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD1893 description ? ? with to-3pfa package ? high dc current gain ? low collector saturation voltage ? complement to type 2sb1253 applications ? power amplification ? optimum for 40w high-fidelity output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 130 v v ceo collector-emitter voltage open base 110 v v ebo emitter-base voltage open collector 5 v i c collector current 6 a i cm collector current-peak 10 a t c =25 ?? 50 p c collector power dissipation 3 w t j junction temperature 150 ?? t stg storage temperature -55~150 ??
inchange semiconductor product specification 2 silicon npn power transistors 2SD1893 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =30ma ; i b =0 110 v v cesat collector-emitter saturation voltage i c =5a ;i b =5ma 2.5 v v besat base-emitter saturation voltage i c =5a ;i b =5ma 3.0 v i cbo collector cut-off current v cb =130v; i e =0 100 | a i ceo collector cut-off current v ce =110v; i b =0 100 | a i ebo emitter cut-off current v eb =5v; i c =0 100 | a h fe-1 dc current gain i c =1a ; v ce =5v 2000 h fe -2 dc current gain i c =5a ; v ce =5v 5000 30000 f t transition frequency i c =0.5a ; v ce =10v;f=1mhz 20 mhz switching times t on turn-on time 1.4 | s t s storage time 4.5 | s t f fall time i c =5a; v cc =50v i b1 =-i b2 =5ma 0.8 | s ? h fe-2 classifications q p 5000-15000 8000-30000
inchange semiconductor product specification 3 silicon npn power transistors 2SD1893 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.30mm)


▲Up To Search▲   

 
Price & Availability of 2SD1893

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X