Part Number Hot Search : 
HAL573 PIC18F24 C842C M100G TDA4340X 2EZ91 2SK389BL XILINX
Product Description
Full Text Search
 

To Download 2SD1892 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD1892 description ? ? with to-220fa package ? high dc current gain ? low collector saturation voltage ? darlington ? complement to type 2sb1252 applications ? power amplification ? optimum for 35w high-fidelity output pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 120 v v ceo collector-emitter voltage open base 100 v v ebo emitter-base voltage open collector 5 v i c collector current 5 a i cm collector current-peak 8 a t c =25 ?? 45 p c collector power dissipation t a =25 ?? 2 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220fa) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SD1892 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =30ma ; i b =0 100 v v cesat collector-emitter saturation voltage i c =4a ;i b =4ma 2.5 v v besat base-emitter saturation voltage i c =4a ;i b =4ma 3.0 v i cbo collector cut-off current v cb =120v; i e =0 100 | a i ceo collector cut-off current v ce =100v; i b =0 100 | a i ebo emitter cut-off current v eb =5v; i c =0 100 | a h fe-1 dc current gain i c =1a ; v ce =5v 2000 h fe -2 dc current gain i c =4a ; v ce =5v 5000 30000 f t transition frequency i c =0.5a ; v ce =10v;f=1mhz 20 mhz switching times t on turn-on time 2.5 | s t s storage time 3.5 | s t f fall time i c =4a; v cc =50v i b1 =-i b2 =4ma 1.0 | s ? h fe-2 classifications q p 5000-15000 8000-30000
inchange semiconductor product specification 3 silicon npn power transistors 2SD1892 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SD1892

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X