Part Number Hot Search : 
CY7C2 CXX0G KID6500 GB7017 24C16N CSR1004 MJ15024 HT68F03M
Product Description
Full Text Search
 

To Download 1016200000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | w-series modular terminals | modular pe conductor terminals | w- compact - 1 - general ordering data order no. 1016200000 part designation wpe 2.5n version earth terminal, 2.5 mm2, screw connection, wemid, green/yellow, ts 35 ean 4008190018702 qty. 100 pc(s). product notes note, technical data 2.5 mm2 conductor with wire end ferrule plus plastic collar only with collar optimised for diameter (order no. 1333100000, 500 pcs) product description their small size compared to the respective rated cross-section makes the modular terminals with the compact design very popular. note, accessories rail support for insulated installation of terminal rail "sh 2" order no. 0494920000 (10 pcs) pt okiecex/atex rating data eu-type examination certificate kema98atex1683u download, german kema98atex1683u_d.pdf download english kema98atex1683u_e.pdf iecex certificate of conformity iecexuld05.0008u download iecexuld05.0008u_e.pdf atex conductor cross-section 2.5 mm2 iecex conductor cross-section 2.5 mm2 voltage when using cross-connections crossconnectionguide.pdf operating temperature range for operating temperature range see ec design test certificate / iec ex-certificate of conformity marking en 60079-7 ex e ii marking atex directive 94/9/ec ex ii 2 g d additional technical data colour of insulating material green/yellow connection direction on side
product catalogue | terminals | screwing technology | w-series modular terminals | modular pe conductor terminals | w- compact - 2 - additional technical data end plate required yes explosion-tested version "ex e" yes installation advice ts 35 insulating material wemid levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2 open sides closed operating temperature range - 50 c, + 120 c product family w-series type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material v-0 version pe terminal csa rating data min. cross-section (csa) awg 26 max. cross-section (csa) awg 12 conductors for clamping (rated connection) clamping range, min. 0.05 mm2 clamping range, max. 4 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 10 mm clamping screw m 2.5 blade size 0.6 x 3.5 mm tightening torque range 0.4...0.6 nm torque level with dms electric screwdriver 1 gauge to iec 60947-1 a3 solid, min. 0.5 mm2 solid, max. 4 mm2 stranded, min. 1.5 mm2 stranded, max. 4 mm2 flexible, min. 0.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 2.5 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 2.5 mm2 awg conductor size, min. awg 26 awg conductor size, max. awg 12 awg conductor size, min. 0.13 mm2 awg conductor size, max. 3.31 mm2
product catalogue | terminals | screwing technology | w-series modular terminals | modular pe conductor terminals | w- compact - 3 - dimensions width 5.1 mm height of lowest version 37.5 mm length 54 mm ts 35 offset 26 mm disconnect terminals torque level with dms electric screwdriver 1 pe rating data centre screw on pe terminals m 2.5 pen function no pollution severity 3 rated cross-section 2.5 mm2 rated impulse withstand voltage to adjacent terminal 6 kv rated short-time current 300 a (2.5 mm2) rated voltage for adjacent terminal 500 v standards iec 60947-7-2 tightening torque range for fixing screw 0.4...0.6 nm torque level with dms electric screwdriver 1 ul rating data min. cross-section (ul) awg 30 max. cross-section (ul) awg 12 approvals approvals institutes classifications etim 2.0 ec000901 etim 3.0 ec000901 eclass 4.1 27-14-03-05 eclass 5.0 27-14-03-05 eclass 5.1 27-14-03-05 similar products order no. part designation version
product catalogue | terminals | screwing technology | w-series modular terminals | modular pe conductor terminals | w- compact - 4 - 1041620000 wdk 2.5n pe earth terminal, 2.5 mm2, screw connection, wemid, green/yellow, ts 35 1042700000 wpe 4n earth terminal, 4 mm2, screw connection, wemid, green/yellow, ts 35 1041920000 wdk 4n pe earth terminal, 4 mm2, screw connection, wemid, green/yellow, ts 35 1019100000 wpe 16n earth terminal, 16 mm2, screw connection, wemid, green/yellow, ts 35 1717740000 wpe 35n earth terminal, 35 mm2, screw connection, wemid, green/yellow, ts 35 1846040000 wpe 50n earth terminal, 50 mm2, screw connection, wemid, green/yellow, ts 35 9512200000 wpe 70n/35 earth terminal, 70 mm2, screw connection, wemid, green/yellow, ts 35 1846030000 wpe 95n/120n earth terminal, 95 mm2, screw connection, wemid, green/yellow, ts 35


▲Up To Search▲   

 
Price & Availability of 1016200000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X