Part Number Hot Search : 
5J310 0FFI020 71660 STS8212 LC6527L TXV1N STIH239 08D2827M
Product Description
Full Text Search
 

To Download WKP101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 22206 for technical questions, contact: slcap@vishay.com www.vishay.com revision: 08-feb-10 1 ceramic ac capacitors class x1, 760 v ac /class y1, 500 v ac wkp vishay draloric dimensions in mm note impedance (z) as a function of frequency (f) at t a = 20 c (average). measurement with lead length 6 mm. design disc capacitors with epoxy coating rated voltage u r (x1): 760 v ac , 50 hz (iec 60384-14.2) (y1): 500 v ac , 50 hz (iec 60384-14.2) 250 v ac , 60 hz (ul1414, csa c22.2) dielectric strengt h between leads component test: 4000 v ac , 50 hz, 2 s as repeated test admissible only once with: 3600 v ac , 50 hz, 2 s random sampling test (destructive test): 4000 v ac , 50 hz, 60 s dielectric strength of body insulation 4000 v ac , 50 hz, 60 s (destructive test) dissipation factor tan 25 x 10 -3 insulation resistance r is 10 x 10 9 category temperature range ? a (- 40 to + 125) c climatic category acc. to en60068-1 40/125/21 coating epoxy dipped, insulating, flame retarding acc. to ul 94v-0 taping and special lead configurations on request marking wkp 33 pf to 1.5 nf wkp 2.2 nf to 4.7 nf note ? all approval marks are also shown on the label. d max. 3 max. l = 30 - 3 or l = 10 1 ? d 0.005 f 1.0 s max. v 0.5 2.2 nf 1.0 nf 3.3 nf 4.7 nf 470 pf 100 150 200 250 300 350 400 u r [v~] i~ [ a] 500 400 300 200 100 0 600 700 800 150 4700 pf 3900 3300 2200 1500 1000 6 8 0 470 330 220 150 100 47 6 8 33 pf 1 10 10 -1 10 0 10 1 f z [ ] 100 i = f (u r ) (typ.) [mhz] 10 -2 300 w kp 3n3 m iec 3 8 4-14/2 760 500 250 ~ x1 y1 w kp 760 ~ x1 500 ~ y1 47p m
wkp vishay draloric ceramic ac capacitors class x1, 760 v ac /class y1, 500 v ac www.vishay.com for technical questions, contact: slcap@vishay.com document number: 22206 2 revision: 08-feb-10 notes (1) standard lead configuration, other lead spacing and diameter available on request. (2) capacitance values from 470 pf to 4700 pf : the alternative usage of smaller vkp series is recommended for new application. ordering information, ceramic x1/y1 capacitors wkp capacitance (2) (pf) tol. (%) d x s (mm) f 1 (1) (mm) d 0.05 (1) (mm) v 0.5 (1) (mm) ordering code class 1 n 750 33 10 , 20 8.0 x 6.0 12.5 0.6 1.9 wkp330 ? cp ??? kr class 2 k 1200 47 10 , 20 8.0 x 6.0 12.5 0.6 2.3 wkp470 ? cp ??? kr 68 wkp680 ? cp ??? kr class 2 k 1500 100 10 , 20 8.0 x 6.0 12.5 0.6 2.3 WKP101 ? cp ??? kr class 2 k 2000 150 10 , 20 8.0 x 6.0 12.5 0.6 2.3 wkp151 ? cp ??? kr 220 wkp221 ? cp ??? kr class 2 k 4000 330 10 , 20 8.0 x 6.0 12.5 0.6 2.5 wkp331 ? cp ??? kr 470 wkp471 ? cp ??? kr 680 9.0 x 6.0 wkp681 ? cp ??? kr 1000 10.0 x 6.0 0.8 2.7 wkp102 ? cp ??? kr 1500 12.0 x 6.0 wkp152 ? cp ??? kr 2200 13.0 x 6.0 wkp222 ? cp ??? kr 3300 15.0 x 6.0 wkp332 ? cp ??? kr 3900 16.0 x 6.0 wkp392 ? cp ??? kr 4700 18.0 x 6.0 wkp472 ? cp ??? kr ordering code ? 7 th digit capacitance tolerance: 10 % = k 20 % = m ??? 10 th to 12 th digit lead configuration (see general information) r14 th digit rohs compliant component approvals iec 603 8 4 - 14 / 2 nd issue (1993) incl. am. 1 (1995) - safety tests en 132 400 (1994) - safety tests that approval together with the cb test certificat e substitutes the national approval of the following belgium france italy austria china japan spain denmark greece luxembourg p ortugal singapore poland united germany ireland netherlands sweden slovenia hungaria czech republic finland iceland norway switzerland korea israel y1 - capacitor: cb-test certificate: x1 - capacitor: cb-test certificate: de-1-11002-a1 de-1-11002-a1 33 pf ... 4.7 nf 33 pf ... 4.7 nf 500 v ac 760 v ac minimum thickness of insulation: 0.4 mm underwriters laboratories inc. ul 1414 across-the-line, antenna-coupling and line-by-pass component. 33 pf ... 4.7 nf 250 v ac agency files / licences e 183 844 v1 s1 canadian standards association csa c22.2 across-the-line, antenna-coupling and line-by-pass component 33 pf ... 4.7 nf 250 v ac no 1-9 8 agency files / licences e 183 844 v1 s1 ordering information wkp 221 m cp ed0 k r series cap. value tolerance rated voltage lead configuration internal code rohs compliant
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? wkp332mcpsutk? wkp102mcperuk? wkp332mcpej0kr? wkp221mcpef0kr? wkp152mcpej0kr? wkp221kcpef0k? wkp221mcpef0k? wkp222mcpej0k? wkp221mcpej0k? wkp332mcperuk? wkp332mcpej0k? wkp392mcpej0k? wkp222mcpej0kr? wkp102mcpsknk? wkp151mcpej0k? wkp472mcperuk? wkp471mcperuk? wkp102mcpej0kr? wkp151mcpef0kr? wkp471mcpef0kr? wkp221mcpej0kr? wkp681mcpef0k? wkp471mcperukr? wkp680mcpef0k? wkp680kcpef0k? wkp331mcpef0k? wkp330mcpej0k? wkp472mcpej0k? wkp152mcpej0k? wkp152kcpej0k? wkp102mcpej0k? WKP101mcpef0k? WKP101kcpef0k? wkp102kcpef0k? wkp102mcpef0k? wkp470mcpef0k? wkp471mcpef0k? wkp681mcpef0kr? wkp330mcpef0kr? wkp331mcpef0kr? WKP101mcpef0kr? wkp472mcpej0kr? wkp680mcpef0kr? wkp470mcpef0kr? wkp222mcpef0kr


▲Up To Search▲   

 
Price & Availability of WKP101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X