Part Number Hot Search : 
AT25512 74HC19 FR153 LM7410 SFH2500 IRF5305 C1569ACS PJ20168R
Product Description
Full Text Search
 

To Download UF4003G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost glass passivated juntion low leakage low forward voltage drop high current capability and similar solvents case:jedec do-41,molded plastic polarity: color band denotes cathode weight: 0.012ounces,0.34 grams mounting position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. uf 4003g uf 4004g uf 4005g uf 4006g uf 4007g units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v ma x imu m rms v o lt ag e v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average f orw ard rectified current 9.5mm lead length, @t a =75 peak f orw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum instantaneous f orw ard voltage @1.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg do - 41 50 35 50 uf 4001g easily cleaned with freon,alcohil,isopropanop 100 70 2. thermal resistance f rom junction to ambient. a note: 1. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. - 55---- +175 - 55---- +175 50.0 50 20 10 i f(av) the plastic material carries u/l recognition 94v-0 i r 30.0 10.0 100.0 1.0 1.7 75 voltage range: 50 --- 1000 v current: 1.0 a 100 uf 4002g 1.0 a a i fsm dimensions in millimeters uf4001g-uf4007g glass passivated rectifiers features mechanical data http://www.luguang.cn mail:lge@luguang.cn
average forward current, amperes peak forward surge current amperes amperes fig.3 --typical instantaneous forward fi g. 4--typi cal reverse characteri sti cs number of cycles at 60hz instantaneous reverse leakage characteristics instantaneous forward current instantaneous forward voltage,volts fi g. 2 --peak forward surge current ambient temperature, fi g. 1 -- forward current derati ng curve reverse voltage,volts percent of rated peak reverse voltage,% current, amperes fi g. 5--typi cal juncti on capaci tance junction capacitance,pf 1 .1 1.0 .4 t j =25 2 4 6 10 40 20 100 60 200 .2 2 4 10 20 40 100 uf4001g-uf4004g uf4005g-uf4007g t j =50 0.1 1 0 2040 6080100120140 100 10 t j =25 1000 t j =50 1.0 2.0 0 50 100 150 single phase half wave 60h z resistive or inductive load 0 175 25 125 75 0 30 1 10 100 20 5 5 0 10 40 50 8.3ms single half sine-wave .01 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 10 1.0 100 .2 2.0 uf4001g-4004g uf4005g-4007g 0.1 uf4001g-uf4007g glass passivated rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of UF4003G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X