aluminum electrolytic capacitors cl chip type, low impedance series v code 6.3 j 10 a 16 c 25 e 35 v 50 h voltage chip type, low impedance, temperature range up to +105 c. applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2002/95/ec). type numbering system (example : 16v 100 f) u 1 c 2 l 3 1 4 c 5 1 6 0 7 1 8 m 9 c 10 l 11 1 12 g 13 s 14 configuration size code taping code capacitance tolerance ( 20%) rated capacitance (100 f) rated voltage (16v) series name type 10 10 a b c e l h 4 5.8 1.8 4.3 4.3 1.0 5.8 0.5 to 0.8 5 5.8 2.1 5.3 5.3 1.3 5.8 0.5 to 0.8 6.3 5.8 2.4 6.6 6.6 2.2 5.8 0.5 to 0.8 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 to 0.8 10 7.7 3.2 10.3 10.3 4.5 7.7 0.8 to 1.1 8 10 2.9 8.3 8.3 3.1 10 0.8 to 1.1 8 6.2 3.3 8.3 8.3 2.3 6.2 0.5 to 0.8 3.2 10.3 10.3 4.5 10 0.8 to 1.1 (mm) 10 13.5 3.2 10.3 10.3 4.5 13.5 0.8 to 1.1 d l a2 100c cl ( 4 to 8 6.2 ) ( 8 10l, 10 ) chip type 0.3 max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5 max. e h h 0.3 max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5 max. e l 0.3 l 0.5 series name capacitance lot no. lot no. capacitance plastic platform plastic platform series name trade mark voltage (c : 16v ) voltage (e : 25v) negative positive negative positive a2 220e cl specifications item performance characteristics category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current stability at low temperature endurance shelf life resistance to soldering heat marking 55 to +105c 6.3 to 50v 10 to 2200f 20% at 120hz, 20c after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv or 3 ( a), whichever is greater. after storing the capacitors under no load at 105 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250 c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20c . black print on the case top. 6.3 2 3 4 z 25c / z+20c z 40c / z+20c z 55c / z+20c measurement frequency : 120hz measurement frequency : 120hz at 20 c capacitance change tan leakage current within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value capacitance change tan leakage current within 30% of the initial capacitance value 200% or less than the initial specified value less than or equal to the initial specified value rated voltage ( v ) tan ( max. ) rated voltage ( v ) impedance ratio zt / z20 ( max. ) 10 2 3 4 16 2 3 4 25 2 3 3 35 2 3 3 50 2 3 3 6.3 0.26 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 tangent of loss angle (tan ) the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 105 c. cl low impedance d 4 to 6.3 8 (6.2l) cl cl 10 (7.7l) cl 8 (10l) 10(10l,13.5l) nl code trade mark 1 1: size 8 6.2 only pressure relief vent 2 2 : except : 10 7.7l cd dimension table in next page. cat.8100b
aluminum electrolytic capacitors cl series specifications max. impedance ( ? ) at 20 c 100khz, rated ripple current ( marms ) at 105 c 100khz : in this case, 6 will be put at 12th digit of type numbering system. frequency coefficient 50hz 0.35 120hz 0.50 300hz 0.64 1khz 0.83 10khz or more 1.00 frequency coefficient of rated ripple current 6.3 0j 10 1a 16 1c 25 1e 35 1v 50 1h 10 22 33 47 68 100 150 220 330 390 470 560 680 820 1000 1200 1500 1800 2200 100 220 330 470 680 101 151 221 331 391 471 561 681 821 102 122 152 182 222 0.85 0.85 0.36 0.36 0.26 0.26 0.16 0.18 0.08 0.10 0.08 0.06 0.08 0.06 160 160 240 240 300 300 600 500 850 850 850 1190 850 1190 4 5.8 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 6.2 8 10 10 7.7 8 10 10 10 10 10 10 13.5 0.85 0.85 0.36 0.26 0.26 0.26 0.16 0.18 0.08 0.10 0.08 0.10 0.08 0.06 0.08 0.06 160 160 240 300 300 300 600 500 850 850 850 850 850 1190 850 1190 4 5.8 4 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 6.2 8 10 10 7.7 8 10 10 7.7 8 10 10 10 10 10 10 13.5 0.85 0.85 0.36 0.36 0.26 0.26 0.26 0.16 0.16 0.16 0.18 0.08 0.10 0.08 0.10 0.06 0.08 0.06 160 160 240 240 300 300 300 600 600 600 500 850 850 850 850 1190 850 1190 4 5.8 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 6.3 7.7 6.3 7.7 8 6.2 8 10 10 7.7 8 10 10 7.7 10 10 10 10 10 13.5 0.85 0.36 0.36 0.26 0.26 0.26 0.16 0.18 0.08 0.10 0.08 0.10 0.08 0.06 0.08 0.06 160 240 240 300 300 300 600 500 850 850 850 850 850 1190 850 1190 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 6.2 8 10 10 7.7 8 10 10 7.7 8 10 10 10 10 10 10 13.5 0.85 0.36 0.36 0.26 0.26 0.16 0.16 0.08 0.08 0.10 0.08 0.10 0.06 0.08 0.06 160 240 240 300 300 600 600 850 850 850 850 850 1190 850 1190 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 7.7 6.3 7.7 8 10 8 10 10 7.7 8 10 10 7.7 10 10 10 10 10 13.5 0.18 0.12 670 900 8 10 10 10 cap. ( f ) code v rated ripple impedance case size d l (mm) taping specifications are given in page 23. recommended land size, soldering by refrow are given in page 18, 19. please refer to page 3 for the minimum order quantity. cat.8100b
|