Part Number Hot Search : 
LTC31 2SC2412 LTC38 2SC2412 HER205 BT75AXX P103H VLMY3191
Product Description
Full Text Search
 

To Download TF-PCM-5893-A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  compact boards note: all specifications are subject to change without notice. 01-9 01 features specifications crt 40-pin ide parallel floppy disk drive com diskonchip ? 9657666600 ? jumper cap quick installation guide ? utility cd ? pcm-5893 or pcm-5893l ? packing list compact board with amd geode? gx series processors system form factor 5.25? processor onboard amd geode? gx 466/ 500 (optional)/ 533 processor system memory 184-pin ddr sdram dimm x 1, max. 512mb (ddr 266) chipset amd geode? gx + cs5535 i/o chipset ite it8712 ethernet realtek rtl 8100bl, 10/100base-tx, rj-45 x 1 bios award 256kb flash rom wake on lan yes watchdog timer generates a time-out system reset h/w status monitoring supports power supply voltages, fan speed and temperature monitoring expansion interface mini pci x 1, pci x 1, pc/104 x 1 battery lithium battery power requirement 5v/ at/atx power consumption (typical) amd gx533 (400mhz) ddr400 512mb 2.20a@+5v board size 8? (l) x 5.75? (w) (203mm x 146mm) gross weight 1.2 lb (0.5 kg) operating temperature 32of ~ 140of (0oc ~ 60oc) storage temperature -40of~176of (-40oc~80oc) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 90,000 display supports crt/ lcd simultaneous/ dual view display (pcm-5893 only) chipset smi sm 712 (pcm-5893), amd geode? gx (pcm-5893l) memory built-in 4mb sdram resolutions up to 1280 x 1024@24bpp colors for crt up to 1024 x 768@24bpp colors for lcd i/o storage eide x 1 (udma 100 for one device), type ii compactflash? x 1, floppy disk drive x 1, serial port rs-232 x 3, rs-232/422/485 x 1 parallel port spp/ epp/ ecp mode usb usb1.1 x 4 ps/2 port keyboard + mouse x 1 digital i/o supports 8-bit (programmable) irda one irda tx/rx header audio mic-in, line-in, line-out, cd-in type iii mini pci ttl lcd ethernet rj-45 pci audio power input pc/104 TF-PCM-5893-A10 (fanless) ? 5.25" board, gx533 400mhz, lcd, ddr, lan, audio, 4com, usb, compactflash?, pc/104, mini-pci, pci, at/atx, rev. a1.0 TF-PCM-5893-A10-01 (fanless) ? 5.25" board, gx466 333mhz, lcd, ddr, lan, audio, 4com, usb, compactflash?, pc/104, mini-pci, pci, at/atx, rev. a1.0 tf-pcm-5893l-a10 (fanless) ? 5.25" board, gx533 400mhz, lcd, ddr, lan, audio, 4com, usb, compactflash?, pc/104, mini-pci, pci, at/atx, rev. a1.0 tf-pcm-5893l-a10-01 (fanless) ? 5.25" board, gx466 333mhz, lcd, ddr, lan, audio, 4com, usb, compactflash?, pc/104, mini-pci, pci, at/atx, rev. a1.0 ordering information tf-per-a011 ? cable kit for pcm-5893/pcm-5893l tf-pcm-5600 ? pc/104 56k fax/modem module tf-pcm-3660b ? pc/104 ethernet module tf-pcm-3115b ? pc/104 2-slot pcmcia module tf-per-c10l-a10 ? mini pci 10/100base-tx ethernet module with realtek 8100c tf-per-c10l-a10-01 ? mini pci 10/100/1000base-tx ethernet module with realtek 8110s tf-per-c10l-a10-02 ? mini pci 10/100base-tx ethernet module with intel? 82551qm tf-per-c10l-a10-03 ? mini pci 10/100/1000base-tx ethernet module with intel? 82541gi tf-per-c30f-a10 ? mini pci 3-port ieee 1394a module tf-per-v30c-a11 ? mini pci single channel capture module with philips saa7135 tf-per-c40c-a10 ? mini pci 2-port rs-232 module rev. a1.0 tf-per-c40c-a10-01 ? mini pci 4-port rs-232 module rev. a1.0 optional accessories pcm-5893/ pcm-5893l onboard amd geode? gx 466/ 500 (optional)/ 533 series processors amd geode? lx + cs5535 ddr 266 dimm x 1, up to 512 mb 10/100base-tx ethernet x 1 up to 24-bit ttl tft, crt ac97 2ch audio type ii compactflash?, eide x 1, floppy disk drive x 1 com x 4, usb x 4, 8-bit digital i/o, parallel x 1 mini pci x 1, pc/104 x 1, pci x 1 +5v only operation


▲Up To Search▲   

 
Price & Availability of TF-PCM-5893-A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X