Part Number Hot Search : 
7E255 H2227 4LVTH1 SR037SG C4558 1N5277 HN27C256 CM5S1015
Product Description
Full Text Search
 

To Download SB590 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb520 ... sb5100 sb520 ... sb5100 schottky barrier rectifier diodes schottky-barrier-gleichrichterdioden version 2013-01-30 dimensions - ma?e [mm] nominal current nennstrom 5 a repetitive peak reverse voltage periodische spitzensperrspannung 20...100 v plastic case kunststoffgeh?use ~ do-201 weight approx. gewicht ca. 1 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings and characteristics grenz- und kennwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] forward voltage durchlass-spannung v f [v] 1 ) sb520 20 20 < 0.55 sb530 30 30 < 0.55 sb540 40 40 < 0.55 sb550 50 50 < 0.67 sb560 60 60 < 0.67 SB590 90 90 < 0.79 sb5100 100 100 < 0.79 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 50c i fav 5 a 2 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 20 a 2 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 250/285 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 310 a 2 s junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+175c 1 i f = 5 a,t j = 25c 2 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 t y p e ? 1.2 0.05 ? 4.5 6 2 . 5 0 . 5 7 . 5 0 . 1 +0.1 - 0.3
sb520 ... sb5100 characteristics kennwerte leakage current sperrstrom t j = 25c sb520...560 SB590...5100 v r = v rrm v r = v rrm i r i r < 0.5 ma < 0.6 ma thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 25 k/w 1 ) thermal resistance junction to leads w?rme widerstand sperrschicht C anschlussdraht r thl < 8 k/w 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 i fav [%] 120 100 80 60 40 20 0 [c] t a 150 100 50 0 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) 10 10 1 10 10 2 -1 -2 0 v f 0.4 0.6 [v] 1.0 sb520...540 sb580...5100 sb550, sb560 t = 25c j


▲Up To Search▲   

 
Price & Availability of SB590

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X