Part Number Hot Search : 
Z5237 0M25X45 LDBK4840 100301FC A1046Y SAFC504 ST3243 2SC2061
Product Description
Full Text Search
 

To Download SAC18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sac5.0 thru sac50 500w low capacitance transient voltage suppressor features ? glass passivated junction ? excellent clamping capability maximum ratings symbol value units peak pulse power dissipation with a 10/1000 s waveform(note 1) p ppm 500(min) watts steady state power dissipation @ t l =75 with lead lengths or 0.375??(9.5mm) p m(av) 3 watts peak pulse power surge current with a 10/1000 s waveform(note 2. fig .3) i ppm see table1 amps junction temperature t j -55 to 175 storage temperature range t stg -55 to 175 mechanical data ? we ight : 0.4g note: 2) non-repetitive current pulse, per fig.3 and derated above ta=25 , per fig.2  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc revision: b 2013/01/01 do -15 min max min max a 0.230 0.300 5.80 7.60 b 0.104 0.140 2.60 3.60 c 0.026 0.034 0.71 0.86 d 1.000 ----- 25.40 ----- dimensions dim inches mm note a b c d d cathode mark ul recognized file # e331408 tm micro commercial components www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) 1) high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? halogen free available upon request by adding suffix "-hf"
electrical characteristics @25 mcc part number stand-off voltage (note 1) v wm minimum breakdown voltage at i t =1.0ma v (br) maximum reverse leakage at v wm ir maximum clamping voltage at i pp =5.0a v c maximum peak pulse current per fig.3 ipp maximum junction capacitan ce at 0 volts working inverse blocking voltage v wib peak inverse blocking voltage v pib v v a v amps pf v v sac5.0 5.0 7.60 300 10.0 44.0 50 75 100 sac6.0 6.0 7.90 300 11.2 41.0 50 75 100 sac7.0 7.0 8.33 300 12.6 38.0 50 75 100 sac8.0 8.0 8.89 100 13.4 36.0 50 75 100 sac8.5 8.5 9.44 50 14.0 34.0 50 75 100 sac10 10.0 11.10 5 16.3 29.0 50 75 100 sac12 12.0 13.30 5 19.0 25.0 50 75 100 sac15 15.0 16.70 5 23.6 20.0 50 75 100 SAC18 18.0 20.00 5 28.8 15.0 50 75 100 sac22 22.0 24.40 5 35.4 14.0 50 75 100 sac26 26.0 28.90 5 42.3 11.1 50 75 100 sac30 30.0 33.30 5 48.6 10.0 50 75 100 sac36 36.0 40.00 5 60.0 8.6 50 75 100 sac45 45.0 50.00 5 77.0 6.8 50 150 200 sac50 50.0 55.50 5 88.0 5.8 50 150 200 revision: b 2013 /01/01 mcc sac5.0 thru sac50 note: 1) non-repetitive current pulse, per fig.3 and derated above ta=25  , per fig.2 tm micro commercial components www. mccsemi .com 2 of 4
mcc sac5.0 thru sac50 revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: b 2013/01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 4kpcs/reel part number-ap ammo packing: 3kpcs/ammo box part number-bp bulk: 25kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of SAC18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X