Part Number Hot Search : 
74AUC PAL16L8A C0201 B66233 K1643 ADG608BN B8806 P315D00
Product Description
Full Text Search
 

To Download RUB002N02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.2v drive nch mosfet RUB002N02 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) high speed switing. 2) small package(vmn3). 3) ultra low voltage drive(1.2v drive). ? application switching ? packaging specifications ? inner circuit package taping code t2cl basic ordering unit (pieces) 8000 RUB002N02 ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 20 v gate-source voltage v gss ? 8v continuous i d ? 200 ma pulsed i dp ? 800 ma continuous i s 125 ma pulsed i sp 800 ma power dissipation p d 150 mw channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 each terminal mounted on a recommended land. ? thermal resistance symbol limits unit channel to ambient rth (ch-a) 833 ? c / w * each terminal mounted on a recommended land. parameter type source current (body diode) drain current parameter vmn3 0.22 0.8 0.1 1.0 0.1 0.16 0.6 0.35 (1) (2) (3) 0.37 0.17 *2 *1 *1 * *2 *1 *1 abbreviated symbol : qr (1) gate (2) source (3) drain ?1 esd protection diode ?2 body diode ?2 ?1 (3) (1) (2) 1/6 2011.04 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RUB002N02 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 8v, v ds =0v drain-source breakdown voltage v (br)dss 20 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 ? av ds =20v, v gs =0v gate threshold voltage v gs (th) 0.3 - 1.0 v v ds =10v, i d =1ma - 0.7 1.0 i d =200ma, v gs =4v - 0.8 1.2 i d =200ma, v gs =2.5v - 1.0 1.4 i d =200ma, v gs =1.8v - 1.2 2.4 i d =40ma, v gs =1.5v - 1.6 4.8 i d =20ma, v gs =1.2v forward transfer admittance l y fs l 0.2 - - s i d =200ma, v ds =10v input capacitance c iss - 25 - pf v ds =10v output capacitance c oss - 10 - pf v gs =0v reverse transfer capacitance c rss - 10 - pf f=1mhz turn-on delay time t d(on) -5-nsi d =150ma, v dd 10v rise time t r - 10 - ns v gs =4v turn-off delay time t d(off) - 15 - ns r l =67 ? fall time t f - 10 - ns r g =10 ? *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd - - 1.2 v i s =200ma, v gs =0v *pulsed conditions conditions parameter parameter static drain-source on-state resistance r ds (on) ? * * * * * * * * * * * 2/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RUB002N02 ? electrical characteristic curves (ta=25 ? c) 0 0.1 0.2 0.3 0.4 0.5 0 0.2 0.4 0.6 0.8 1 v gs = 1.2v v gs = 4.0v v gs = 2.5v v gs = 1.8v v gs = 1.3v v gs = 1.5v ta=25 c pulsed fig.1 typical output characteristics( ) drain current : i d [a] drain - source voltage : v ds [v] 0 0.1 0.2 0.3 0.4 0.5 0 2 4 6 8 10 v gs = 1.5v ta=25 c pulsed v gs = 1.3v v gs = 2.5v v gs = 1.8v v gs = 1.2v fig.2 typical output characteristics( ) drain - source voltage : v ds [v] drain current : i d [a] 100 1000 10000 0.001 0.01 0.1 1 ta= 25 c pulsed v gs = 1.2v v gs = 1.5v v gs = 1.8v v gs = 2.5v v gs = 4.0v fig.4 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 100 1000 10000 0.001 0.01 0.1 1 v gs = 4.0v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.5 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 100 1000 10000 0.001 0.01 0.1 1 v gs = 2.5v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.6 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 3/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RUB002N02 100 1000 10000 0.001 0.01 0.1 1 v gs = 1.8v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.7 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 100 1000 10000 0.001 0.01 0.1 1 v gs = 1.5v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.8 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 100 1000 10000 0.001 0.01 0.1 1 v gs = 1.2v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.9 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 0.1 1 0.01 0.1 1 v ds = 10v pulsed ta= - 25 c ta=25 c ta=75 c ta=125 c fig.10 forward transfer admittance vs. drain current forward transfer admittance : |yfs| [s] drain - current : i d [a] 0 0.5 1 1.5 2 2.5 0 2 4 6 8 ta=25 c pulsed i d = 0.02a i d = 0.2a fig.12 static drain - source on - state resistance vs. gate source voltage static drain - source on - state resistance : r ds (on)[ ? ] gate - source voltage : v gs [v] 4/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RUB002N02 5/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RUB002N02 ? measurement circuits ? notice this product might cause chip aging and breakdown under the large electrified environment. please consider to design esd protection circuit. v gs r g v d s d.u.t. i d r l v dd 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) fig.1-1 switching time measurement circuit fig.1-2 switching waveforms 6/6 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RUB002N02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X