Part Number Hot Search : 
FAN604H MP103 BOARD 3386W200 CD3821 TA2057N MAX9990 MAX743
Product Description
Full Text Search
 

To Download MOC207R2M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  moc205m, moc206m, moc207m ?small outline optocouplers transistor output ?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 april 2013 moc205m, moc206m, moc207m small outline optocouplers transistor output features u.l. recognized (file #e90700, volume 2) vde recognized (file #136616) (add option ??for vde approval, i.e, moc205vm) closely matched current transfer ratios convenient plastic soic-8 surface mountable package style minimum bv ceo of 70 v guaranteed standard soic-8 footprint, with 0.050" lead spacing high input-output isolation of 2500 v ac(rms) guaranteed applications feedback control circuits interfacing and coupling systems of different potentials and impedances general purpose switching circuits monitor and detection circuits description these devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic package. they are ideally suited for high density applications, and eliminate the need for through- the-board mounting. schematic package outline base n/c anode cathode 1 2 3 4 5 6 7 8 emitter collector n/c n/c figure 1. schematic figure 2. package outline
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 2 moc205m, moc206m, moc207m ?small outline optocouplers transistor output absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. t a = 25? unless otherwise speci?d. notes: 1. isolation surge voltage, v iso , is an internal device dielectric breakdown rating. 2. for this test, pins 1 and 2 are common and pins 5, 6 and 7 are common. 3. v iso rating of 2500 v ac(rms) for t = 1 minute is equivalent to a rating of 3,000 v ac(rms) for t = 1 second symbol rating value unit emitter i f forward current ?continuous 60 ma i f (pk) forward current ?peak (pw = 100 ?, 120 pps) 1.0 a v r reverse voltage 6.0 v p d led power dissipation @ t a = 25? derate above 25? 90 0.8 mw mw/? detector v ceo collector-emitter voltage 70 v v eco emitter-collector voltage 7.0 v v cbo collector-base voltage 70 v i c collector current-continuous 150 ma p d detector power dissipation @ t a = 25? derate above 25? 150 1.76 mw mw/? total device v iso input-output isolation voltage (f = 60 hz, t = 1 minute) (1)(2)(3) 2500 vac(rms) p d total device power dissipation @ t a = 25? derate above 25? 250 2.94 mw mw/? t a ambient operating temperature range -40 to +100 ? t stg storage temperature range -40 to +150 ?
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 3 moc205m, moc206m, moc207m ?small outline optocouplers transistor output electrical characteristics t a = 25? unless otherwise speci?d. *typical values at t a = 25? notes: 1. isolation surge voltage, v iso , is an internal device dielectric breakdown rating. 2. for this test, pins 1 and 2 are common and pins 5, 6 and 7 are common. 3. v iso rating of 2500 v ac(rms) for t = 1 minute is equivalent to a rating of 3,000 v ac(rms) for t = 1 second. 4. current transfer ratio (ctr) = i c /i f x 100%. symbol parameter test conditions min. typ.* max. unit emitter v f input forward voltage i f = 10 ma 1.15 1.5 v i r reverse leakage current v r = 6.0 v 0.001 100 ? c in input capacitance 18 pf detector i ceo1 i ceo2 collector-emitter dark current v ce = 10 v, t a = 25? v ce = 10 v, t a = 100? 1.0 1.0 50 na ? bv ceo collector-emitter breakdown voltage i c = 100 ? 70 100 v bv eco emitter-collector breakdown voltage i e = 100 ? 7.0 10 v c ce collector-emitter capacitance f = 1.0 mhz, v ce = 0 7.0 pf coupled ctr collector-output current (4) moc205m moc206m moc207m i f = 10 ma, v ce = 10 v 40 63 100 80 125 200 % v iso isolation surge voltage (1)(2)(3) f = 60 hz ac peak, t = 1 minute 2500 vac(rms) r iso isolation resistance (2) v = 500 v 10 11 v ce (sat) collector-emitter saturation voltage i c = 2 ma, i f = 10 ma 0.4 v c iso isolation capacitance (2) v = 0 v, f = 1 mhz 0.2 pf t on turn-on time i c = 2.0 ma, v cc = 10 v, r l = 100 (fig. 12) 7.5 ? t off turn-off time i c = 2.0 ma, v cc = 10 v, r l = 100 (fig. 12) 5.7 ? t r rise time i c = 2.0 ma, v cc = 10 v, r l = 100 (fig. 12) 3.2 ? t f fall time i c = 2.0 ma, v cc = 10 v, r l = 100 (fig. 12) 4.7 ?
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 4 moc205m, moc206m, moc207m ?small outline optocouplers transistor output typical performance curves figure 4. output curent vs. input current i f led input current (ma) 0.1 1 10 100 i c output collector current (normalized) 0.01 0.1 1 10 v ce = 5 v normalized to i f = 10 ma figure 5. output current vs. ambient temperature t a ambient temperature ( c) -80 -60 -40 -20 0 20 40 60 80 100 120 i c output collector current (normalized) 0.1 1 10 normalized to t a = 25 c figure 6. output current vs. collector-emitter voltage v ce collector-emitter voltage (v) 012345678 9 10 i c output collector current (normalized) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i f = 10 ma norm alized to v ce = 5 v figure 7. dark current vs. ambient temperature figure 8. ctr vs. r be (unsaturated) t a ambient temperature ( c) 0 20406080100 i ceo collector -emitter dark current (na) 0.1 1 10 100 1000 10000 v ce = 10 v i f ?led forward current (ma) v f ?forward voltage (v) figure 3. led forward voltage vs. forward current 1 10 100 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 t a = ?5 c t a = 25 c t a = 100 c r be base resistance (k ) 10 100 1000 normalized ctr 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0. 9 1.0 i f i f = i f = 10 m a = 5 ma v ce = 5 v, t a = 25 c normalized to: ctr at r be = open 20 ma
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 5 moc205m, moc206m, moc207m ?small outline optocouplers transistor output typical performance curves (continued) figure 12. switching time test circuit and waveforms norm figure 10. normalized t on vs. r be figure 11. normalized t off vs. r be figure 9. ctr vs. r be (saturated) r be r be base resistance (k ) 10 100 1000 normalized ctr 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0. 9 1.0 i f = 20 m a i f = 10 m a i f = 5 ma v ce = 0.3 v, t a = 25 c normalized to: ctr at r be = open base resistance (m ) (m ) 0.01 0.1 1 10 100 alized t on 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v cc = 10 v i c = 2 ma r l = 100 normalized to : t on at r be = open r be base resistance 0.01 0.1 1 10 100 normalized t of ff 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 v cc = 10 v i c = 2 ma r l = 100 normalized to : t of ff at r be = open output pulse input pulse test circuit t r t f input i f r l r be v cc = 10 v output t on 10% 9 0% t off i c adjust i f to produce i c = 2 ma waveforms
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 6 moc205m, moc206m, moc207m ?small outline optocouplers transistor output package dimensions 8-pin soic surface mount recommended pad layout package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package speci?ations do not expand the terms of fairchilds worldwide terms and conditions, speci?ally the warranty therein, which covers fairchild products. always visit fairchild semiconductors online packaging area for the most recent package drawings: http://www .f airchildsemi.com/pac kaging/ lead coplanarity: 0.004 (0.10) max 0.202 (5.13) 0.182 (4.63) 0.021 (0.53) 0.011 (0.28) 0.050 (1.27) typ. 0.164 (4.16) 1 8 0.144 (3.66) 0.244 (6.1 9 ) 0.224 (5.6 9 ) 0.143 (3.63) 0.123 (3.13) 0.008 (0.20) 0.003 (0.08) 0.010 (0.25) 0.006 (0.16) seating p lane 0.024 (0.61) 0.050 (1.27) dimensions in inches (mm). 0.155 (3. 9 4) 0.275 (6. 99 ) 0.060 (1.52)
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 7 moc205m, moc206m, moc207m ?small outline optocouplers transistor output ordering information marking information option order entry identi?r description v v vde 0884 r2 r2 tape and reel (2500 units per reel) r2v r2v vde 0884, tape and reel (2500 units per reel) 1 2 6 4 3 5 de?itions 1 fairchild logo 2 device number 3 vde mark (note: only appears on parts ordered with vde option ?see order entry table) 4 one digit year code, e.g., ? 5 two digit work week ranging from ?1 to ?3 6 assembly package code 205 s yy x v
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 8 moc205m, moc206m, moc207m ?small outline optocouplers transistor output carrier tape specifications 4.0 0.10 1.5 min user direction of feed 2.0 0.05 1.75 0.10 5.5 0.05 12.0 0.3 8.0 0.10 0.30 max 8.3 0.10 3.50 0.20 dimensions in mm 0.1 max 6.40 0.20 5.20 0.20 1.5 0.1
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 9 moc205m, moc206m, moc207m ?small outline optocouplers transistor output re?w pro?e pro?e freature pb-free assembly pro?e temperature minimum (tsmin) 150? temperature maximum (tsmax) 200? time (t s ) from (tsmin to tsmax) 60?20 seconds ramp-up rate (t l to t p ) 3?/second maximum liquidous temperature (t l ) 217? time (t l ) maintained above (t l ) 60?50 seconds peak body package temperature 260? +0? / ?? time (t p ) within 5? of 260? 30 seconds ramp-down rate (t p to t l ) 6?/second maximum time 25? to peak temperature 8 minutes maximum time (seconds) temperature ( c) time 25? to peak 260 240 220 200 180 160 140 120 100 80 60 40 20 0 t l t s t l t p t p ts m a x ts m i n 120 preheat area max. ramp-up rate = 3?/s max. ramp-down rate = 6?/s 240 360
?005 fairchild semiconductor corporation www.fairchildsemi.com moc205m, moc206m, moc207m rev. 1.0.2 10 moc205m, moc206m, moc207m ?small outline optocouplers transistor output


▲Up To Search▲   

 
Price & Availability of MOC207R2M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X