Part Number Hot Search : 
1233G0 LC02VS8 MUR160 SDT96306 309UA250 TLS346S 170M4058 P76A6115
Product Description
Full Text Search
 

To Download LM1MA152WALT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. LM1MA152WALT1G sot?23 shipping 3000/tape & reel 10000/tape & reel ordering information description these common anode silicon epitaxial planar dual diodes are designed for use in ultra high speed switching applications. these devices are housed in the sot-23 package which is designed for low power surface mount applications. features ? fast t rr , < 10 ns ? low c d , < 15 pf we declare that the material of product is rohs compliant ? maximum ratings (t a = 25 c) rating symbol value unit reverse voltage v r 80 vdc peak reverse voltage v rm 80 vdc forward current i f 150 madc peak forward current i fm 340 madc peak forward surge current i fsm (note 1 ) 750 madc thermal characteristics rating symbol max unit power dissipation p d 225 mw junction temperature t j 150 c storage temperature t stg ?55 to + 150 c 1. t = 1 sec device marking LM1MA152WALT1G mo lm1ma152walt3g mo 3 anode 21 cathode common anode silicon dual switching diodes a r l t r t p t 10% 90% v r t p = 2  s t r = 0.35 ns i f t rr t i rr = 0.1 i r i f = 10 ma v r = 6 v r l = 100  recovery time equivalent test circuit input pulse output pulse figure 1. reverse recovery time equivalent test circuit electrical characteristics (t a = 25 c) characteristic symbol condition min max unit forward voltage v f i f = 100 ma ? 1.2 vdc reverse breakdown voltage v r i r = 100  a 80 ? vdc diode capacitance c d v r = 0, f = 1.0 mhz ? 15 pf reverse recovery time (figure 1) t rr (note 2) i f = 10 ma, v r = 6.0 v, r l = 100  , i rr = 0.1 i r ? 10 ns 2. t rr test circuit 1 2 3 rev.o 1/3
leshan radio company, ltd. LM1MA152WALT1G 100 0.2 0.4 v f , forward voltage (volts) 0.6 0.8 1.0 1.2 10 1.0 0.1 t a = 85 c 10 0 v r , reverse voltage (volts) 1.0 0.1 0.01 0.001 10 20 30 40 50 1.75 0 v r , reverse voltage (volts) 1.5 1.25 1.0 0.75 c d , diode capacitance (pf) 246 8 i f , forward current (ma) figure 2. forward voltage figure 3. leakage current figure 4. capacitance t a = ?40 c t a = 25 c t a = 150 c t a = 125 c t a = 85 c t a = 55 c t a = 25 c i r , reverse current ( a) rev.o 2/3
d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. base 2. emitter 3. collector 0.031 0.8 sot-23 3 LM1MA152WALT1G leshan radio company, ltd. rev.o 3/3


▲Up To Search▲   

 
Price & Availability of LM1MA152WALT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X