Part Number Hot Search : 
ABACT00 AN6783S NJU87 UNR31A1G ST72F SA211 52203 AT24C
Product Description
Full Text Search
 

To Download LBAV170LT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount low leakge diode lbas116lt1g sot?23 . 3000 tape & reel 10000 tape & reel device marking ordering information leshan radio company, ltd.  case: sot-23  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over alloy 42 leadframe).  weight: 0.002 grams (approx.)  ultra-small surface mount package  very low leakage current  lead free/rohs compliant (note 2)  qualified to aec-q101 standards for high reliability  lbas116lt1g lbas116lt3g k50 device marking shipping lbaw156lt1g lbaw156lt3g lbav170lt1g LBAV170LT3G lbav199lt1g lbav199lt3g k50 53 53 51 51 52 52 3000 tape & reel 10000 tape & reel 3000 tape & reel 10000 tape & reel 3000 tape & reel 10000 tape & reel lbaw156lt1g lbav170lt1g lbav199lt1g lbas116lt1g lbaw156lt1g lbav170lt1g lbav199lt1g maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 85 v rms reverse voltage v r(rms) 60 v forward continuous current (note 1) single diode double diode i fm 215 125 ma repetitive peak forward current i frm 500 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0ms @ t = 1.0s i fsm 4.0 1.0 0.5 a power dissipation (note 1) p d 150 mw thermal resistance junction to ambient air (note 1) r  ja 833  c/w operating and storage temperature range t j ,t stg -65 to +150  c notes: 1. device mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. rev.o 1/3 we declare that the material of product compliance with rohs requirements. 1 3 2 feature mechanical data
leshan radio company, ltd. lbas116lt1g, lbaw156lt1g, lbav170lt1g, lbav199lt1g electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 3) v (br)r 85  v i r = 100  a forward voltage v f  0.90 1.0 1.1 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma leakage current (note 3) i r  5.0 80 na na v r = 75v v r = 75v, t j = 150  c total capacitance c t  2  pf v r = 0, f = 1.0mhz reverse recovery time t rr  3.0  s i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  notes: 3. short duration test pulse used to minimize self-heating effect. 0 50 100 0 25 50 75 100 125 150 p , power dissipation (mw) d t , ambient temperature (c) fi g . 1 power deratin g curve a 150 200 2 5 0 10 1.0 100 1000 0.1 0.01 02.0 i , instantaneous forward current (ma) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f 0.4 0.8 1.2 1.6 0.1 1 10 0 50 150 100 200 i , reverse current (na) r t , ambient temperature ( ) fi g .3 t y pical reverse characteristics a c v=75v r 0 20 40 60 80 100 120 140 160 0.00 1.40 1.20 1.00 0.80 0.60 0.40 0.20 t , ambient temperature (c) a v , average forward voltage (v) fi g .4 t y pical forward volta g e vs ambient temperature f(ave) i=1ma f i = 10ma f i = 50ma f i = 150ma f rev.o 2/3
d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. anode 2. cahode 3. cahode/anode 0.031 0.8 sot-23 3 leshan radio company, ltd. lbas116lt1g, lbaw156lt1g, lbav170lt1g, lbav199lt1g rev.o 3/3


▲Up To Search▲   

 
Price & Availability of LBAV170LT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X