Part Number Hot Search : 
0M154B MHF60SGS MT6323 SF2188D R5000R FMMTL619 SB340E KV1410
Product Description
Full Text Search
 

To Download KBL02G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbl005g~kbl10g voltage 50v ~ 1000v, 4.0amp glass passivated bridge rectifiers elektronische bauelemente 26-oct-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  surge overload rating C 125 amperes peak  ideal for printed circuit board  plastic material has underwriters laboratory flammability classification 94v-0  mounting position: any maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase, half wave, 60hz, resistive or inductiv e load. for capacitive load, de-rate current by 20%.) parameter symbol part number unit kbl 005g kbl 01g kbl 02g kbl 04g kbl 06g kbl 08g kbl 10g maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified output current at t a =50c 1 i (av) 4 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 125 a maximum forward voltage drop per bridge element @ 4a peak v f 1.1 v maximum reverse current at rated dc blocking voltage t a =25c i r 10 a t a =150c 1 ma operating & storage temperature range t j ,t stg -55~150 c note: 1. mounting condition, 0.5 lead length maximum kbl ref. millimeter ref. millimeter min. max. min. max. a 18.5 19.5 f 4.6 5.6 b 15.2 16.3 g 1.8 2.2 c 6. 0 6.5 h 19.0 - d 13.9 14.9 i 1.2 typ. e (4.0) x 45
kbl005g~kbl10g voltage 50v ~ 1000v, 4.0amp glass passivated bridge rectifiers elektronische bauelemente 26-oct-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of KBL02G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X