Part Number Hot Search : 
C1008 CPH6402 FP812 K1767 K1767 8C443 MIC2551 TL494CPW
Product Description
Full Text Search
 

To Download IXGH40N60C2D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010 ixys corporation, all rights reserved ds99041f(11/10) hiperfast tm igbts w/ diode features z very high frequency igbt z square rbsoa z high current handling capability applications z uninterruptible power supplies (ups) z switch-mode and resonant-mode power supplies z ac motor speed control z dc servo and robot drives z dc choppers advantages z high power density z v ery fast switching speeds for high frequency applications z high power surface mountable packages g = gate c = collector e = emitter tab = collector ixgt40n60c2d1 ixgj40n60c2d1 IXGH40N60C2D1 c2-class high speed igbts v ces = 600v i c110 = 40a v ce(sat) 2.7v t fi(typ) = 32ns to-268 (ixgt) c (tab) e g to-247 (ixgh) g e c to-268 (ixgj) g e c c (tab) c (tab) symbol test conditions maximum ratings v ces t j = 25c to 150c 600 v v cgr t j = 25c to 150c, r ge = 1m 600 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25c ( limited by lead) 75 a i c110 t c = 110c 40 a i cm t c = 25c, 1ms 200 a ssoa v ge = 15v, t j = 125c, r g = 10 i cm = 80 a (rbsoa) clamped inductive load v ce v ces p c t c = 25c 300 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6mm (0.062 in.) from case for 10s 300 c t sold plastic body for 10 seconds 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. weight to-247 6 g to-268 4 g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified ) min. typ. max. v ge(th) i c = 250 a, v ce = v ge 3.0 5.0 v i ces v ce = v ces , v ge = 0v 200 a t j = 125c 3 ma i ges v ce = 0v, v ge = 20v 100 na v ce(sat) i c = 30a, v ge = 15v, note 1 2.2 2.7 v t j = 125c 1.7 v
ixys reserves the right to change limits, test conditions, and dimensions. ixgt40n60c2d1 ixgj40n60c2d1 IXGH40N60C2D1 symbol test conditions characteristic values (t j = 25c unless otherwise specified) min. typ. max. g fs i c = 30a, v ce = 10v, note 1 20 36 s c ies 2500 pf c oes v ce = 25v, v ge = 0v, f = 1mhz 220 pf c res 54 pf q g 95 nc q ge i c = 30a, v ge = 15v, v ce = 0.5 ? v ces 14 nc q gc 36 nc t d(on) 18 ns t ri 20 ns t d(off) 90 140 ns t fi 32 ns e off 0.20 0.37 mj t d(on) 18 ns t ri 20 ns e on 0.60 mj t d(off) 130 ns t fi 80 ns e off 0.50 mj r thjc 0.42 c/w r thcs to-247 & to-268 0.25 c/w inductive load, t j = 25c i c = 30a, v ge = 15v v ce = 400v, r g = 3 note 2 i nductive load, t j = 125c i c = 30a, v ge = 15v v ce = 400v, r g = 3 note 2 notes: 1. pulse test, t 300 s, duty cycle, d 2%. 2. switching times & energy losses may increase for higher v ce (clamp), t j or r g . reverse diode (fred) symbol test conditions characteristic values (t j = 25c unless otherwise specified) min. typ. max. v f i f = 30a, v ge = 0v, note 1 2.5 v t j = 150c 1.6 v i rm t j = 100c 4 a t rr t j = 100c 100 ns 25 ns r thjc 0.9 c/w i f = 30a, v ge = 0v, -di f /dt = 100a/ s, v r = 100v i f = 1a, v ge = 0v, -di f /dt = 100a/ s, v r = 30v to-268 outline 1 = gate 2,4 = collector 3 = emitter to-268 leaded outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc e ? p to-247 outline 1 2 3 1 = gate 2 = collector 3 = emitter 1 = gate 2,4 = collector 3 = emitter ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537
? 2010 ixys corporation, all rights reserved ixgt40n60c2d1 ixgj40n60c2d1 IXGH40N60C2D1 fig. 2. extended output characteristics @ 25 deg. c 0 30 60 90 12 0 15 0 18 0 210 0 123 45 67 v c e - volts i c - amperes v g e = 1 5v 1 3v 1 1 v 9v 5v 7v fig. 3. output characteristics @ 125 deg. c 0 10 20 30 40 50 60 0.5 1 1.5 2 2.5 3 v ce - volts i c - amperes v g e = 1 5v 1 3v 1 1 v 5v 7v 9v fig. 1. output characteristics @ 25 deg. c 0 10 20 30 40 50 60 0.5 1 1.5 2 2.5 3 3.5 v c e - volts i c - amperes v g e = 1 5v 1 3v 1 1 v 7v 5v 9v fig. 6. input admittance 0 30 60 90 12 0 15 0 18 0 210 45678910 v g e - volts i c - amperes t j = 1 25 o c 25 o c -40 o c fig. 4. t emperature dependence of v ce(sat) 0.6 0.7 0.8 0.9 1 1. 1 1. 2 1. 3 25 50 75 100 125 150 t j - degrees centigrade v c e (sat) - normalize d i c = 60a i c = 30a i c = 1 5a v g e = 1 5v fig. 5. collector-to-emitter voltage vs. gate-to-emitter voltage 1 1. 5 2 2.5 3 3.5 4 5 6 7 8 9101112131415 v g e - volts v c e - volts t j = 25 o c i c = 60a 30a 1 5 a
ixys reserves the right to change limits, test conditions, and dimensions. ixgt40n60c2d1 ixgj40n60c2d1 IXGH40N60C2D1 fig. 12. capacitance 10 10 0 10 0 0 10000 0 5 10 15 20 25 30 35 40 v c e - volts capacitance - p f c ies c oes c res f = 1 m hz fig. 11. gate charge 0 3 6 9 12 15 0 20406080100 q g - nanocoulombs v g e - volts v c e = 300v i c = 30a i g = 1 0ma fig. 7. transconductance 0 10 20 30 40 50 60 70 0 306090120150180 i c - amperes g f s - siemens t j = -40 o c 25 o c 1 25 o c fig. 8. dependence of e off on r g 0 0.2 0.4 0.6 0.8 1 1 .2 1 .4 1 .6 1 .8 24681 01 21 41 6 r g - ohms e off - millijoule s i c = 45a i c = 1 5a t j = 1 25 o c v g e = 1 5v v c e = 400v i c = 30a i c = 60a fig. 10. dependence of e off on t emperature 0 0.2 0.4 0.6 0.8 1 1. 2 1. 4 1. 6 25 50 75 100 125 t j - degrees centigrade e off - millijoule s i c = 60a v g e = 1 5v v c e = 400v r g = 3 ohm s r g = 1 0 ohms - - - - - i c = 45a i c = 30a i c = 1 5a fig. 9. dependence of e off on i c 0 0.2 0.4 0.6 0.8 1 1. 2 1. 4 1. 6 10 20 30 40 50 60 i c - amperes e off - millijoule s r g = 3 ohms r g = 1 0 ohms - - - - - v g e = 1 5v v c e = 400v t j = 1 25 o c t j = 25 o c
? 2010 ixys corporation, all rights reserved ixgt40n60c2d1 ixgj40n60c2d1 IXGH40N60C2D1 fig. 13. maximum transient thermal impedance 0.01 0.1 0 1 .00 0.0001 0.001 0.01 0.1 1 1 0 pulse width - seconds z (th) j c - (oc/w)
ixys reserves the right to change limits, test conditions, and dimensions. ixgt40n60c2d1 ixgj40n60c2d1 IXGH40N60C2D1 i f = 60a i f = 30a i f = 15a t vj = 100c v r = 300v t vj = 100c i f = 30a fig. 16. peak reverse current i rm versus -di f /dt fig. 15. reverse recovery charge q r versus -di f /dt fig. 14. forward current i f versus v f t vj = 100c v r = 300v t vj = 100c v r = 300v i f = 60a i f = 30a i f = 15a q r i rm fig. 18. recovery time t rr versus -di f /dt fig. 19. peak forward voltage v fr and t fr versus di f /dt i f = 60a i f = 30a i f = 15a t fr v fr fig. 20. transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.502 0.0052 2 0.193 0.0003 3 0.205 0.0162 t vj =25c t vj =100c t vj =150c fig. 17. dynamic parameters q r , i rm versus t vj 200 600 1000 0 400 800 60 70 80 90 0.00001 0.0001 0.001 0.01 0.1 1 0.001 0.01 0.1 1 04080120160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0.00 0.25 0.50 0.75 1.00 v fr di f /dt v 200 600 1000 0 400 800 0 5 10 15 20 25 30 100 1000 0 200 400 600 800 1000 0123 0 10 20 30 40 50 60 i rm q r i f a v f -di f /dt -di f /dt a/ s a v nc a/ s a/ s t rr ns t fr z thjc a/ s s dsep 29-06 ixys ref: g_40n60c2(5y)12-11-06-b


▲Up To Search▲   

 
Price & Availability of IXGH40N60C2D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X