Part Number Hot Search : 
V638ME01 13002 1N5229 2SA1514K 11201 RS200 APL5315 256655
Product Description
Full Text Search
 

To Download HLMP-MD16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent hlmp-ld16/HLMP-MD16 4 mm precision optical performance red oval leds data sheet features ? high brightness material alingap 630 mm red ? viewing angles: major axis 100 minor axis 50 ? well defined spatial radiation pattern ? superior resistance to moisture applications ? commercial outdoor advertising ? full color signs description these precision optical performance oval leds are specifically designed for full color/video and passenger infor- mation signs. the oval shaped radiation pattern (50 x 100 ) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide view- ing angle and readability in sunlight are essential. these lamps have very smooth, matched radiation patterns ensuring consistent color mixing in full color applications, message uniformity across the viewing angle of the sign. high efficiency led materials are used in these lamps: aluminum indium gallium phosphide (alingap) for red color. the higher performance alingap ii is used. each lamp is made with an advanced optical grade epoxy offering superior high tempera- ture and high moisture resistance in outdoor applications. the package epoxy contains both uv-a and uv-b inhibitors to reduce the effects of long term exposure to direct sunlight. designers can select parallel (where the axis of the leads is parallel to the wide axis of the oval radiation pattern) or perpen- dicular orientation. both of the lamps are red diffused-tinted.
2 package dimensions notes: 1. the luminous intensity is measured on the mechanical axis of the lamp package. 2. the optical axis is closely aligned with the package mechanical axis. 3. the dominant wavelength l d is derived from the cie chromaticity diagram and represents the color of the lamp. device selection guide alingap2 color luminous dominant intensity wavelength i v (mcd) at 20 ma tinting leadframe package part number l d (nm) typ. min. max. type orientation drawing HLMP-MD16-mq000 red 630 450 1730 red perpendicular a hlmp-ld16-mq000 red 630 450 1730 red parallel b HLMP-MD16-lp000 red 630 345 1330 red perpendicular a hlmp-ld16-lp000 red 630 345 1330 red parallel b 3.70 ?0.20 (0.146 ?0.008) 1.25 ?0.20 (0.049 ?0.008) 0.80 (0.016) max. epoxy meniscus 9.80 ?0.50 (0.386 ?0.007) cathode lead a ? 6.30 ?0.20 (0.248 ?0.020) 2.54 ?0.30 (0.100 ?0.012) 21.00 (0.827) min. 1.00 (0.039) min. 0.40 +0.10 ? (0.016 +0.004 ?.000) 0.45 +0.10 ?.04 (0.018 +0.004 ?.002) 3.70 ?0.20 (0.146 ?0.008) 1.25 ?0.20 (0.049 ?0.008) 0.80 (0.016) max. epoxy meniscus 9.80 ?0.50 (0.386 ?0.007) cathode lead b ? 6.30 ?0.20 (0.248 ?0.008) 2.54 ?0.30 (0.100 ?0.012) 21.00 (0.827) min. 1.00 (0.039) min. 0.40 +0.10 ? (0.016 +0.004 ?.000) 0.45 +0.10 ?.04 (0.018 +0.004 ?.002) notes: 1. dimensions in millimeters (inches). 2. tolerance ?0.1 mm unless otherwise noted.
3 absolute maximum ratings t a = 25 c parameter alingap value units dc forward current [1] 50 ma peak forward current 70 ma average forward current 30 ma power dissipation 120 mw reverse voltage (i r = 100 m a) 5 v led junction temperature 130 c operating temperature range C40 to +100 c storage temperature range C40 to +120 c soldering temperature 260 for 5 sec c note: 1. derate linearly as shown in figure 3 for temperatures above 50 c. electrical/optical characteristics t a = 25 c parameter symbol min. typ. max. units test conditions typical viewing angle major 2 q 1/2 100 deg minor 50 forward voltage red ( l d = 630 nm) v f 2.0 2.4 v i f = 20 ma reverse voltage red v r 520 vi r = 100 m a peak wavelength peak of wavelength of spectral red ( l d = 630 nm) l peak 639 nm distribution at i f = 20 ma spectral halfwidth wavelength width at spectral red ( l d = 630 nm) dl 1/2 17 nm distribution power point at i f = 20 ma capacitance red c 40 pf v f = 0, f = 1 mhz thermal resistance r q j-pin 240 c/w led junction-to-cathode lead luminous efficacy emitted luminous power/ red ( l d = 630 nm) h v 155 lm/w emitted radiant power notes: 1. 2 q 1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity. 2. the radiant intensity, i e in watts per steradian, may be found from the equation i e = i v / h v where i v is the luminous intensity in candelas and h v is the luminous efficacy in lumens/watt.
4 figure 3. alingap maximum forward current vs. ambient temperature. figure 1. relative intensity vs. wavelength. figure 2. alingap forward current vs. forward voltage. figure 4. alingap relative luminous intensity vs. forward current. wavelength ?nm relative intensity 1.0 0.5 0 600 700 500 650 550 0 40 20 i f ?forward current ?ma v f ?forward voltage ?v 0 3.0 1.5 2.0 2.5 10 30 50 1.0 0.5 relative luminous intensity (normalized at 20 ma) 0 0 i f ?forward current ?ma 20 40 2.0 1.0 50 0.5 1.5 2.5 30 10 i f ?forward current ?ma 0 0 t a ?ambient temperature ?? 40 80 50 40 30 20 10 20 60 100 60 120 r q ja = 780?/w
5 figure 5b. representative spatial radiation pattern C vertical. figure 5a. representative spatial radiation pattern C horizontal. normalized intensity 1.0 0 q ?angular displacement ?degrees 0.8 0.6 0.2 -90 0.4 -60 -30 15 45 90 -15 30 -75 75 -45 60 0 normalized intensity 1.0 0 q ?angular displacement ?degrees 0.8 0.6 0.2 -90 0.4 -60 -30 15 45 90 -15 30 -75 75 -45 60 0
www.semiconductor.agilent.com data subject to change. copyright ? 2000 agilent technologies inc. obsoletes 5980-0263e 5980-2021e (9/00) intensity bin limits (mcd at 20 ma) bin name min. max. l 400 520 m 520 680 n 680 880 p 880 1150 q 1150 1500 tolerance for each bin limit is 15%. note: 1. bin categories are established for classification of products. products may not be available in all bin categories.


▲Up To Search▲   

 
Price & Availability of HLMP-MD16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X