Part Number Hot Search : 
AQV253AZ 50020 ML12FAD IR2128 74HC191 WM8951 SSM700 CD4580A
Product Description
Full Text Search
 

To Download GBU20M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2? ? gbu20b thru GBU20M high current glass passivated moldi ng single-phase bridge rectifier reverse voltage 100 to 1000v forward current 20a features z plastic package has underwriters laboratory flammability classification 94v-0 z high current capacity with small package z glass passivated chip junctions z superior thermal conductivity z high ifsm 1. maximum & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. parameter symbol symbol gbu20b gbu20d gbu20g gbu20j gbu20k GBU20M unit maximum repetitive voltage v rrm 100 200 400 600 800 1000 v maximum rms voltage v rms 70 140 280 420 560 700 v maximum dc blocking voltage v dc 100 200 400 600 800 1000 v maximum dc reverse current ta=25  5 a at rated dc blocking voltage ta=125  ir 500 maximum average forward rectified output current at tc=100 io 20 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load ifsm 300 a rating of fusi ng (t<8.3ms) i 2 t 270 a 2 sec dielectric strength terminals to case ac 1 minute current 1ma vdia 2.5 kv max instantaneous forward voltage at 10a vf 1.05 v maximum thermal on p.c.b. without heat-sink r ja max22 resistance per leg on al plate heat-sink r jc max2.1 /w operating junction temperature tj -55~150  storage temperature tstg -55~150  mounting torque tor rating torque : 0.8  suggests 0.45~0.65 n.m
? 3? ? gbu20b thru GBU20M 2. ratings and characteristic curves ( ta = 25c unless otherwise noted ) fig. 1 derating curve fig.2  typical reverse characteristics average rectified forward current io(a) nstantaneous reverse current (a) case temperature tc( ) percent of rated peak reverse voltage 
fig.3  forward voltage fig.4  peak surge forward capability forward current (a) peak surge forward current ifsm(a) forward voltage vf number of cycles
? 4? ? gbu20b thru GBU20M 3. marking identification note  3
?c4  ?3 a ?1018?  -
? ?3 ?10? v u12010 m
6?=? ?3 ?18? ^?18?'v u? ?12010 m18 ? 3b ?| gbu 20 k bridge reverse voltage=800v average rectified forward current=20a mean gbu series bridge 4. dimension


▲Up To Search▲   

 
Price & Availability of GBU20M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X