Part Number Hot Search : 
ISL6124 S6698FD KDS190 06010 TSOP2 D2040 G4BC40K A5950
Product Description
Full Text Search
 

To Download EH4925ETTTS-133000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eh49 series ? rohs compliant (pb-free) ? ceramic smd package ? 1.8v supply voltage ? lvcmos output ? stability to 20ppm ? available on tape and reel oscillator eh49 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. manufacturer category series package voltage class rev . date ecliptek corp. oscillator eh49 ceramic 1.8v os7c 06/09 electrical specifications 2.500mhz to 25.000mhz 25.001mhz to 75.000mhz 75.001mhz to 133.000mhz inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, 260c reflow, shock, and vibration 2.500mhz to 50.000mhz 20% to 80% of waveform 50.001mhz to 75.000mhz 20% to 80% of waveform 75.001mhz to 133.000mhz 20% to 80% of waveform at 50% of waveform v ih : 90% of v dd or no connection v ih : < 10% of v dd pin 1 = ground frequency range operating temperature range storage temperature range supply voltage (v dd ) input current (no load) frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time load drive capability duty cycle tri-state input voltage standby current aging (at 25c) start up time period jitter: absolute 2.500mhz to 133.000mhz 0c to 70c or -40c to 85c -55c to 125c 1.8v dc 5% 3.5ma maximum 4ma maximum 5ma maximum 100ppm maximum 50ppm maximum 25ppm maximum 20ppm maximum 90% of v dd minimum i oh =-8ma 10% of v dd maximum i ol =+8ma 6 nseconds maximum 4 nseconds maximum 2 nseconds maximum 15pf maximum 50 10(%) (standard) or 50 5(%) (optional) enables output disables output: high impedance 10a maximum 5ppm / year maximum 10mseconds maximum 125psec maximum h 1.05 l 3.2 w 2.5 notes _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ ______________________________________________________________
manufacturer category series package voltage class rev . date ecliptek corp. oscillator eh49 ceramic 1.8v os7c 06/09 eh49 00 et t ts - 24.000m tr frequency tolerance / stability 00 = 100ppm maximum (standard) 45 = 50ppm maximum 25 = 25ppm maximum 20 = 20ppm maximum operating temp. range blank = 0oc to 70oc or et = -40c to 85c duty cycle blank = 50 10(%) (standard) t = 50 5(%) part numbering guide *compliant to eia 481a mechanical dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications suggested solder pad layout all dimensions in millimeters tape and reel dimensions all dimensions in millimeters tolerances= + 0.1 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. 2.50 0.15 3.20 0.15 1.05 0.15 0.75 0.10 (x4) 1.20 0.10 1.00 0.10 1.00 0.10 1 2 3 4 marking orientation pin 1: tri-state pin 2: case ground pin 3: output pin 4: supply voltage available options blank = bulk (standard) tr = tape and reel frequency output control function ts = tri-state (high impedance) m n o p q 1.5 min 50 min 20.2 min 13.0 0.2 40 min r s t u v qty/reel 2.5 min 10 min 18.4 max 180 max 12.4 +2 -0 1,000 reel a b c d e f 12.0 0.3 5.5 0.05 4.75 0.10 4.0 0.1 2.0 0.05 f g h j k l 4.0 0.1 a0* 1.5 +0.1 - 0.0 b0* 0.6 max k0* reel characteristic specification esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a line 1: epo line 2: xxxxx eclipitek manufacturing indentifier


▲Up To Search▲   

 
Price & Availability of EH4925ETTTS-133000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X