features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25 symbol parameter min typ max unit v cc supply voltage --- 50 --- v v in input voltage -10 --- 40 v p d power dissipation --- 150 --- mw t j junction temperature --- 150 --- t stg storage temperature -55 --- 150 electrical characteristics @ 25 symbol parameter min typ max unit v i(off) --- --- 0.5 v v i(on) input voltage (v cc =5v, i o =100 a) (v o =0.2v, i o =5ma) 3.0 --- --- v v o(on) output voltage (i o /i i =10ma/0.5ma) --- 0.1 0.3 v i i input current (v i =5v) --- --- 0.36 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5 a g i dc current gain (v o =5v, i o =5ma) 56 --- --- r 1 input resistance 15.4 22 r 2 /r 1 resistance ratio 0.8 1.0 1.2 f t transition frequency (v o =10v, i o =5ma, f=100mhz) --- 250 --- mhz 28.6 k i o i c(max) output current --- 30 100 --- ma sot-523 *marking: 25 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012- 0 willas electronic corp. dimensions in inches and (millimeters) .043(1.10) .035(0.90) .069(1.75) .057(1.45) .004(0.10)min. .008(0.20) .004(0.10) .035(0.90) .028(0.70) .006(0.15) .014(0.35) .004(0.10)max. .067(1.70) .059(1.50) .035(0.90) .028(0.70) .014(0.35) .010(0.25) npn digital transistor DTC124EE
typical characteristics 2012- 0 willas electronic corp. 0.4 0.8 1.2 1.6 2.0 0.01 0.1 1 10 0.1 1 10 100 0.1 1 10 100 11 01 0 0 10 100 1000 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 0 4 8 12 16 20 0 2 4 6 8 10 0.1 1 10 100 1 10 100 1000 t a =100 t a =25 off characteristics 3 0.3 0.03 v cc =5v output current i 0 (ma) input voltage v i(off) (v) 30 3 0.3 t a =100 on characteristics t a =25 v o =0.2v 3 0.3 30 output current i o (ma) input voltage v i(on) (v) t a =25 t a =100 300 30 30 3 v o(on) i o i o /i i =20 output voltage v o(on) (mv) output current i o (ma) dtc124em dtc124esa dtc124eua/ca/ka DTC124EE p d t a power dissipation p d (mw) ambient temperature t a ( ) output capacitance c o (pf) f=1mhz t a =25 c o v r reverse bias voltage v r (v) t a =100 t a =25 30 v o =5v 300 3 3 0.3 30 g i i o output current i o (ma) dc current gain g i 5 npn digital transistor DTC124EE
|