Part Number Hot Search : 
ON0205 9LV16 PN4354 L107G TZA3043 BY133 24LC02B TZA3043
Product Description
Full Text Search
 

To Download DPG30C200PB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dpg 30 c 200pb advanced hiperfred2 symbol definition r a t i n g s features / advantages: planar passivated chips very low leakage current very short recovery time improved thermal behaviour very low irm-values very soft recovery behaviour avalanche voltage rated for reliable operation soft reverse recovery for low emi/rfi low irm reduces: - power dissipation within the diode - turn-on loss in the commutating switch typ. max. i fsm i r a a v 150 i fav a v f 1.25 r thjc 1.70 k/w v r = 123 min. 15 ms (50 hz), sine applications: antiparallel diode for high frequency switching devices antisaturation diode snubber diode free wheeling diode rectifiers in switch mode power supplies (smps) uninterruptible power supplies (ups) v rrm v 200 1 t vj v c = t vj c = ma 0.08 package: part number v r = t vj = c i f =a v t c = 140 c rectangular, d = 0.5 p tot 90 w t c c = a i rm 3 /dt i f =a; v r =v a t rr e a s tbd mj t vj c = i a s =a;l = h i a r a v a = tbd f = 10 khz 1.5v r typ.; t vj 175 c -55 high performance fast recovery diode low loss and soft recovery common cathode v i t rrm fav rr = = = 200 15 35 15 t vj =45c 20 -di f = 200 a/s 100 tbd 100 dpg 30 c 200pb v a ns 200 v 200 25 25 25 t p =10 25 max. repetitive reverse voltage reverse current forward voltage average forward current thermal resistance junction to case virtual junction temperature total power dissipation max. forward surge current max. reverse recovery current non-repetitive avalanche energy repetitive avalanche current reverse recovery time conditions unit 1.50 t vj c = 25 c j tbd pf j unction capacitance v r =v; 100 t vj 150 v f0 v 0.69 t vj = 175 c r f 17.3 f = 1 mhz =c 25 m to-220ab v 1.00 t vj =c i f =a v 15 150 1.27 i f =a 30 i f =a 30 ns 35 ns industry standard outline epoxy meets ul 94v-0 rohs compliant t vj c =25 t vj c = 125 t vj c =25 t vj c = 125 2x threshold voltage slope resistance for power loss calculation only backside: cathode ixys reserves the right to change limits, conditions and dimensions. ? 2006 ixys all rights reserved 0629 * data according to iec 60747and per diode unless otherwise specified
dpg 30 c 200pb advanced i rms a per pin* 35 r thch k/w 0.25 m d nm 0.6 mounting torque 0.4 t st g c 150 storage temperature -55 weight g 2 c b f a h g l k j d n m e r q dim. millimeter inches min. max. min. max. a 12.70 13.97 0.500 0.550 b 14.73 16.00 0.580 0.630 c 9.91 10.66 0.390 0.420 d 3.54 4.08 0.139 0.161 e 5.85 6.85 0.230 0.270 f 2.54 3.18 0.100 0.125 g 1.15 1.65 0.045 0.065 h 2.79 5.84 0.110 0.230 j 0.64 1.01 0.025 0.040 k 2.54 bsc 0.100 bsc m 4.32 4.82 0.170 0.190 n 1.14 1.39 0.045 0.055 q 0.35 0.56 0.014 0.022 r 2.29 2.79 0.090 0.110 symbol definition ratings typ. max. min. conditions rms current thermal resistance case to heatsink unit * irms is typically limited by: 1. pin-to-chip resi stance; or by 2. current capability of the chip. in case of 1, a common cathode/anode configuration and a no n-isolated backside, the whole cu rrent capability can be used by c onnecting the backside. outlines to-220ab f c n 60 mounting force with clip 20 ixys reserves the right to change limits, conditions and dimensions. ? 2006 ixys all rights reserved 0629 * data according to iec 60747and per diode unless otherwise specified


▲Up To Search▲   

 
Price & Availability of DPG30C200PB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X