Part Number Hot Search : 
MIRO39A6 EDZ10B 1L323229 AD8801 5690F5 FX003QZS 100AXC CD8427CS
Product Description
Full Text Search
 

To Download CD70-B2GA151KYGSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. issue date: october 2011 mid-high voltage ceramic capacitors cd series disk type with lead safety standard approved
(1/2) 005-03 / 20111003 / e4b3_cd.fm  all specifications are subject to change without notice. mid-high voltage ceramic capacitors(disk with lead) safety standard approved cd series reinforced insulation type/operating temperature range: ?25 to +105c(ul standard: ?25 to +85c) class 2 high dielectric features  flame-resistant reinforced outer insulation prevents fires, electri- cal shock, and other potential hazards.  compliant with the safety standards of 11 countries.  this ceramic capacitor meets european class ii (reinforced insulation) safety standards vde, sev, semko, bs. since it is rated at a withstand voltage of ac.4000v, it can be used in single-unit configurations within european class ii devices.  this product is compatible with halogen-free external resin coating (we recommend halogen-free products as standard). capacitance temperature characteristics and tolerance product identification (1) type (2) shape (3) capacitance temperature characteristics (4) rated voltage (5) nominal capacitance (6) capacitance tolerance (7) class (8) lead type (9) safety standard (10) halogen-free compatible product capacitance and dimensions ? ? : lead shape symbol list of standard lead shapes the lead type is indicated by the letter which is the 15th character of the product name. dimensions in mm  we recommend using a vertical kink type.  for bulk products, we recommend a short lead type with the symbol n. conformity to rohs directive temperature characteristics test temperature range capacitance tolerance b(10%) ?25 to +85c k(10%) e(+20, ?55%) ?25 to +85c m(20%) cd 12 -e 2ga 222 m y n s a (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) part no. capacitance temperature characteristics capacitance (pf) capacitance tolerance dimensio ns(mm) halogen-free product current product d max. t max. f d cd70-b2ga101ky ? ? sa cd70-b2ga101ky ? ? s b(10%) 100 k(10%) 7.0 7.0 10+2, ?1 0.60.05 cd70-b2ga151ky ? sa cd70-b2ga151ky ? s 150 k(10%) 7.0 7.0 10+2, ?1 0.60.05 cd85-b2ga221ky ? sa cd85-b2ga221ky ? s 220 k(10%) 8.5 7.0 10+2, ?1 0.60.05 cd90-b2ga331ky ? sa cd90-b2ga331ky ? s 330 k(10%) 9.0 7.0 10+2, ?1 0.60.05 cd90-b2ga391ky ? sa cd90-b2ga391ky ? s 390 k(10%) 9.0 7.0 10+2, ?1 0.60.05 cd95-b2ga471ky ? sa cd95-b2ga471ky ? s 470 k(10%) 9.5 7.0 10+2, ?1 0.60.05 cd75-e2ga681my ? sa cd75-e2ga681my ? s e(+20, ?55%) 680 m(20%) 7.5 7.0 10+2, ?1 0.60.05 cd85-e2ga102my ? sa cd85-e2ga102my ? s 1,000 m(20%) 8.5 7.0 10+2, ?1 0.60.05 cd10-e2ga152my ? sa cd10-e2ga152my ? s 1,500 m(20%) 10.0 7.0 10+2, ?1 0.60.05 cd12-e2ga222my ? sa cd12-e2ga222my ? s 2,200 m(20%) 11.5 7.0 10+2, ?1 0.60.05 cd14-e2ga332my ? sa cd14-e2ga332my ? s 3,300 m(20%) 13.5 7.0 10+2, ?1 0.60.05 cd15-e2ga392my ? sa cd15-e2ga392my ? s 3,900 m(20%) 14.5 7.0 10+2, ?1 0.60.05 cd16-e2ga472my ? sa cd16-e2ga472my ? s 4,700 m(20%) 15.5 7.0 10+2, ?1 0.60.05 long lead short lead vertical kink symbol g symbol n example) tdk product name: cd12-e2ga222mynsa n: lead type (vertical kink, short) 25min. 4max. d t f d 5 1 4max. d t f d  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/2) 005-03 / 20111003 / e4b3_cd.fm  all specifications are subject to change without notice. halogen-free product markings ? year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, o (october), n (november), or d (december). ? the expression has become simplified due to a revision in the standards. internationally certified status / iec60384-14 en60384-14 approved  certificate numbers shall be changed owing to the revisions of the related standards. current product markings ? year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, o (october), n (november), or d (december). internationally certified status / iec60384-14 en60384-14 approved  certificate numbers shall be changed owing to the revisions of the related standards. item marking examples 1. series 2. nominal capacitance 3. capacitance tolerance 4. rated voltage eac 5. sub-class of safety performance 6. tdk?s logogram 7. date code cd 222(2200pf) m(20%) x1y1 15 (2011.5) ? safety standard standard no. of iec standard no. temperature characteristics insulation sub-class rated voltage eac(v) approval report no. japan taiwan xiamen bsi iec 60065 bs en 60065 b, e x1, y1 250 km37103 km37103 km37103 iec 60384-14 bs en60384-14 vde iec 60384-14 en 60384-14 b, e x1, y1 250 40029780 40029780 40029780 sev iec 60384-14 en 60384-14 b, e x1, y1 250 10.0121 10.0121 10.0121 semko iec 60384-14 en 60384-14 b, e x1, y1 250 912465 912465 912465 nemko iec 60384-14 en 60384-14 b, e x1, y1 250 p09211658 p09211658 p09211658 demko iec 60384-14 en 60384-14 b, e x1, y1 250 315294-01 315294-01 315294-01 fimko iec 60384-14 en 60384-14 b, e x1, y1 250 fi 25522 fi 25522 fi 25522 imq iec 60384-14 en 60384-14 b, e x1, y1 250 v3691 v3691 v3691 saa iec 60065 as3250 b, e ? 400 cs6268 cs6268 cs6268 ul ? ul 1414 b, e (x, y) 250 e37861 e37861 e37861 csa iec 60384-14 can/csa-e60384-14 b, e (x, y) 250 2278970 (lr 35801) 2278970 (lr 35801) 2278970 (lr 35801) cqc iec 60384-14 gb-t 14472-1998 b, e x1, y1 250 cqc10001051611 cqc10001051638 cqc03001004816 item marking examples 1. series 2. nominal capacitance 3. capacitance tolerance 4. rated voltage eac 5. withstand voltage eac 6. sub-class of safety performance 7. tdk?s logogram 8. date code 9. regulatory body safety standards compliance markings cd 222(2200pf) m(20%) x1y1 15 (2011.5) ? safety standard standard no. of iec standard no. temperature characteristics insulation sub-class rated voltage eac(v) approval report no. japan taiwan xiamen bsi iec 60065 bs en 60065 b, e x1, y1 250 226495 226495 226495 iec 60384-14 bs en60384-14 vde iec 60384-14 en60384-14 b, e x1, y1 250 138526 138550 124321 sev iec 60384-14 en60384-14 b, e x1, y1 250 09.0963 09.0963 09.0963 semko iec 60384-14 en60384-14 b, e x1, y1 250 915564 915564 915396 nemko iec 60384-14 en60384-14 b, e x1, y1 250 p09211509 p09211509 p08209310 demko iec 60384-14 en60384-14 b, e x1, y1 250 315180-01 315180-01 314712-02 fimko iec 60384-14 en60384-14 b, e x1, y1 250 fi 25452 fi 25452 fi 24307 imq iec 60384-14 en60384-14 b, e x1, y1 250 v3691 v3691 v3691 saa iec 60065 as3250 b, e ? 400 6268 6268 6268 ul ? ul 1414 b, e (x, y) 250 e37861 e37861 e37861 csa ? csa c22.2 no.0 & no.1 b, e (x, y) 250 lr35801 lr65972 lr65972 250v ( ac.250v ) cd222m 15 250 x1y1 ( marking position is reference. ) bsi ( u.k. ) semko ( sweden ) vde ( germany ) sev ( switzerland ) ul ( u.s.a. ) csa ( canada ) fimko ( finland ) demko ( denmark ) nemko ( norway ) imq ( italy ) bsi tj508 250v ( ac.250v ) t4kv ( ac.4kv ) cd222m 250v x1y1 bsi t4kv tj508 94 front back ( marking position of the monogram is reference. )  for more information about products with other capacitance or other data, please contact us.


▲Up To Search▲   

 
Price & Availability of CD70-B2GA151KYGSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X