Part Number Hot Search : 
CY7C6 STMP3600 30203 TDA6060G CZRB2320 4N25M 420HWB LMR61W
Product Description
Full Text Search
 

To Download CC25-2405SF-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  13 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ cc-e series features u compact footprint / low pro? le u through hole or smt versions u 5v, 12v, 24v & 48v inputs u 3.3 to 30v1 single, 12 to 15v dual outputs u output voltage adjustment u input - output isolation u rohs compliant u 5 year warranty u self contained u multiple input voltage con? gurations u open frame (no potting) ultra compact, 1.5w to 25w single and dual dc-dc converters 1. for 24v/30v output - connnect across +vout & -vout and leave common out pin not connected 2. based upon equal load current from both outputs 3. for 15v output connect trim to -vout 4. see installation manual for full specs, test methods of parameters & application notes 5. not available on cc15 and cc25 models model nominal output voltage v 3.3v 5v 12/15v 12/15 (24/30) 1 dc input v 5v: 4.5-9.0v, 12v: 9-18v, 24v: 18-36v, 48v: 36-76v ef? ciency % 71 to 90% model dependant output voltage tolerance % 1.5-10w: 3%, 15-25w: 5% 5% output adjustment (via trim pin) v 3.15-3.6v (5) 4.75-6.0v (5) 11.4-15v 22.8 - 30v line regulation mv 20 (40 cc15; 30 cc25) 40 80 load regulation mv 40 (120 cc15; 200 cc25) 100 600 2 temperature coef? cient % < 0.02%/c preload - no preload required output ripple (typ./max.bw 50mhz) mv 40/120 30/120 overcurrent protection - output current limiting with automatic recovery, shutdown cc15, 25 type overvoltage protection - no remote on/ off - cc1r5, 3, 6, & 10: rc terminal open, output is off; rc terminal to -vin (0-0.4v), output is on cc15 & cc25: rc terminal open, output is on; rc terminal to +vin, output is off operating temp.- convection c -40 to 85c, derates linearly to 40% load from 50c to 85c operating temp.- forced air c -40c to 85c with 1m/s air full load storage temperature c -40c to 85c humidity (non condensing) - 95% rh max.(maximum wet-bulb temperature: 38c) isolation voltage - 500vac 1 min. input to output, input to case, output to case isolation resistance - input to output, input to case, output to case: 50m ohm min. (500vdc) shock m/s 2 980m/s 2 (100g) 6ms (6 directions, each 3 times) vibration (non operating) - 10 to 55hz (sweep for 15min) 1.52mm constant, 3 directions x, y, z each 2 hours safety agency approvals - ul60950-1, csa60950-1, en60950-1, ce mark weight g cc1r5: 3.2, cc3: 4.5, cc6: 5.8, cc10:10.0, cc15: 12.5, cc25: 20.0 size (l x w x h) in cc1r5: 0.650 x 0.654 x 0.335; cc3: 0.900 x 0.654 x 0.335; cc6: 0.900 x 0.831 x 0.335 (dip through hole and smd package) cc10: 1.400 x 0.890 x 0.335; cc15: 1.500 x 1.264 x 0.295; cc25: 1.701 x 1.768 x 0.295 (sip through hole only) cc3 (sip): 1.09 x 0.362 x 0.705 warranty - 5 years speci? cations key market segments & applications
14 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ revision a7: nov 2011 cc-e series outline drawing outline drawing for additional information, please visit us.tdk-lambda.com/lp/products/cc-series.htm cc10- f-e (dip type) 8.4( 8.5max. ) 3.5 35.56 25.4 22.6 0.2 t=0.3 4.0 25.4 5.08 5.08 ( 3.68 ) ( 3.68 ) 5.08 10.16 5.08 5.08 5.08 2.7 1.0 2.7 0.5 3.5 0.5 no.8, 9no.10, 11 32 1 7-0.3 ? 0.6 45 7 6 8 10 11 9 px 10 - 40w 12, 24, 48v dc-dc converters paq, 50 -700w quarter, half & full bricks pah, paf other industrial products version description f-e through hole mounting (dip pkg) r-e surface mount (dip pkg) s-e through hole mounting (sip pkg - cc3) pin single dual 1 +vin +vin 2 rc rc 3 -vin -vin 4 nc -vout 5 -vout common out 6 trm trm 7 +vout +vout for cc15 and 25 see installation manual online options pinout (cc1r5, 3, 6, and 10) output output output voltage (v) current (a) power (w) 5v input 12v input 24v input 48v input single outputs 3.3 0.4 1.5 cc1r5-0503sf-e cc1r5-1203sf-e cc1r5-2403sf-e cc1r5-4803sf-e 3.3 0.8 3 cc3-0503sf-e cc3-1203sf-e cc3-2403sf-e cc3-4803sf-e 3.3 1.2 6 cc6-0503sf-e cc6-1203sf-e cc6-2403sf-e cc6-4803sf-e 3.3 2.5 10 cc10-0503sf-e cc10-1203sf-e cc10-2403sf-e cc10-4803sf-e 3.3 4.5 15 - - cc15-2403sf-e - 3.3 7.5 25 - - cc25-2403sf-e - 5 0.3 1.5 cc1r5-0505sf-e cc1r5-1205sf-e cc1r5-2405sf-e cc1r5-4805sf-e 5 0.6 3 cc3-0505sf-e cc3-1205sf-e cc3-2405sf-e cc3-4805sf-e 5 1.0 5 cc6-0505sf-e - - - 5 1.2 6 - cc6-1205sf-e cc6-2405sf-e cc6-4805sf-e 5 2.0 10 cc10-0505sf-e cc10-1205sf-e cc10-2405sf-e cc10-4805sf-e 5 3.0 15 - - cc15-2405sf-e - 5 5.0 25 - - CC25-2405SF-E - 12(15) 0.125(0.1) 1.5 cc1r5-0512sf-e cc1r5-1212sf-e cc1r5-2412sf-e cc1r5-4812sf-e 12(15) 0.25(0.2) 3 cc3-0512sf-e cc3-1212sf-e cc3-2412sf-e cc3-4812sf-e 12(15) 0.5(0.4) 6 cc6-0512sf-e cc6-1212sf-e cc6-2412sf-e cc6-4812sf-e 12(15) 0.8(0.64) 10 cc10-0512sf-e - - - 12(15) 1.0(0.8) 10 - cc10-1212sf-e cc10-2412sf-e cc10-4812sf-e dual outputs 12 (15)3 0.06(0.05) 1.5 cc1r5-0512df-e cc1r5-1212df-e cc1r5-2412df-e cc1r5-4812df-e 12 (15)3 0.125(0.1) 3 cc3-0512df-e cc3-1212df-e cc3-2412df-e cc3-4812df-e 12 (15)3 0.25(0.2) 6 cc6-0512df-e cc6-1212df-e cc6-2412df-e cc6-4812df-e 12 (15)3 0.4(0.32) 10 cc10-0512df-e - - - 12 (15)3 0.45(0.36) 10 - cc10-1212df-e cc10-2412df-e cc10-4812df-e model selector cc10- r-e (smd type) 35.56 22.6 0.2 t=0.3 4.0 38.86 1.8 1.8 ( 3.68 ) ( 3.68 ) 5.08 10.16 5.08 5.08 5.08 8.5 ( 8.8max. ) 32 1 7-0.3 ? 0.6 45 7 6 coplanarity 0.1max.


▲Up To Search▲   

 
Price & Availability of CC25-2405SF-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X