Part Number Hot Search : 
SC1104 1A71B TPQ2222 203002 CWB2269 155R61 M54459L 203002
Product Description
Full Text Search
 

To Download BLM21BD102SN1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip ferrite bead (part number) e dimensions (l g w) code 0.4 g 0.2mm 0.6 g 0.3mm 1.0 g 0.5mm 1.6 g 0.8mm 2.0 g 1.0mm 2.0 g 1.25mm 3.2 g 1.6mm 3.2 g 2.5mm 4.5 g 1.6mm dimensions (l g w) 01005 0201 0402 0603 0804 0805 1206 1210 1806 eia 02 03 15 18 2a 21 31 32 41 q product id bl chip ferrite beads product id w type a e m array type dc bias characteristics improved type ferrite bead single type code type r characteristics/applications code * 1 for general use characteristics/applications t impedance expressed by three figures. the unit is in ohm ( ) at 100mhz. the first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. y electrode expressed by a letter. u category n standard type code category s/t a sn plating au plating code electrode i number of circuits 1 4 1 circuit 4 circuits code number of circuits ag blm03/15/18/21, bla2a/31 ax blm02/03/15 tg blm18 for high-speed signal lines for power lines for digital interface ba blm15/18 bb blm03/15/18/21, bla2a bc blm03/15 bd blm03/15/18/21, bla2a/31 bx blm15 pg rk blm03/15/18/21/31/41 pn ble32 px blm03/15 kg blm18 pd blm15 for power supplies (low dc resistance type) sg blm03/15/18 blm03/15/18 blm18 blm18/21 for ghz band general use (low dc resistance type) for ghz band general use hg eg blm03/15/18 for ghz band high-speed signal lines (low direct current type) eb blm03 blm15/18 for ghz band high-speed signal lines hd he hb for ghz band digital interface hk blm15 blm15/18 blm18 for high-ghz band high-speed signal lines ga for high-ghz band general use gg series * 1 frequency characteristics vary with each code. ex.) part numbering bl p ty 102 q bl u s r ag e 18 1 o d w m i n continued on the following page.
o packaging k l b j d ble, blm21 * 1 /31/41 all series blm03/15/18 * 3 /21 * 2 , bla2a/31 blm02/03/15/18/21 * 2 , bla2a/31 embossed taping (?330mm reel) embossed taping (?180mm reel) bulk paper taping (?330mm reel) paper taping (?180mm reel) code packaging series * 1 blm21bd222sn1/blm21bd272sn1 only. * 2 except blm21bd222sn1/blm21bd272sn1 * 3 except blm18t bl p chip ferrite bead part numbering


▲Up To Search▲   

 
Price & Availability of BLM21BD102SN1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X