Part Number Hot Search : 
8XC51 BT3011 HCS05K BA20D3 SD860T MT8976AC 24128C SMBG150A
Product Description
Full Text Search
 

To Download B25620C1267K321 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  film capacitors ? power electronic capacitors mkp dc series/type: ordering code: b2562* date: january 2013 version: 8 ? epcos ag 2013. reproduction, publicati on and dissemination of this publicatio n, enclosures hereto and the information contained therein without epcos' pr ior express consent is prohibited. content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the color to "white". this ensures that the table disappears (invisible) for the customer pdf. don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! identification/classification 1 (header 1 + top left bar): film capacitors ? power electronic capacitors identification/classification 2 (header 2 + bottom left header bar): mkp dc ordering code: (top right header bar) b2562* series/type: (bottom right header bar) preliminary data (optional): (if necessary) department: film r&d / film p pm date: january 2013 version: 8
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 2 of 20 important notes at the end of this document . construction and general data test data voltage between terminals v tt 1.5 v dc , 10s voltage between terminals and case v tc 4000 v ac , 10s dissipation factor tan (100 hz) 1.0 ? 10 -3 life test according to iec 61071 c ooling naturally air-cooled (or forced air cooling) degree of protection indoor mounting reference standards iec 61071 rohs compliance certification: ul 810-5th ed ition (refer to table 1.3) characteristics standard capacitance tolerance k: 10% dielectric dissipation factor (tan o ) 2 ? 10 -4 stg ?55 ... +85 c expected lifetime t ld (co) 100 000 h at hs +75c (refer to section 1) fit rate 200 (refer to section 2) minimum temperature min. ?55 c maximum temperature max. + 70 c (refer to section 2) storage temperature stg ?55 ... +85 c maximum hotspot temperature hs (refer to section 1) +85 oc for diameter 85 and 90 mm +75 c for diameter 116 mm climatic category 55/70/56 maximum altitude 2000 m above sea level (derating curves available upon request) design data impregnation resin filling: non pcb, hard polyureth ane (dry type) mounting and grounding m12 threaded bolt on bottom of the aluminum case max. torque (case) m12 stud 10 nm max. torque terminal female m6: 5 nm female m8: 6 nm male m8: 8 nm
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 3 of 20 important notes at the end of this document . 1.1 structure of ordering code 1.2 standard types: d (mm) oc ending diameter (?) terminal type 32 0.5 -**1 45 0.5 -**4 50 0.5 -**3 85 mm female m6 (b25620) standard male m8 (b25623) standard 90 mm female m6 (b25620) available 116 mm female m6 (b25620) standard other terminal configurations available upon request. 1.3 ul approved types: diameter (?) series 85 mm b2562xc b2562xd 90 mm all types 116 mm all types terminal type: 0 = female m6 1 = male m6 2 = female m8 3 = male m8 4 = female m10 5 = male m10 9 = special b2562 0 b 1 427 k 10 1 mkp dc series version: b = standard c = standard with plastic cap d = heavy duty with plastic cap s = special rated volta g e: 110 ? 10 = 1100 v rated capacitance: 107 = 10 10 7 pf = 100 f 427 = 42 10 7 pf = 420 f 108 = 10 10 8 pf = 1 mf distance between terminals: 1 = 32 mm 2 = 35 mm 3 = 50 mm 4 = 45 mm 9 = special capacitance tolerance j = 5% k = 10% a = special
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 4 of 20 important notes at the end of this document . 1.4 drawings types: figure 1: - b25620b - ? 85mm figure 2: - b25620c / b25620d - ? 85mm - female terminals (m6) - female terminals (m6) - between terminals 320.5mm - between terminals 320.5mm ? 85 0.5 ? 85 0.5 32 0.5 ? 12
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 5 of 20 important notes at the end of this document . figure 3 : - b25620b - ? 90mm figure 4: - b25620b - ? 116mm - male terminals (m8) - female terminals (m6) - between terminals 450.5mm - between terminals 500.5mm m12 stud on bottom of the aluminum case, nut and washer for fixing are standard for all types. ? 90 0.5 45 0.5 ? 116 0.5 50 0.5
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 6 of 20 important notes at the end of this document . terms and characteristics the following definitions apply to power capacitors according to iec 61071. rated capacitance c n nominal value of the capacitance at 20 c and measuring frequency range of 50 to 120 hz. rated dc voltage v rdc maximum operating peak voltage of either polarity but of a non-reversing type wave form, for which the capacitor has been designed, for continuous operation. ripple voltage v r peak-to-peak alternating component of the unidirectional voltage. maximum surge voltage v s peak voltage induced by a switching or any other dist urbance of the system which is allowed for a limited number of times and duration. - maximum duration: 50 ms / pulse - maximum number of occurrences: 1000 (during load) insulation voltage v i rms rated value of the insulation voltage of capacitive el ements and terminals to case or earth. when it is not specified in the product data sheet, the insulation voltage is at least: v i = 2 r v maximum rate of voltage rise (dv/dt ) max maximum permissible repetitive rate of voltage rise of the operational voltage. maximum current i max maximum rms current for continuous operation. maximum peak current ? maximum permissible repetitive current amplitude during continuous operation. maximum peak current (?) and maximum rate of voltage ri se (dv/dt)max on a capacitor are related as follows: ? = c (dv/dt) max maximum surge current ? s admissible peak current induced by a switching or any other disturbance of the system which is allowed for a limited number of times (1000 times) and duration (50 ms / pulse). ? s = c (dv/dt) s ambient temperature a temperature of the surrounding air, measured at 10 cm distance and 2/3 of the case height of the capacitor. lowest operating temperature min lowest permitted ambient temperature at which a capacitor may be energized.
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 7 of 20 important notes at the end of this document . maximum operating temperature max highest permitted capacitor temperature during operation, i.e. temperature at the hottest point of the case. hot-spot temperature hs / t hs temperature zone inside of the capacitor at hottest spot. tangent of the loss angle of a capacitor tan ratio between the equivalent series resistance and the capacitive reactance of a capacitor at a specified sinusoidal alternating voltage, frequency and temperature. series resistance r s the sum of all ohmic resistances occurring inside the capacitor. esr esr (equivalent series resistance) repres enting entire active power in capacitor. esr = c ? tan = c r s ? + 0 tan thermal resistance r th the thermal resistance indicates by how many degrees the capacitor temperature at the hot spot rises in relation to the dissipation losses. maximum power loss p max maximum permissible power dissipation for the capacitor?s operation. p max = th ahs r ? self inductance l self the sum of all inductive elements which are contained in a capacitor. resonance frequency f r the lowest frequency at which the impedance of the capacitor becomes minimum. f r = rself cl2 1 ??
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 8 of 20 important notes at the end of this document . v r = 700 v dc / v tt = 1050 v dc, 10s / v tc = 4000 v ac, 10s c r f i max 1 a i s ka ? ka r s m l self nh r th k/w d mm h mm weight kg fig. ordering code 280 55 12.1 4.0 1.2 40 5.4 85 70 0.45 1 b25620b0287k701 500 60 13.5 4.5 1.4 40 3.7 90 95 0.73 3 b25623b0507k704 560 80 24.2 8.0 0.9 40 4.0 116 70 0.88 4 b25620b0567k703 620 55 12.1 4.0 1.9 40 3.1 85 120 0.71 1 b25620b0627k701 700 55 12.1 4.0 2.0 40 2.8 85 132 0.87 1 b25620b0707k701 780 65 13.4 4.5 1.9 40 2.7 90 132 1.00 3 b25623b0787k703 900 80 24.3 8.0 1.1 40 2.9 116 95 1.13 4 b25620b0907k703 1240 80 24.3 8.1 1.3 40 2.3 116 120 1.40 4 b25620b0128k743 1400 80 24.1 8.0 1.4 40 2.1 116 132 1.55 4 b25620b0148k703 v r = 900 v dc / v tt = 1350v dc, 10s / v tc = 4000 v ac, 10s c r f i max 1 a i s ka ? ka r s m l self nh r th k/w d mm h mm weight kg fig. ordering code 220 50 10.8 3.6 1.3 40 5.4 85 70 0.45 1 b25620b0227k881 220 50 10.8 3.6 1.3 40 5.4 85 73 0.48 2 b25620c0227k881 350 50 10.7 3.6 1.7 40 3.9 85 95 0.58 1 b25620b0357k881 350 50 10.7 3.6 1.7 40 3.9 85 98 0.61 2 b25620c0357k881 420 60 11.9 4.0 1.5 40 3.7 90 95 0.73 3 b25623b0427k904 440 65 21.7 7.2 1.1 40 3.8 116 70 0.88 4 b25620b0447k883 480 55 10.8 3.6 2.8 40 3.1 85 120 0.71 1 b25620b0487k881 480 55 10.8 3.6 2.1 40 3.1 85 123 0.74 2 b25620c0487k881 550 50 11 3.7 2.3 40 2.8 85 132 0.87 1 b25620b0557k881 550 50 11 3.7 2.3 40 2.8 85 135 0.9 2 b25620c0557k881 580 62 11.9 4.0 1.9 40 3.0 90 120 0.9 3 b25623b0587k904 650 62 11.8 3.9 2.1 40 2.7 90 132 1 3 b25623b0657k904 700 70 21.5 7.1 1.2 40 2.9 116 95 1.13 4 b25620b0707k883 730 62 11.8 3.9 2.2 60 2.4 90 145 1.2 3 b25623b0737k904 750 55 23.1 7.7 1.2 60 2.2 85 173 1.1 1 b25620b0757k881 750 55 23.1 7.7 1.2 60 2.2 85 176 1.13 2 b25620c0757k881 830 58 23.5 7.8 0.7 60 2.1 90 173 1.3 3 b25623b0837k904 970 75 21.7 7.2 1.4 40 2.3 116 120 1.4 4 b25620b0977k883 1100 75 21.7 7.2 1.6 40 2.1 116 132 1.55 4 b25620b0118k883 1500 80 43 15.4 1.1 60 1.6 116 173 1.945 4 b25620b0158k883 1 i max at 40c, refer to ?current derating? section for more details other configurations and capacitance tolerances available upon request
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 9 of 20 important notes at the end of this document . v r = 1100 v dc / v tt = 1650 v dc, 10s / v tc = 4000 v ac, 10s c r f i max 1 a i s ka ? ka r s m l self nh r th k/w d mm h mm weight kg fig. ordering code 140 50 8.6 2.9 1.4 40 5.4 85 70 0.45 1 b25620b1147k101 140 50 8.6 2.9 1.4 40 5.4 85 73 0.48 2 b25620c1147k101 220 54 9.5 3.2 1.5 40 4.3 90 83 0.53 3 b25623b1227k104 270 55 9.6 3.2 1.7 40 3.7 90 95 0.73 3 b25623b1277k104 280 75 17.2 5.7 1.0 40 4 116 70 0.9 4 b25620b1287k103 310 50 8.6 2.9 2.3 40 3.1 85 120 0.71 1 b25620b1317k101 310 50 8.6 2.9 2.3 40 3.1 85 123 0.73 2 b25620c1317k101 370 56 9.5 3.2 2.2 40 3.0 90 120 0.9 3 b25623b1377k104 400 63 8.8 2.9 2.4 40 2.8 85 132 0.87 1 b25620b1407k101 400 63 8.8 2.9 2.4 40 2.8 85 135 0.9 2 b25620c1407k101 400 75 17.3 5.8 1.5 40 2.2 85 151 1 2 b25620d1407k101 420 63 8.8 2.9 2.4 40 2.8 85 135 0.87 1 b25620b1427a101* 420 63 8.8 2.9 2.4 40 2.8 85 138 0.9 2 b25620c1427a101* 420 75 17.3 5.8 1.5 40 2.2 85 151 1 2 b25620d1427k101 420 56 9.5 3.2 2.4 40 2.7 90 132 1 3 b25623b1427k104 450 75 16.5 5.4 1.3 40 2.9 116 95 1.13 4 b25620b1457k103 450 80 17.3 5.8 1.0 60 2.2 85 176 1.05 2 b25620d1457k101 470 56 9.5 3.2 2.6 40 2.4 90 145 1.2 3 b25623b1477k104 480 80 17.3 5.8 1.0 60 2.2 85 173 1.05 1 b25620b1487k101 480 80 17.3 5.8 1.0 60 2.2 85 176 1.08 2 b25620c1487k101 530 53 18.8 6.3 0.8 60 2.1 90 173 1.3 3 b25623b1537k104 610 80 16.8 5.6 3.13 40 2.3 116 120 1.4 4 b25620b1617k103 610 80 17 5.7 1.1 60 1.7 85 226 2.2 2 b25620d1617k101 700 80 16.8 5.6 1.7 40 2.1 116 132 1.55 4 b25620b1707k103 700 80 27 8.9 1.1 60 1.7 116 176 2.05 4 b25620d1707k103 940 80 32.7 11 0.7 60 1.6 116 173 2.06 4 b25620b1947k103 1100 80 30.8 10.3 0.8 100 1.3 116 223 2.56 4 b25620b1118k103 1500 80 32.5 10.8 0.9 90 1 116 295 2.8 4 b25620b1158k103 * capacitance tolerance a: -15% ... 0% 1 i max at 40c, refer to ?current derating? section for more details other configurations and capacitance tolerances available upon request
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 10 of 20 important notes at the end of this document . v r = 1200 v dc / v tt = 1800 v dc, 10s / v tc = 4000 v ac, 10s c r f i max 1 a i s ka ? ka r s m l self nh r th k/w d mm h mm weight kg fig. ordering code 220 50 8.6 2.9 1.9 40 3.7 90 95 0.73 3 b25623b1227k204 300 50 8.5 2.8 2.4 40 3.0 90 120 0.9 3 b25623b1307k204 340 50 8.5 2.8 2.6 40 2.7 90 132 1 3 b25623b1347k204 360 70 15.223 5.074 1.341 40 2.9 116 95 1.13 4 b25620b1367k203 440 52 17.1 5.7 0.8 60 2.1 90 173 1.3 3 b25623b1447k204 500 75 15.379 5.126 1.614 40 2.29 116 120 1.4 4 b25620b1507k203 550 80 16.917 5.639 0.987 90 1.59 90 223 1.4 3 b25623b1557k204 570 75 15.429 5.143 1.751 40 2.07 116 133 1.55 4 b25620b1577k203 730 80 30.869 10.29 0.69 60 1.59 116 173 2.05 4 b25620b1737k203 1000 80 30.758 10.253 0.807 90 1.23 116 223 2.56 4 b25620b1108k203 v r = 1320 v dc / v tt = 1980 v dc, 10s / v tc = 4000 v ac, 10s c r f i max 1 a i s ka ? ka r s m l self nh r th k/w d mm h mm weight kg fig. ordering code 190 51 8.1 2.7 1.9 40 3.7 90 95 0.73 3 b25623b1197k304 220 45 7.4 2.5 2.6 40 3.1 85 120 0.71 1 b25620b1227k321 220 45 7.4 2.5 2.6 40 3.1 85 123 0.73 2 b25620c1227k321 250 51 7.7 2.6 2.5 40 3.0 90 120 0.9 3 b25623b1257k304 260 45 7.6 2.6 2.7 40 2.8 85 132 0.87 1 b25620b1267k321 260 45 7.6 2.6 2.7 40 2.8 85 135 0.9 2 B25620C1267K321 290 52 7.9 2.6 2.7 40 2.7 90 132 1 3 b25623b1297k304 310 65 14.3 4.8 1.4 40 2.9 116 95 1.13 4 b25620b1317k323 330 52 7.9 2.6 3.0 60 2.4 90 145 1.2 3 b25623b1337k304 340 70 14.8 5 0.9 60 1.6 85 173 1.05 1 b25620b1347k321 340 70 14.8 5 0.9 60 1.6 85 176 1.08 2 b25620c1347k321 370 50 15.7 5.2 0.8 60 2.1 90 173 1.3 3 b25623b0377k304 420 65 14.1 4.7 1.7 40 2.3 116 120 1.4 4 b25620b1427k323 480 70 14.1 4.7 1.8 40 2.1 116 132 1.55 4 b25620b1487k323 660 70 27.8 9.3 0.8 90 1.6 116 173 2.05 4 b25620b1667k323 1000 80 26.4 8.8 1 90 1 116 273 2.8 4 b25620b1108k323 1 i max at 40c, refer to ?current derating? section for more details other configurations and capacitance tolerances available upon request
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 11 of 20 important notes at the end of this document . v r = 1980 v dc / v tt = 2970 v dc, 10s / v tc = 4000 v ac, 10s c r f i max 1 a i s ka ? ka r s m l self nh r th k/w d mm h mm weight kg fig. ordering code 40 35 4.5 1.5 2.1 60 5.4 85 70 0.45 1 b25620b1406k981 40 35 4.5 1.5 2.1 60 5.4 85 73 0.48 2 b25620c1406k981 70 40 4.9 1.6 2.8 60 4 85 95 0.58 1 b25620b1706k981 70 40 4.9 1.6 2.8 60 4 85 98 0.61 2 b25620c1706k981 145 50 10 3.4 1.1 60 2.2 85 173 1.05 1 b25620b1147k981 145 50 10 3.4 1.1 60 2.2 85 176 1.08 2 b25620c1147k981 190 60 18.9 6.3 0.7 60 2.3 116 120 1.4 4 b25620b1197k983 215 60 9.6 3.2 2.4 40 2.1 116 132 1.55 4 b25620b1217k983 295 70 18.8 6.3 0.8 60 1.6 116 173 2.05 4 b25620b1297k983 460 80 18.2 6 1.1 90 1 116 263 2.6 4 b25620b1467k983 1 i max at 40c, refer to ?current derating? section for more details other configurations and capacitance tolerances available upon request
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 12 of 20 important notes at the end of this document . 2 . expected lifetime expected lifetime @ t ld 0,9 0 ,95 1 1,05 1,1 0,5 0,7 0,9 1,1 1,3 1,5 t ld /t ld (co) 70c 75c 80 c expected lifetime t ld at different hotspot temperature ( hs ) and voltage v for short term operation (maximum 10% of the total expec ted lifetime) and capacitors with diameter 85 and 90 mm a maximum hot spot temperature of 85c is al lowed without further reduction of the lifetime. 3. current derating 3.1 current derating graphs for capacitors 700 v dc b25620b0287k701 b25620b0627k701 b25620b0707k701 b25620b0567k703 current derating @ ths = 75 c 20 25 30 35 40 45 50 55 60 40 45 50 55 60 65 70 temp. (c) current derating @ ths = 75 c 20 25 30 35 40 45 50 55 40 45 50 55 60 65 70 temp. (c) v/vn current derating @ ths = 75 c 20 25 30 35 40 45 50 55 60 40 45 50 55 60 65 70 temp. (c) current derating @ ths = 75 c 30 40 50 60 70 80 40 45 50 55 60 65 70 temp. (c)
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 13 of 20 important notes at the end of this document . b25620b0907k703 b25620b0128k743 b25620b0148k703 b25620b0507k704 b25620b0787k704 3.2 current derating graphs for capacitors 1100 v dc b25620b1147k101 b25620b1287k103 current derating @ ths = 75 c 25 35 45 55 65 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 35 40 45 50 55 60 65 70 75 80 40 45 50 55 60 65 70 temp. (c) current derating @ ths = 75 c 30 40 50 60 70 80 40 45 50 55 60 65 70 temp. (c) current derating @ ths = 75 c 35 40 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 25 30 35 40 45 50 55 60 40 43 46 49 52 55 58 61 64 67 70 temp. (c)
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 14 of 20 important notes at the end of this document . b25620b1317k101 b25620b1407k101/b25620b1427a101 b25620d1427k101 b25620d1457k101 b25620b1457k103 b25620b1487k101 b25620b1617k103 b25620d1617k101 current derating @ ths = 75 c 30 40 50 60 70 80 40 45 50 55 60 65 70 temp. (c) current derating @ ths = 75 c 35 40 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 30 35 40 45 50 55 60 65 40 50 60 70 temp. (c) current derating @ ths = 75 c 30 35 40 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 30 35 40 45 50 55 60 65 70 75 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 30 35 40 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 30 35 40 45 50 55 60 65 70 75 40 43 46 49 52 55 58 61 64 67 70 temp. (c)
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 15 of 20 important notes at the end of this document . b25620b1707k103 b25620d1707k103 b25620b1947k103 b25620b1118k103 b25620b1158k103 b25620b1227k104 b25620b1277k104 b25620b1377k104 current derating @ ths = 75 c 20 25 30 35 40 45 50 55 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 35 40 45 50 55 40 45 50 55 60 temp. (c) current derating @ ths = 75 c 30 40 50 60 70 80 40 45 50 55 60 65 70 temp. (c) current derating @ ths = 75 c 20 25 30 35 40 45 50 55 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 40 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c)
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 16 of 20 important notes at the end of this document . b25620b1427k104 b25620b1477k104 b25620b1537k104 3.3 current derating graphs for capacitors 1200 v dc b25620b1227k204 b25620b1307k204 b25620b1347k204 b25620b1447k204 current derating @ ths = 75 c 20 25 30 35 40 45 50 55 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 20 25 30 35 40 45 50 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 30 40 50 60 70 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 20 25 30 35 40 45 50 55 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 35 40 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 20 25 30 35 40 45 50 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 20 25 30 35 40 45 50 40 43 46 49 52 55 58 61 64 67 70 temp. (c)
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 17 of 20 important notes at the end of this document . b25620b1557k204 b25620b1367k203 b25620b1507k203 b25620b1577k203 b25620b1737k203 b25620b1108k203 current derating graphs for capacitors rat ed 900 / 1320 / 1980 v dc are available upon request. current derating @ ths = 75 c 30 35 40 45 50 55 60 65 70 75 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 30 35 40 45 50 55 60 65 70 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 30 35 40 45 50 55 60 65 70 75 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c) current derating @ ths = 75 c 35 40 45 50 55 60 65 70 75 80 40 43 46 49 52 55 58 61 64 67 70 temp. (c)
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 18 of 20 important notes at the end of this document . 4. fit fit rate 1 10 100 1000 10000 0,8 0,9 1 1,1 1,2 voltage x un fit 60o c 65o c 70o c 75o c 80o c v/vn hs
film capacitors ? power electronic capacitors b2562* mkp dc film r&d / film p pm january 2013 ? version 8 please read cautions and warnings and page 19 of 20 important notes at the end of this document . cautions and warnings ? in case of dents of more than 1 mm depth or any ot her mechanical damage, capacitors must not be used at all. ? check tightness of the connections/terminals periodically. ? the energy stored in capacitors may be lethal. to prev ent any chance of shock, discharge and short-circuit the capacitor before handling. ? failure to follow cautions may result, worst case, in premature failures, bursting and fire. ? epcos ag is not responsible for any kind of possible damages to persons or things due to improper installation and application of capacitors for power electronics. safety ? electrical or mechanical misapplication of capacitors may be hazardous. personal injury or property damage may result from bursting of the capacitor or from expulsion of oil or melted material due to mechanical disruption of the capacitor. ? ensure good, effective grounding for capacitor enclosures. ? observe appropriate safety precautions during ope ration (self-recharging phenomena and the high energy contained in capacitors). ? handle capacitors carefully , because they may still be char ged even after disconnection. ? the terminals of capacitors, connected bus bars and c ables as well as other devices may also be energized. ? follow good engineering practice. thermal load after installation of the capacitor it is necessary to veri fy that maximum hot-spot temperature is not exceeded at extreme service conditions. mechanical protection the capacitor has to be installed in a way that mechanical damages and dents in the aluminum can are avoided. storage and operating conditions do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas, acid, alkali, salt or the like are present. in dusty environments regula r maintenance and cleaning especially of the terminals is required to avoid conductive path bet ween phases and/or phases and ground. the maximum storage temperature is 85 c. service life expectancy electrical components do not have an unlimited service life expectancy; this applies to self-healing capacitors, too. the maximum service life expectancy may vary depending on the application the capacitor is used in .
important notes page 20 of 20 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons , it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must theref ore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, ceralink, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, si p5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B25620C1267K321

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X