Part Number Hot Search : 
25X22 1149C UR860 UR860 82541GI NJM2366 AX101 PITE1
Product Description
Full Text Search
 

To Download ATS014014012-PF-3K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev - 050413 bga heat sink (high aspect ratio ext.) custom pin fin *image above is for illustration purpose only. ats part#: ATS014014012-PF-3K description: 14.00 x 14.00 x 12.00 mm bga heat sink (high aspect ratio ext.) custom pin fin heat sink type: custom pin fin heat sink attachment: n/a equivalent part number: n/a features & benefits high efficiency pin fin design provides low pressure drop characteristics large surface area increases heat sink performance fabricated from extruded aluminum, which minimizes thermal resistance from the base to the fins, reduces weight and keeps costs low comes standard without interface material or with most common pressure sensitive thermal tapes as a custom option thermal performance air velocity @200 lfm 1.0 m/s @300 lfm 1.5 m/s @400 lfm 2.0 m/s @500 lfm 2.5 m/s @600 lfm 3.0 m/s @700 lfm 3.5 m/s @800 lfm 4.0 m/s thermal resistance unducted flow 17.28 c/w 14 c/w 12.1 c/w 10.9 c/w 10 c/w 9.4 c/w 8.8 c/w ducted flow 11.6 9.8 8.7 7.9 7.3 6.9 6.5 product detail schematic image dimension a dimension b dimension c dimension d tim finish *image above is for illustration purpose only. 14.00 mm 14.00 mm 12.00 mm 14 mm n/a black-anodized notes: dimension a and b refer to component size. dimension c is the heat sink height from the bottom of the base to the top of the fin field. dimension d is fin tip to fin tip. thermal performance data are provided for reference only. actual performance may vary by application. ats reserves the right to update or change its products without notice to improve the design or performance. ats certifies that this heat sink assembly is rohs-6 and reach compliant. contact ats to learn about custom options available. for more information, to find a distributor or to place an order, please contact us at 781-769-2800 (north america), sales@qats.com or www.qats.com . ? 2013 advanced thermal solutions, inc. | 89-27 access road | norwood ma | 02062 | usa


▲Up To Search▲   

 
Price & Availability of ATS014014012-PF-3K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X