Part Number Hot Search : 
ECG006C CX74005 01MCA SM6S1011 IRF7902 01000 RF164 PM0013
Product Description
Full Text Search
 

To Download AP4502AGM-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n and p-channel enhancement electronics corp. mode power mosfet simple drive requirement n-ch bv dss 20v lower gate charge r ds(on) 18m ? fast switching performance i d 8.5a rohs compliant & halogen-free p-ch bv dss -20v r ds(on) 50m ? description i d -5a absolute maximum ratings symbol parameter units p-channel v ds drain-source voltage -20 v v gs gate-source voltage + 12 v i d @t a =25 continuous drain current 3 -5 a i d @t a =70 continuous drain current 3 -4 a i dm pulsed drain current 1 -20 a p d @t a =25 total power dissipation w t stg storage temperature range t j operating junction temperature range symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 62.5 /w data and specifications subject to change without notice 201204032 parameter 1 thermal data halogen-free product n-channel 20 + 12 AP4502AGM-HF -55 to 150 -55 to 150 rating 8.5 6.8 30 2.0 s1 g1 s2 g2 d1 d1 d2 d2 so-8 a dvanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design,low on-resistance and cost-effectiveness. the so-8 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. g2 d2 s2 g1 d1 s1
symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 20 - - v r ds(on) static drain-source on-resistance 2 v gs =4.5v, i d =8a - - 18 m ? v gs =2.5v, i d =5a - - 30 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 0.5 - 1.5 v g fs forward transconductance v ds =5v, i d =8a - 20 - s i dss drain-source leakage current v ds =16v, v gs =0v - - 1 ua i gss gate-source leakage v gs =+ 12v, v ds =0v - - + 100 na q g total gate charge 2 i d =8a - 8 13 nc q gs gate-source charge v ds =10v - 1 - nc q gd gate-drain ("miller") charge v gs =4.5v - 4 - nc t d(on) turn-on delay time 2 v ds =10v - 7.5 - ns t r rise time i d =1a - 10 - ns t d(off) turn-off delay time r g =3.3 ? ,v gs =5v - 17 - ns t f fall time r d =10 ? - 6.5 - ns c iss input capacitance v gs =0v - 415 665 pf c oss output capacitance v ds =20v - 125 - pf c rss reverse transfer capacitance f=1.0mhz - 115 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =1.7a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =6a, v gs =0v, - 24 - ns q rr reverse recovery charge di/dt=100a/s - 15 - nc 2 AP4502AGM-HF n-ch electrical characteristics@ t j =25 o c(unless otherwise specified)
AP4502AGM-HF symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -20 - - v r ds(on) static drain-source on-resistance 2 v gs =-4.5v, i d =-4a - - 50 m ? v gs =-2.5v, i d =-3a - - 80 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -0.5 - -1.5 v g fs forward transconductance v ds =-5v, i d =-4a - 13 - s i dss drain-source leakage current v ds =-16v, v gs =0v - - -1 ua i gss gate-source leakage v gs =+ 12v, v ds =0v - - + 100 na q g total gate charge 2 i d =-5a - 13 20.8 nc q gs gate-source charge v ds =-16v - 1.5 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 4.5 - nc t d(on) turn-on delay time 2 v ds =-10v - 8 - ns t r rise time i d =-1a - 17 - ns t d(off) turn-off delay time r g =3.3 ? ,v gs =-5v - 24 - ns t f fall time r d =10 ? -36- ns c iss input capacitance v gs =0v - 920 1470 pf c oss output capacitance v ds =-20v - 90 - pf c rss reverse transfer capacitance f=1.0mhz - 85 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-1.7a, v gs =0v - - -1.2 v t rr reverse recovery time 2 i s =-5a, v gs =0v, - 28 - ns q rr reverse recovery charge di/dt=100a/s - 16 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board , t < 10sec ; 135 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 3 p-ch electrical characteristics@t j =25 o c(unless otherwise specified)
ap4502agm-h f n-channel fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 4 0 10 20 30 012345 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c 5.0v 4.5v 3.5v 2.5v v g = 2.0 v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.4 0.8 1.2 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) 0 10 20 30 01234 v ds , drain-to-source voltage (v) i d , drain current (a) t a = 150 o c 5.0v 4.5v 3.5v 2.5v v g = 2.0v 10 20 30 40 012345 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =5a t a =25 o c 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =8a v g = 4.5 v
a p4502agm-h f n-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 5 q v g 4.5v q gs q gd q g charge 0 2 4 6 8 0 4 8 12 16 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =8a v ds =10v 0 200 400 600 800 1 5 9 13 17 21 25 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =135 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse t d(on) t r t d(off) t f v ds v gs 10% 90%
ap4502agm-h f p-channel fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 6 0 4 8 12 16 20 012345 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -5.0v -4.5v -3.5v -2.5v v g = - 1.5v 30 40 50 60 0123456 -v gs ,gate-to-source voltage (v) r ds(on) (m ) i d =-3a t a =25 o c 0.4 0.8 1.2 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) 0 4 8 12 16 20 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a = 150 o c -5.0v -4.5v -3.5v -2.5v v g = - 1.5v 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -4a v g = -4.5v 0 1 2 3 4 0 0.2 0.4 0.6 0.8 1 1.2 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c
a p4502agm-h f p-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 7 0 2 4 6 8 0 4 8 12 16 20 24 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d =-5a v ds = -16 v 0 200 400 600 800 1000 1200 15913172125 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 10 100 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms 1s dc q v g -4.5v q gs q gd q g charge 0.01 0.1 1 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =135 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse t d(on) t r t d(off) t f v ds v gs 10% 90%


▲Up To Search▲   

 
Price & Availability of AP4502AGM-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X