Part Number Hot Search : 
4000A AD7452 GI3055S AD8271 U6433B05 B99003 74AC11 0603L
Product Description
Full Text Search
 

To Download AP2302GN-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet capable of 2.5v gate drive bv dss 20v small package outline r ds(on) 85m surface mount package i d 3.2a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 90 /w data and specifications subject to change without notice total power dissipation 1.38 -55 to 150 200902046 thermal data parameter operating junction temperature range -55 to 150 linear derating factor 0.01 storage temperature range continuous drain current 3 , v gs @ 4.5v 2.6 pulsed drain current 1 10 gate-source voltage + 12 continuous drain current 3 , v gs @ 4.5v 3.2 parameter rating drain-source voltage 20 halogen-free product 1 AP2302GN-HF g d s d g s sot-23 advanced power mosfets from apec provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 20 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.1 - v/ r ds(on) static drain-source on-resistance 2 v gs =4.5v, i d =3.6a - - 85 m ? v gs =2.5v, i d =3.1a - - 115 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 0.5 - 1.2 v g fs forward transconductance v ds =5v, i d =3.6a - 6 - s i dss drain-source leakage current v ds =20v, v gs =0v - - 1 ua drain-source leakage current (t j =70 o c) v ds =20v ,v gs =0v - - 10 ua i gss gate-source leakage v gs =+ 12v, v ds =0v - - + 100 na q g total gate charge 2 i d =3.6a - 4.4 - nc q gs gate-source charge v ds =10v - 0.6 - nc q gd gate-drain ("miller") charge v gs =4.5v - 1.9 - nc t d(on) turn-on delay time 2 v ds =10v - 5.2 - ns t r rise time i d =3.6a - 37 - ns t d(off) turn-off delay time r g =6 , v gs =5v - 15 - ns t f fall time r d =2.8 - 5.7 - ns c iss input capacitance v gs =0v - 145 - pf c oss output capacitance v ds =10v - 100 - pf c rss reverse transfer capacitance f=1.0mhz - 50 - pf r g gate resistance f=1.0mhz - 5.3 8 ? source-drain diode symbol parameter test conditions min. typ. max. units i s continuous source current ( body diode ) v d =v g =0v , v s =1.2v - - 1 a i sm pulsed source current ( body diode ) 1 --10 a v sd forward on voltage 2 i s =1.6a, v gs =0v - - 1.2 v notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 270 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP2302GN-HF
AP2302GN-HF fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 60 70 80 90 100 2345 v gs , gate-to-source voltage (v) r ds(on) (m  ) i d = 3.1 a t a =25 o c 0 1 2 3 4 5 6 0.0 0.5 1.0 1.5 2.0 2.5 v ds , drain-to-source voltage (v) i d , drain current (a) t a =150 o c v g =2.0v 4.5v 3.5v 3.0v 2.5v 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =4.5v i d =3.6a 0 2 4 6 8 10 0.0 0.5 1.0 1.5 2.0 2.5 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c v g =2.0v 4.5v 3.5v 3.0v 2.5v 0.1 1.0 10.0 0.1 0.5 0.9 1.3 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.2 0.6 1.0 1.4 -50 0 50 100 150 t j , junction temperature ( o c) v gs(th) (v)
AP2302GN-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 1s 1ms 10ms 100ms dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 270 /w t t 0 2 4 6 8 10 12 0246810 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =3.6a v ds =10v 10 100 1000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge


▲Up To Search▲   

 
Price & Availability of AP2302GN-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X