Part Number Hot Search : 
CPT2206 MR82510 STD253 18F26K SMBJ130 18F26K SMCJ85C 02243
Product Description
Full Text Search
 

To Download 7815 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sonardyne uk (head office) t. +44 (0) 1252 872288 f. +44 (0) 1252 876100 e. sales@sonardyne.com www.sonardyne.com datasheet tz/obc transponder description designed to work with sonardyne?s tz/obc acoustic positioning system, the type 7815-000-06 transponder enables the positions of seismic hydrophone positions to be accurately and efficiently determined. prior to deployment from a cable lay boat, the transponders are attached to the seismic cable at each ground station, typically every 50 metres. once the bottom cable is laid, the acoustic system measures the ranges from the surface transceiver to the transponders to enable their exact positions to be established. this positioning process can either be conducted while laying the cable or later while shooting. the transponders are small and lightweight and have been proven to be able to withstand the demanding and varied operational environment of obc and tz surveys. standard features include a depth rating of 500 metres, a unique acoustic ?address? enabling thousands of units to be laid in a single deployment and automatic battery voltage monitoring to allow users to better plan their maintenance schedules. in obc operations using a ?squirter? cable deployment system, ?carapaces? are available that provide a fast and secure means of attaching transponders to the cable. the carapaces are manufactured from tough plastic that encapsulates the transponder and optional rfid asset tracking tag, clamping it securely to the cable whilst protecting it from the high cable deployment and recovery speeds. the carapace design which is now in use with many crews around the world has been proven to be easy to fit and reduces long term maintenance when compared with traditional tie-wrap and tape methods. the low profile shape of the carapace also reduces the risk of snagging and as it is acoustically ?quieter? in the water, creates less noise interference down the cable. key features ? versatile, low cost transponder ? depth rated to 500 metres ? provides fast and efficient positioning of obc cables ? compact and rugged design ? hf frequency band from 35-55khz ? alkaline battery packs give up to 18 months listening life ? optional rfid tags for asset tracking
sonardyne uk (head office) t. +44 (0) 1252 872288 f. +44 (0) 1252 876100 e. sales@sonardyne.com www.sonardyne.com specifications subject to change without notice - 10/2006 specifications tz/obc transponder feature type 7815 depth rating 500 metres operating frequency range hf (35?50khz) source level 184-187db receive sensitivity 105-115db re 1 pa @1m number of unique addresses 3609 (field programmable) switch on continuously operating (no on/off switch) battery life alkaline: 18 months mechanical construction plasti c and aluminium alloy (anodised) dimensions (lxdia) 442mm (17.4?) x 63mm (2.4?) weight in air 1.11kg weight in water 0.20kg deck unit type 7967-000-02 (includes transducer and 10 metres of cable) .


▲Up To Search▲   

 
Price & Availability of 7815

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X