Part Number Hot Search : 
74CBTL TC74AC CD2003GB 1585155 MOC30 AG8100 SKIIP2 TC74LCX5
Product Description
Full Text Search
 

To Download 5300-20-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features formerly model current rating up to 3.3 a inductance range: 1.0 h to 1,000 h rohs compliant* applications dc/dc converters power supplies general use 5300 series conformal coated rf choke *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. *rohs compliant electrical speci cations (@ 25 ?) bourns part no. inductance test frequency srf (mhz) min. dcr ( ) max. idc (ma) isat (ma) ( h) tol. (%) 5300-01-rc 1.0 ?0 7.96 mhz 190 0.018 3300 3000 5300-02-rc 1.2 ?0 7.96 mhz 170 0.019 3200 2700 5300-03-rc 1.5 ?0 7.96 mhz 160 0.020 3100 2500 5300-04-rc 1.8 ?0 7.96 mhz 150 0.023 2900 2100 5300-05-rc 2.2 ?0 7.96 mhz 130 0.031 2600 2000 5300-06-rc 2.7 ?0 7.96 mhz 120 0.033 2500 1900 5300-07-rc 3.3 ?0 7.96 mhz 110 0.054 1900 1700 5300-08-rc 3.9 ?0 7.96 mhz 100 0.060 1800 1500 5300-09-rc 4.7 ?0 7.96 mhz 86 0.068 1700 1400 5300-10-rc 5.6 ?0 7.96 mhz 64 0.074 1600 1300 5300-11-rc 6.8 ?0 7.96 mhz 44 0.080 1600 1200 5300-12-rc 8.2 ?0 7.96 mhz 32 0.087 1500 1100 5300-13-rc 10 ?0 1 khz 25 0.095 1500 970 5300-14-rc 12 ?0 1 khz 17 0.11 1400 880 5300-15-rc 15 ?0 1 khz 13 0.15 1200 790 5300-16-rc 18 ?0 1 khz 10 0.16 1100 710 5300-17-rc 22 ?0 1 khz 8.4 0.19 1000 640 5300-18-rc 27 ?0 1 khz 8.0 0.22 950 580 5300-19-rc 33 ?0 1 khz 7.6 0.24 910 530 5300-20-RC 39 ?0 1 khz 7.1 0.26 880 480 5300-21-rc 47 ?0 1 khz 6.0 0.35 760 430 5300-22-rc 56 ?0 1 khz 5.8 0.47 650 400 5300-23-rc 68 ?0 1 khz 4.3 0.53 610 370 5300-24-rc 82 ?0 1 khz 4.1 0.60 580 330 5300-25-rc 100 ?0 1 khz 3.9 0.67 550 300 5300-26-rc 120 ?0 1 khz 3.6 0.90 470 270 5300-27-rc 150 ?0 1 khz 3.2 1.2 410 250 5300-28-rc 180 ?0 1 khz 2.8 1.4 380 220 5300-29-rc 220 ?0 1 khz 2.3 1.9 320 200 5300-30-rc 270 ?0 1 khz 2.1 2.1 310 180 5300-31-rc 330 ?0 1 khz 1.9 2.4 290 170 5300-32-rc 390 ?0 1 khz 1.7 3.0 260 150 5300-33-rc 470 ?0 1 khz 1.4 3.4 240 140 5300-34-rc 560 ?0 1 khz 1.3 4.7 210 130 5300-35-rc 680 ?0 1 khz 1.2 6.4 180 110 5300-36-rc 820 ?0 1 khz 1.1 7.1 170 100 5300-37-rc 1000 ?0 1 khz 1.0 7.9 160 95 5300-38-rc 1200 ?0 1 khz 0.94 9.0 150 87 5300-39-rc 1500 ?0 1 khz 0.76 12 130 78 5300-40-rc 1800 ?0 1 khz 0.72 14 120 71 5300-41-rc 2200 ?0 1 khz 0.64 19 100 64 5300-42-rc 2700 ?0 1 khz 0.56 25 90 58 5300-43-rc 3300 ?0 1 khz 0.53 29 83 52 5300-44-rc 3900 ?0 1 khz 0.48 34 77 48 5300-45-rc 4700 ?0 1 khz 0.45 37 74 44 5300-46-rc 5600 ?0 1 khz 0.40 50 63 40 5300-47-rc 6800 ?0 1 khz 0.36 58 59 36 5300-48-rc 8200 ?0 1 khz 0.29 68 54 33 5300-49-rc 10,000 ?0 1 khz 0.27 75 52 30 general speci cations temperature rise ................ 35 ? at idc rated current ..... inductance drop 5 % typical at isat operating temperature ................................ -55 ? to +105 ? storage temperature ................................ -55 ? to +105 ? dielectric strength ................... 500 vrms materials core .............................................. ferrite wire ............................ enameled copper terminal coating................................. sn coating .................................epoxy resin packaging standard ....................500 pcs. per bag optional ......3000 pcs. per 14-inch reel how to order 5300 - 02 - __ - rc model value code (see table) packaging code blank = 500 pcs./bag tr = 3000 pcs./14-inch reel compliance code rc = rohs compliant* examples: ? 5300-02-rc = 1.2 mh packaged 500 pcs./bag. ? 5300-16-tr-rc = 18 mh packaged 3000 pcs./ 14-inch reel. electrical schematic
dimensions: mm (inches) speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 5300 series conformal coated rf choke product dimensions typical part marking - eia color code rev. 10/09 0.51 (0.02) 4.06 (0.16) 12.7 (0.50) max. 25.4 (1.0) typ. max. 1st signi cant gure (blue) 2nd signi cant gure (gray) multiplier (gold) tolerance (silver) example for 6.8 ?, ?0 % example for 270 ?, ?0 % color 1st & 2nd significant figure multiplier tolerance silver gold black brown red orange yellow green blue violet gray white 0 1 2 3 4 5 6 7 8 9 0.01 0.1 1 10 100 1000 ?0 % ? % 1st signi cant gure (red) 2nd signi cant gure (purple) multiplier (brown) tolerance (silver)


▲Up To Search▲   

 
Price & Availability of 5300-20-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X