|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.vishay.com for technical questions , contact: aluminumcaps4@vishay.com document number: 42036 218 revision: 17-nov-06 39d vishay sprague aluminum capacitors + 85 c, powerlytic ? electrolytics features ? designed for applications requiring greatest possible capacitance in sm all physical case sizes ? supplement original type 36d can-type capacitors, offering lower capacitance va lues in smaller sizes with axial leads ? welds at all critical anode and cathode terminals eliminate riveted or pressure connections to assure freedom from open circuits even when operated in the microvolt or millivolt signal range ? improved molded phenolic and seals ? pressure-sensitive safety vent ? service life of 10 years or more in normal circuit applications ? capacitors listed have outer plastic-film insulation. for bare case, change last character of part number from 6 to 0 and subtract 0.062" [1.575 mm] from diameter and 0.125" [3.175 mm] from length. dimensions and available forms quick reference data description value operating temperature - 20 c to + 85 c tolerance on c r : 3 wvdc to 75 wvdc 100 wvdc to 450 wvdc + 75 %, - 10 % + 50 %, - 10 % dissipation factor: 3 wvdc and 6 wvdc 230 % 10 wvdc and 15 wvdc 150 % 25 wvdc and 30 wvdc 60 % 40 wvdc and 50 wvdc 45 % 75 wvdc and 100 wvdc 30 % 150 wvdc to 450 wvdc 18 % ripple current 20 to 3140 maximum amperes rms at 120 hz and + 120 c, depending upon capacitance useful life at 85 c 500 hours fig.1 component outlines dimensions in inches [millimeters] case code dl case code dl case code dl 0.020 [0.51] 0.062 [1.58] 0.020 [0.51] 0.062 [1.58] 0.020 [0.51] 0.062 [1.58] ee 0.510 [13.0] 1.141 [29.0] gj 0.760 [19.3] 1.641 [41.7] je 1.010 [25.7] 1.141 [29.0] ej 0.510 [13.0] 1.641 [41.7] gl 0.760 [19.3] 2.141 [54.4] jj 1.010 [25.7] 1.641 [41.7] el 0.510 [13.0] 2.141 [54.4] gp 0.760 [19.3] 2.641 [67.1] jl 1.010 [25.7] 2.141 [54.4] fe 0.635 [16.1] 1.141 [29.0] he 0.885 [22.5] 1.141 [29.0] jp 1.010 [25.7] 2.641 [67.1] fj 0.635 [16.1] 1.641 [41.7] hj 0.885 [22.5] 1.641 [41.7] js 1.010 [25.7] 3.141 [79.8] fl 0.635 [16.1] 2.141 [54.4] hl 0.885 [22.5] 2.141 [54.4] jt 1.010 [25.7] 3.641 [92.5] fp 0.635 [16.1] 2.641 [67.1] hp 0.885 [22.5] 2.641 [67.1] - - - ge 0.760 [19.3] 1.141 [29.0] hs 0.885 [22.5] 3.141 [79.8] - - - l p v c slee v e 2.50 [63.50] mi n . d c l diameter ( n o. 1 8 a w g) 0.040 1.016 ti nn ed copper leads 2.50 [63.50] mi n .
document number: 42036 for technical questi ons, contact: aluminumcaps4@vishay.com www.vishay.com revision: 17-nov-06 219 39d aluminum capacitors + 85 c, powerlytic ? electrolytics vishay sprague ordering example* electrolytic capacitor 39d series 39d 907 g 003 ej 6 * note: for lead (pb)-free / rohs compliant products add suffix ?e3? to part number example: 39d907g003ej6e3 notes * these values are normally stocked. case codes subject to change without notice. 1. ?4? suffix was clear pvc sleeve. ?6? is blue. electrical data symbol description f rated capacitance % f = 10 %, + 50 % dc voltage rating at 85 c fe see dimensions in millimeters table 6 termination electrical data and ordering information capacitance (f) case code part number 3 wvdc at + 85 c, surge = 4 v 400 ee 39d407g003ee6 900 ej 39d907g003ej6 1300 el 39d138g003el6 1400 ge 39d148g003ge6 1800 fj 39d188g003fj6 2100 he 39d218g003he6 2700 fl 39d278g003fl6 2900 gj 39d298g003gj6 3000 je 39d308g003je6 3600 fp 39d368g003fp6 4200 hj 39d428g003hj6 4300 gl 39d438g003gl6 5700 gp 39d578g003gp6 6000 jj 39d608g003jj6 8500 hp 39d858g003hp6 9000 jl 39d908g003jl6 10 000 hs 39d109g003hs6 12 000 jp 39d129g003jp6 15 000 js 39d159g003js6 18 000 jt 39d189g003jt6 6 wvdc at + 85 c, surge = 8 v 300 ee 39d307g006ee6 600 ej 39D607G006EJ6 900 el 39d907g006el6 1000 ge 39d108g006ge6 1200 fj 39d128g006fj6 1500 he 39d158g006he6 1900 fl 39d198g006fl6 2000 gj 39d208g006gj6 2100 je 39d218g006je6 2500 fp 39d258g006fp6 3000 gl 39d308g006gl6 4000 gp 39d408g006gp6 4200 jj 39d428g006jj6 6000 hp 39d608g006hp6 6300 jl 39d638g006jl6 7500 hs 39d758g006hs6 8500 jp 39d858g006jp6 10 000 js 39d109g006js6 12 000 jt 39d129g006jt6 10 wvdc at + 85 c, surge = 12 v 250 ee 39d257g010ee6 500 ej 39d507g010ej6 800 el 39d807g010el6 850 ge 39d857g010ge6 1000.0* fj 39d108g010fj6 1200 he 39d128g010he6 1600 fl 39d168g010fl6 1700 gj 39d178g010gj6 2100 fp 39d218g010fp6 2500 gl 39d258g010gl6 3400 gp 39d348g010gp6 3500 jj 39d358g010jj6 5000 hp 39d508g010hp6 5200 jl 39d528g010jl6 6300 hs 39d638g010hs6 7100 jp 39d718g010jp6 8800 js 39d888g010js6 10 000 jt 39d109g010jt6 www.vishay.com for technical questions , contact: aluminumcaps4@vishay.com document number: 42036 220 revision: 17-nov-06 39d vishay sprague aluminum capacitors + 85 c, powerlytic ? electrolytics notes * these values are normally stocked. case codes subject to change without notice. 1. ?4? suffix was clear pvc sleeve. ?6? is blue. electrical data and ordering information capacitance (f) case code part number 15 wvdc at + 85 c, surge = 18 v 200 ee 39d207g015ee6 400 ej 39d407g015ej6 600 el 39d607g015el6 800 fj 39d807g015fj6 950 he 39d957g015he6 1200.0* fl 39d128g015fl6 1300 gj 39d138g015gj6 1600 fp 39d168g015fp6 1900 gl 39d198g015gl6 2500 gp 39d258g015gp6 2600 jj 39d268g015jj6 3800 hp 39d388g015hp6 4000 jl 39d408g015jl6 4700 hs 39d478g015hs6 5300 jp 39d538g015jp6 6600 js 39d668g015js6 8000.0* jt 39d808g015jt6 25 wvdc at + 85 c, surge = 30 v 100 ee 39d107g025ee6 200 ej 39d207g025ej6 350 el 39d357g025el6 450 fj 39d457g025fj6 500.0* he 39d507g025he6 700 fl 39d707g025fl6 750 gj 39d757g025gj6 800 je 39d807g025je6 950 fp 39d957g025fp6 1000.0* gl 39d108g025gl6 1100 hj 39d118g025hj6 1500 gp 39d158g025gp6 1600 jj 39d168g025jj6 1700 hl 39d178g025hl6 2200.0* hp 39d228g025hp6 2400 jl 39d248g025jl6 2800 hs 39d288g025hs6 3200 jp 39d328g025jp6 4000.0* js 39d408g025js6 4700.0* jt 39d478g025jt6 30 wvdc at + 85 c, surge = 40 v 75 ee 39d756g030ee6 150 ej 39d157g030ej6 250 el 39d257g030el6 350 fj 39d357g030fj6 400 he 39d407g030he6 500.0* fl 39d507g030fl6 600.0* je 39d607g030je6 700 fp 39d707g030fp6 850 gl 39d857g030gl6 1100.0* gp 39d118g030gp6 1200 hl 39d128g030hl6 1700 hp 39d178g030hp6 1800 jl 39d188g030jl6 2100 hs 39d218g030hs6 2400 jp 39d248g030jp6 3000.0* js 39d308g030js6 3600 jt 39d368g030jt6 document number: 42036 for technical questi ons, contact: aluminumcaps4@vishay.com www.vishay.com revision: 17-nov-06 221 39d aluminum capacitors + 85 c, powerlytic ? electrolytics vishay sprague notes * these values are normally stocked. case codes subject to change without notice. 1. ?4? suffix was clear pvc sleeve. ?6? is blue. electrical data and ordering information capacitance (f) case code part number 40 wvdc at + 85 c, surge = 50 v 75 ee 39d756g040ee6 150 ej 39d157g040ej6 200 el 39d207g040el6 250 ge 39d257g040ge6 300 fj 39d307g040fj6 350 he 39d357g040he6 450 fl 39d457g040fl6 500.0* gj 39d507g040gj6 600 fp 39d607g040fp6 750 gl 39d757g040gl6 1000.0* gp 39d108g040gp6 1100 hl 39d118g040hl6 1500 hp 39d158g040hp6 1600 jl 39d168g040jl6 1900 hs 39d198g040hs6 2100 jp 39d218g040jp6 2600 js 39d268g040js6 3200 jt 39d328g040jt6 50 wvdc at + 85 c, surge = 65 v 50 ee 39d506g050ee6 100 ej 39d107g050ej6 150 el 39d157g050el6 200.0* fj 39d207g050fj6 250.0* he 39d257g050he6 350 fl 39d357g050fl6 450 fp 39d457g050fp6 500.0* gl 39d507g050gl6 700 gp 39d707g050gp6 750 jj 39d757g050jj6 800.0* hl 39d807g050hl6 1100.0* hp 39d118g050hp6 1300 hs 39d138g050hs6 1500 jp 39d158g050jp6 1900 js 39d198g050js6 2300.0* jt 39d238g050jt6 75 wvdc at + 85 c, surge = 95 v 30 ee 39d306g075ee6 75 ej 39d756g075ej6 100 el 39d107g075el6 150.0* fj 39d157g075fj6 200 fl 39d207g075fl6 250.0* je 39d257g075je6 300 fp 39d307g075fp6 350 gl 39d357g075gl6 450 gp 39d457g075gp6 www.vishay.com for technical questions , contact: aluminumcaps4@vishay.com document number: 42036 222 revision: 17-nov-06 39d vishay sprague aluminum capacitors + 85 c, powerlytic ? electrolytics notes * these values are normally stocked. case codes subject to change without notice. 1. ?4? suffix was clear pvc sleeve. ?6? is blue. electrical data and ordering information capacitance (f) case code part number 75 wvdc at + 85 c, surge = 95 v 500 hl 39d507g075hl6 700 hp 39d707g075hp6 750 jl 39d757g075jl6 850 hs 39d857g075hs6 1000.0* jp 39d108g075jp6 1200 js 39d128g075js6 1500 jt 39d158g075jt6 100 wvdc at + 85 c, surge = 125 v 15 ee 39d156f100ee6 35 ej 39d356f100ej6 55 el 39d556f100el6 60 ge 39d606f100ge6 75 fj 39d756f100fj6 90 he 39d906f100he6 110 fl 39d117f100fl6 120 gj 39d127f100gj6 130 je 39d137f100je6 150 fp 39d157f100fp6 180 hj 39d187f100hj6 190 gl 39d197f100gl6 250 gp 39d257f100gp6 260 jj 39d267f100jj6 280 hl 39d287f100hl6 370 hp 39d377f100hp6 390 jl 39d397f100jl6 460 hs 39d467f100hs6 520 jp 39d527f100jp6 650 js 39d657f100js6 780 jt 39d787f100jt6 150 wvdc at + 85 c, surge = 175 v 10 ee 39d106f150ee6 25 ej 39d256f150ej6 40 el 39d406f150el6 50 fj 39d506f150fj6 60 he 39d606f150he6 80 fl 39d806f150fl6 85 gj 39d856f150gj6 88 je 39d886f150je6 100 fp 39d107f150fp6 120 gl 39d127f150gl6 170 gp 39d177f150gp6 190 hl 39d197f150hl6 250 hp 39d257f150hp6 260 jl 39d267f150jl6 310 hs 39d317f150hs6 350 jp 39d357f150jp6 440 js 39d447f150js6 530 jt 39d537f150jt4 document number: 42036 for technical questi ons, contact: aluminumcaps4@vishay.com www.vishay.com revision: 17-nov-06 223 39d aluminum capacitors + 85 c, powerlytic ? electrolytics vishay sprague notes * these values are normally stocked. case codes subject to change without notice. 1. ?4? suffix was clear pvc sleeve. ?6? is blue. electrical data and ordering information capacitance (f) case code part number 200 wvdc at + 85 c, surge = 250 v 9 ee 39d905f200ee6 15 ej 39d156f200ej6 25 el 39d256f200el6 30 ge 39d306f200ge6 35 fj 39d356f200fj6 40 he 39d406f200he6 55 fl 39d556f200fl6 60 gj 39d606f200gj6 75 fp 39d756f200fp6 80 hj 39d806f200hj6 90 gl 39d906f200gl6 120 gp 39d127f200gp6 130 hl 39d137f200hl6 170 hp 39d177f200hp6 180 jl 39d187f200jl6 220 hs 39d227f200hs6 250 jp 39d257f200jp6 310 js 39d317f200js6 370 jt 39d377f200jt6 250 wvdc at + 85 c, surge = 300 v 7 ee 39d705f250ee6 15 ej 39d156f250ej6 20 el 39d206f250el6 30 fj 39d306f250fj6 35 he 39d356f250he6 45 fl 39d456f250fl6 50.0* je 39d506f250je6 60 fp 39d606f250fp6 70 gl 39d706f250gl6 95 gp 39d956f250gp6 100.0* hl 39d107f250hl6 140 hp 39d147f250hp6 150.0* jl 39d157f250jl6 180 hs 39d187f250hs6 200.0* jp 39d207f250jp6 250 js 39d257f250js6 300.0* jt 39d307f250jt6 300 wvdc at + 85 c, surge = 350 v 5 ee 39d505f300ee6 10 ej 39d106f300ej6 15 el 39d156f300el6 20 fj 39d206f300fj6 25 he 39d256f300he6 30 fl 39d306f300fl6 40 fp 39d406f300fp6 50 gl 39d506f300gl6 65 gp 39d656f300gp6 75 hl 39d756f300hl6 www.vishay.com for technical questions , contact: aluminumcaps4@vishay.com document number: 42036 224 revision: 17-nov-06 39d vishay sprague aluminum capacitors + 85 c, powerlytic ? electrolytics notes * these values are normally stocked. case codes subject to change without notice. 1. ?4? suffix was clear pvc sleeve. ?6? is blue. electrical data and ordering information capacitance (f) case code part number 300 wvdc at + 85 c, surge = 350 v 100 hp 39d107f300hp6 120 hs 39d127f300hs6 130 jp 39d137f300jp6 170 js 39d177f300js6 200 jt 39d207f300jt6 350 wvdc at + 85 c, surge = 400 v 4 ee 39d405f350ee6 8 ej 39d805f350ej6 12 el 39d126f350el6 15 fj 39d156f350fj6 20 fl 39d206f350fl6 25 gj 39d256f350gj6 30 fp 39d306f350fp6 40 gl 39d406f350gl6 50 gp 39d506f350gp6 60 hl 39d606f350hl6 80 hp 39d806f350hp6 100 hs 39d107f350hs6 110 jp 39d117f350jp6 130 js 39d137f350js6 160 jt 39d167f350jt6 400 wvdc at + 85 c, surge = 475 v 2 ee 39d205f400ee6 5 ej 39d505f400ej6 10 fj 39d106f400fj6 15 f 39d156f400fl6 20 f 39d206f400fp6 25 gl 39d256f400gl6 35 gp 39d356f400gp6 40 hl 39d406f400hl6 55 hp 39d556f400hp6 65 hs 39d656f400hs6 75 jp 39d756f400jp6 90 js 39d906f400js6 110 jt 39d117f400jt6 450 wvdc at + 85 c, surge = 525 v 1 ee 39d105f450ee6 3 ej 39d305f450ej6 5 el 39d505f450el6 10 fl 39d106f450fl6 15 fp 39d156f450fp6 20 gl 39d206f450gl6 25 gp 39d256f450gp6 35 hp 39d356f450hp6 45 hs 39d456f450hs6 50 jp 39d506f450jp6 65 js 39d656f450js6 75 jt 39d756f450jt6 document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners. mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? 39d107g050ej6? 39d108g075jp6? 39d118g050hp4? 39d118g050hp6? 39d238g050jt4? 39d238g050jt6? 39d268g015jj6? 39d308g030js4? 39d308g030js6? 39d408g025js4? 39d506f250je4? 39d506f250je6? 39d507g030fl6? 39d507g050gl4? 39d756g075ej6? 39d106f150ee6? 39d107f075el7? 39d108g025gl6? 39d157g075fj6? 39d158g050jp6? 39d128g015fl4? 39d128g015fl6? 39d507g040gj6? 39d306f250el4? 39d157g050el4? 39d157g050el6? 39d127f100gj6? 39d507g030fl4? 39d118g030gp4? 39d118g030gp6? 39d507g075hl6? 39d197f100gl7? 39d257g075je7? 39d606f350hl6? 39d606f350hl4? 39d108g010fj4? 39d108g010fj6? 39d207g050fj6? 39d207g050fj4? 39d127f150gl4? 39d127f150gl6? 39d408g025js6? 39d107f250hl6? 39d505f450el4? 39d505f450el6? 39d257g050he6? 39d358g010jj6? 39d478g025jt4? 39d478g025jt6? 39d405f350ee6? 39d357g025el6? 39dx1280? 39d108g075jp4? 39d756f100fj6? 39d808g015jt6? 39d808g015jt4? 39d158g040hp6? 39d158g040hp4? 39d507g050gl6? 39d157f100fp6? 39d117f400jt6? 39d106f300ej6? 39d107f300hp6? 39d157g040ej6? 39d127f200gp7? 39d307g075fp7? 39d957g025fp7? 39d408g015jl6? 39d118g050hp7? 39d157f250jl6? 39d705f250ee7 |
Price & Availability of 39D607G006EJ6 |