Part Number Hot Search : 
SD703 ANTX1 26000 MC14049 BAV99 56M0081 UNR5216S 2SC461
Product Description
Full Text Search
 

To Download 1N6007BT50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2004 fairchild semiconductor corporatio n 1 n5985b - 1n6025b, rev. c 1. july 2006 zeners 1n5985b - 1n6025b electrical characteristics t a =25 c unless otherwise noted device v z (v) @ i z (note 1) test current i z (ma) zener impedance leakage current i zm (m a) (note 2) min. typ. max. z z @ i z ( ? ? ? ? ) z zk @ i zk = 250 a ( ? ? ? ? ) i r (u a) v r (v) 1n5985b 1n5986b 1n5987b 1n5988b 1n5989b 2.58 2.565 2.85 3.135 3.42 2.4 2.7 3 3.3 3.6 2.52 2.835 3.15 3.465 3.78 5 5 5 5 5 100 100 95 95 90 1800 1900 2000 2200 2300 100 75 50 25 15 1 1 1 1 1 208 185 167 152 139 1n5990b 1n5991b 1n5992b 1n5993b 1n5994b 3.705 4.085 4.465 4.845 5.32 3.9 4.3 4.7 5.1 5.6 4.095 4.515 4.935 5.355 5.88 5 5 5 5 5 90 88 70 50 25 2400 2500 2200 2050 1800 10 5 3 2 2 1 1 1.5 2 3 128 116 106 98 89 1n5995b 1n5996b 1n5997b 1n5998b 1n5999b 5.89 6.46 7.125 7.79 8.645 6.2 6.8 7.5 8.2 9.1 6.51 7.14 7.875 8.61 9.555 5 5 5 5 5 10 8 7 7 10 1300 750 600 600 600 1 1 0.5 0.5 0.1 4 5.2 6 6.5 7 81 74 67 61 55 1n6000b 1n6001b 1n6002b 1n6003b 1n6004b 9.5 10.45 11.4 12.35 14.25 10 11 12 13 15 10.5 11.55 12.6 13.65 15.75 5 5 5 5 5 15 18 22 25 32 600 600 600 600 600 0.1 0.1 0.1 0.1 0.1 8 8.4 9.1 9.9 11 50 45 42 38 33 1n6005b 1n6006b 1n6007b 1n6008b 1n6009b 15.2 17.1 19 20.9 22.8 16 18 20 22 24 16.8 18.9 21 23.1 25.2 5 5 5 5 5 36 42 48 55 62 600 600 600 600 600 0.1 0.1 0.1 0.1 0.1 12 14 15 17 18 31 28 25 23 21 1n6010b 1n6011b 1n6012b 1n6013b 1n6014b 25.65 28.5 31.35 34.2 37.05 27 30 33 36 39 28.35 31.5 34.65 37.8 40.95 5 5 5 5 2 70 78 88 95 130 600 600 700 700 800 0.1 0.1 0.1 0.1 0.1 21 23 25 27 30 19 17 15 14 13 zeners 1n5985b - 1n6025b absolute maximum ratings * t a = 25 c unless otherwise noted * these ratings are limiting values above which the serviceability of the diode may be impaired. symbol parameter value units p d power dissipation @ tl 75 c, lead length = 3/8? 500 mw derate above 75 c4.0mw/ c t j , t stg operating and storage temperature range -65 to +200 c tolerance = 5% do-35 glass case color band denotes cathode
?2004 fairchild semiconductor corporation 1n5985b - 1n6025b, rev. c1. july 2006 zeners 1n5985b - 1n6025b electrical characteristics (continued) t a =25 c unless otherwise noted notes: 1. zener voltage (v z ) the zener voltage is measured with the device junction in the themal equilibrium at the lead temperature (t l ) at 30 c 1 c and 3/8? lead length. 2. maximum zener current ratings (i zm ) the maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operation point and the power derating curve. device v z (v) @ i z (note 1) test current i z (ma) zener impedance leakage current i zm (m a) (note 2) min. typ. max. z z @ i z ( ? ? ? ? ) z zk @ i zk = 250 a ( ? ? ? ? ) i r (u a) v r (v) 1n6015b 1n6016b 1n6017b 1n6018b 1n6019b 40.85 44.65 48.45 53.2 58.9 43 47 51 56 62 45.15 49.35 53.55 58.8 65.1 2 2 2 2 2 150 170 180 200 225 900 1000 1300 1400 1400 0.1 0.1 0.1 0.1 0.1 33 36 39 43 47 12 11 9.8 8.9 8 1n6020b 1n6021b 1n6022b 1n6023b 1n6024b 64.6 71.25 77.9 86.45 95 68 75 82 91 100 71.4 78.75 86.1 95.55 105 2 2 2 2 1 240 265 280 300 500 1600 1700 2000 2300 2600 0.1 0.1 0.1 0.1 0.1 52 56 62 69 76 7.4 6.7 6.1 5.5 5 1n6025b 104.5 110 115.5 1 650 3000 0.1 84 4.5 v f forward voltage = 1.2v max @ i f = 200ma
?2004 fairchild semiconductor corporation 1n5985b - 1n6025b, rev. c1 july 2006 zeners 1n5985b - 1n6025b top mark information device line 1 line 2 line 3 line 4 1n5985b 1n5986b 1n5987b 1n5988b 1n5989b logo logo logo logo logo 598 598 598 598 598 5b 6b 7b 8b 9b xy xy xy xy xy 1n5990b 1n5991b 1n5992b 1n5993b 1n5994b logo logo logo logo logo 599 599 599 599 599 0b 1b 2b 3b 4b xy xy xy xy xy 1n5995b 1n5996b 1n5997b 1n5998b 1n5999b logo logo logo logo logo 599 599 599 599 599 5b 6b 7b 8b 9b xy xy xy xy xy 1n6000b 1n6001b 1n6002b 1n6003b 1n6004b logo logo logo logo logo 600 600 600 600 600 0b 1b 2b 3b 4b xy xy xy xy xy 1n6005b 1n6006b 1n6007b 1n6008b 1n6009b logo logo logo logo logo 600 600 600 600 600 5b 6b 7b 8b 9b xy xy xy xy xy 1n6010b 1n6011b 1n6012b 1n6013b 1n6014b logo logo logo logo logo 601 601 601 601 601 0b 1b 2b 3b 4b xy xy xy xy xy 1n6015b 1n6016b 1n6017b 1n6018b 1n6019b logo logo logo logo logo 601 601 601 601 601 5b 6b 7b 8b 9b xy xy xy xy xy 1n6020b 1n6021b 1n6022b 1n6023b 1n6024b logo logo logo logo logo 602 602 602 602 602 0b 1b 2b 3b 4b xy xy xy xy xy 1n6025b logo 602 5b xy
?2004 fairchild semiconductor corporation 1n5985b - 1n6025b, rev. c1 july 2006 zeners 1n5985b - 1n6025b top mark information (continued) general requirements: 1.0 cathod band 2.0 first line: f - fairchild logo 3.0 second line: device name - for 1nxx series: 3 rd to 5th characters of the device name. for bzxx series: 4 th to 6 th characters of the device name. 4.0 third line: device name - for 1nxx series: 6 th to 7 th characters of the device name. for bzxyy series: voltage rating 5.0 fourth line: xy or xyl - two digit - six weeks date code where: x represents the last digit of the calendar year y represents the six weeks numeric code l represents the large die identification 6.0 devices shall be marked as required in the device specification (pid or fsc test spec). 7.0 maximum no. of marking lines: 4 8.0 maximum no. of digits per line: 3 9.0 fsc logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line. 10.0 marking font: arial (except fsc logo) 11.0 first character of each marking line must be aligned vertically f 522 9b xy 1 st line: f - fairchild logo 2 nd line: device name - 3 rd to 5 th characters of the device name. or 4 th to 6 th characters for bzxyy series 3 rd line: device name - 6 th to 7 th characters of the device name. or voltage rating for bzxyy series 4 th line: device code or - two digit - six weeks date code. date code plus or two digit - six weeks date code large die identification plus large die identification, ?l?
rev. i20 trademarks the following are registered and unregistered trademarks fairch ild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fai rchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms acex? activearray? bottomless? build it now? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? fast ? fastr? fps? frfet? fact quiet series? globaloptoisolator? gto? hisec? i 2 c? i-lo ? implieddisconnect? intellimax? isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? pop? power247? poweredge? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? serdes? scalarpump? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tcm? tinyboost? tinybuck? tinypwm? tinypower? tinylogic ? tinyopto? trutranslation? uhc? unifet? ultrafet ? vcx? wire? across the board. around the world.? the power franchise ? programmable active droop? datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only.
careers | sitema go datasheets, samples, buy technical information applications design center support company investors my f a home >> find products >> product status/pricing/packaging 1n6007b zener diode contents ? product status/pricing/packaging ? order samples ? qualification support datasheet download this datasheet e - mail this datasheet this page print version product product status pb-free status pricing* package type leads packing method package marking convention** 1n6007b full production $0.0218 do-35 2 bulk line 1: $y (fairchild logo) line 2: 600 line 3: 7b line 4: &2 1n6007b_t50a full production n/a do-35 2 ammo line 1: $y (fairchild logo) line 2: 600 line 3: 7b line 4: &2 1n6007b_t50r full production n/a do-35 2 tape reel line 1: $y (fairchild logo) line 2: 600 line 3: 7b line 4: &2 * fairchild 1,000 piece budgetary pricing ** a sample button will appear if the part is available through fa irchild's on-line samples program. if there is no sample butt on, please contact a fairchild distributor to obtain samples related links request samples how to order products product change notices (pcns) support sales support quality and reliability design cente r pa g e 1 of 2 product folder - fairchil d p/n 1n6007b - zener diode 16-au g -2007 mhtml:file://c:\temp\1n6007b _ t50a.mht
back to top qualification support click on a product for detailed qualification data back to top indicates product with pb -free second-level interconne ct. for more information click here. package marking information for product 1n6007b is available. click here for more information . product 1n6007b 1n6007b_t50a 1n6007b_t50r ? 2007 fairchild semiconductor products | design center | support | company news | investors | my fairchild | contact us | site index | privacy policy | site terms & conditions | standard terms & conditions o pa g e 2 of 2 product folder - fairchil d p/n 1n6007b - zener diode 16-au g -2007 mhtml:file://c:\temp\1n6007b _ t50a.mht


▲Up To Search▲   

 
Price & Availability of 1N6007BT50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X