Part Number Hot Search : 
C128C 7C331 SC141B A3941 200BZ BAS40W3 74121 XN1118
Product Description
Full Text Search
 

To Download 030-7272-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 7 lt2007 (9/07) laminated transformers type ei30 / 12.5 - 1.2va frequency 50/60hz potted under vacuum split-bobbin temperature class t a 70c/b short-circuit-proof (where noted: 1/2/3* under agency approvals) weight: 0.08kg packaging unit: 25 pieces (tube) 2 3 4 5 7 8 9 6 32,5 (1.28) 4 x 5 (4 x 0.20) 27,5 (1.08) 10 24 (0.94) 3,5 (0.138) 20 (0.80) pin ? 0,8 mm (pin dia. 0.031 ) 1 mechanical schematics 1 57 9 no. 1 no. 2 1 5 6 7 9 10 no. 3 1 57 9 4 2 no. 4 1 56 7 9 10 4 2 agency approvals 1. ul 506, file e113449 2. ul 1585, file e175197 3. en61558     230 6 / 200 8.70 1 030-7268.0 1/2/3 * 230 9 / 133 12.30 1 030-7269.0 1/2/3 * 230 12 / 100 16.60 1 030-7270.0 1/2/3 * 230 15 / 80 21.20 1 030-7271.0 1/2/3 * 230 18 / 66 27.80 1 030-7272.0 1/2/3 * 230 24 / 50 34.50 1 030-7273.0 1/2/3 * 230 2x6 / 100 2x8.70 2 030-7274.0 1/2/3 * 230 2x9 / 66 2x12.30 2 030-7275.0 1/2/3 * 230 2x12 / 50 2x16.60 2 030-7276.0 1/2/3 * 230 2x15 / 40 2x20.60 2 030-7277.0 1/2/3 * 230 2x18 / 33 2x25.80 2 030-7278.0 1 230 2x24 / 25 2x32.90 2 030-7279.0 1 115 6 / 200 8.70 1 030-7256.0 1/2/3 * 115 9 / 133 12.30 1 030-7257.0 1/2/3 * 115 12 / 100 16.60 1 030-7258.0 1/2/3 * 115 15 / 80 21.20 1 030-7259.0 1/2/3 * 115 18 / 66 27.80 1 030-7260.0 1/2/3 * 115 24 / 50 34.50 1 030-7261.0 1/2/3 * 115 2x6 / 100 2x8.70 2 030-7262.0 1/2/3 * 115 2x9 / 66 2x12.30 2 030-7263.0 1/2/3 * 115 2x12 / 50 2x16.60 2 030-7264.0 1/2/3 * 115 2x15 / 40 2x20.60 2 030-7265.0 1/2/3 * 115 2x18 / 33 2x25.80 2 030-7266.0 1 115 2x24 / 25 2x32.90 2 030-7267.0 1 2x115 6 / 200 8.95 3 030-6061.0 1/2/3 * 2x115 9 / 133 12.90 3 030-6064.0 1/2/3 * 2x115 12 / 100 16.70 3 030-6067.0 1/2/3 * 2x115 15 / 80 24.70 3 030-6070.0 1/2/3 * 2x115 18 / 66 29.50 3 030-6073.0 1/2/3 * 2x115 24 / 50 35.80 3 030-6079.0 1/2/3 * 2x115 2x6 / 100 2x9.15 4 030-6084.0 1/2/3 * 2x115 2x9 / 66 2x13.70 4 030-6087.0 1/2/3 * 2x115 2x12 / 50 2x17.30 4 030-6090.0 1/2/3 * 2x115 2x15 / 40 2x24.70 4 030-6093.0 1/2/3 * 2x115 2x18 / 33 2x29.40 4 030-6096.0 1 2x115 2x24 / 25 2x35.80 4 030-6102.0 1 *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " v " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load schematic part agency (v) (v / ma) voltage (v) no. number approvals


▲Up To Search▲   

 
Price & Availability of 030-7272-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X